Part Number Hot Search : 
CVCO55B 30021 GA32A 1A000 T421002 30BF20TR 6358N R5S7084
Product Description
Full Text Search
 

To Download CDBB240LR-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l o w v f l o w i r s m d s c h o t t k y b a r r i e r r e c t i f i e r s reverse v oltage: 20 to 200 v olts forward current: 2.0 amp rohs device page 1 rev :a cdbb220lr-hf thru. cdbb2200lr-hf qw -jl027 comchip t echnology co., l td. features -ultra high-speed switching. mechanical data -case: molded plastic, do-214aa / smb -t erminals: solderable per mil-std-750, method 2026. -polarity: indicated by cathode band. -w eight: 0.091 grams -low profile surface mount applications in order to optimize board space. -low power loss, high ef ficiency . -hight current capability , low forward voltage drop. -hight surge capability . -guardring for overvoltage protection. -epoxy: ul94-v0 rate flame retardant. -silicon epitaxial planar chip,metal silicon junction. cdbb 220lr-hf max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage cdbb 240 lr-hf cdbb 260 lr-hf cdbb 2100 lr-hf cdbb 2150 lr-hf units symbol parameter v rrm v dc v rms 20 20 14 40 40 28 60 60 42 100 100 70 150 150 105 v v v cdbb 2200 lr-hf 200 200 140 max. instantaneous forward voltage @ 2.0a, t a =25c v f 0.40 0.45 0.55 0.75 0.82 v 0.85 operating t emperature t j -50 to +150 -50 to +175 c forward surge current reverse current storage temperature a a ma parameter conditions on rate load (jedec method) 8.3ms single half sine-wave superimposed forward rectified current see fig.1 thermal resistance diode junction capacitance v r =v rrm t a =25c v r =v rrm t a =100c f=1mh z and applied 4v dc reverse v oltage junction to ambient symbol i o i fsm i r r ja c j t stg i r min. typ . max. ma c/w pf c 2.0 70 0.5 20 50 30 -50 +175 units halogen free maximum ratings and electrical characteristics ratings at t a=25c unless otherwise noted. single phase, half wave, 60hz, resistive or inductive loaded. for capacitive load, derate current by 20% . d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 1 4 a a ( s m b ) 0 . 0 9 8 ( 2 . 5 0 ) 0 . 0 8 3 ( 2 . 1 0 ) 0 . 0 8 7 ( 2 . 2 0 ) 0 . 0 7 5 ( 1 . 9 0 ) 0 . 1 5 7 ( 4 . 0 0 ) 0 . 1 3 0 ( 3 . 3 0 ) 0 . 1 8 9 ( 4 . 8 0 ) 0 . 1 5 7 ( 4 . 0 0 ) 0 . 0 1 2 ( 0 . 3 1 ) m a x . 0 . 2 2 0 ( 5 . 6 0 ) 0 . 1 9 7 ( 5 . 0 0 ) 0 . 0 6 3 ( 1 . 6 0 ) 0 . 0 2 8 ( 0 . 7 0 ) 0 . 0 0 8 ( 0 . 2 1 ) m a x .
ra ting and characteristic cur ves (cdbb220lr-hf thru. cdbb2200lr-hf) forward v oltage, (v) 0.1 0.01 0.1 1.0 10 100 0.9 reverse v oltage, (v) 0.01 0 200 700 1 10 100 ambient t emperature, (c) 0 1.2 1.6 1.1 1.5 0 100 175 0.4 2.4 0.5 1.3 0.8 number of cycles at 60hz 0 p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 60 100 1 10 100 20 80 40 t j =25c 8.3ms single half sine wave, jedec method 25 50 75 150 125 2.0 0.1 100 400 300 600 500 a v e r a g e f o r w a r d c u r r e n t , ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) p u l s e w i d t h 3 0 0 u s 1 % d u t y c y c l e 0.7 0.3 j u n c t i o n c a p a c i t a n c e , ( p f ) fig.4 t ypical junction capacitance - fig.3 maximum non-repetitive - forward surge current fig.2 t ypical forward characteristics - fig.1 - t ypical forward current 3 3.0 percent of rated peak reverse v oltage, (%) fig.5 t ypical reverse characteristics - r e v e r s e l e a k a g e c u r r e n t , ( m a ) 140 80 60 120 0 0.1 10 100 20 0.01 40 100 l o w v f l o w i r s m d s c h o t t k y b a r r i e r r e c t i f i e r s page 2 rev :a comchip t echnology co., l td. derating curve t j = 2 5 c 1.0 c d b b 2 1 5 0 l r - h f ~ c d b b 2 2 0 0 l r - h f c d b b 2 2 0 l r - h f ~ c d b b 2 1 0 0 l r - h f c d b b 2 1 0 0 l r - h f ~ c d b b 2 2 0 0 l r - h f c d b b 2 2 0 l r - h f ~ c d b b 2 4 0 l r - h f c d b b 2 6 0 l r - h f t j =1 25 c t j =2 5 c qw -jl027
l o w v f l o w i r s m d s c h o t t k y b a r r i e r r e c t i f i e r s page 3 rev :a comchip t echnology co., l td. qw -jl027 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start direction of feed reel t aping specification b c d d d 2 d 1 s y m b o l ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 8 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 5 0 . 0 m i n . 1 3 . 5 0 0 . 5 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 2 . 0 0 0 . 3 0 1 8 . 4 0 1 . 0 0 3 3 0 2 . 0 0 0 . 0 5 9 0 . 0 0 4 1 2 . 9 9 0 . 0 7 9 0 . 5 3 1 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 3 1 5 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 7 2 4 0 . 0 4 0 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 5 . 5 0 0 . 1 0 0 . 2 1 7 0 . 0 0 4 4 . 0 0 0 . 1 0 0 . 1 5 7 0 . 0 0 4 5 . 9 0 0 . 1 0 0 . 2 3 2 0 . 0 0 4 3 . 0 0 0 . 1 0 0 . 1 1 8 0 . 0 0 4 0 . 6 0 0 . 1 0 0 . 2 3 6 0 . 0 0 4 t 0 . 4 7 2 0 . 0 1 2 ( s m b ) d o - 2 1 4 a a ( s m b ) d o - 2 1 4 a a o 1 2 0 d 1 d 2 d w 1 t c i n d e x h o l e d e f b w p p 0 p 1 a a
part number cdbb220lr-hf marking code marking code cdbb240 - lr hf cdbb260 - lr hf cdbb2100 - lr hf cdbb2150 - lr hf cdbb2200 - lr hf kl22 kl 24 kl 26 kl 210 kl 215 kl 220 l o w v f l o w i r s m d s c h o t t k y b a r r i e r r e c t i f i e r s page 4 rev :a comchip t echnology co., l td. x x x x x cathod band xxxxx = product type marking code qw -jl027 suggested p ad layout size (inch) 0.169 (mm) 4.30 2.50 2.30 0.098 0.091 6.80 0.268 e 1.80 0.071 a b c d d o - 2 1 4 a a ( s m b ) a b c e d standard packaging c a s e t y p e 3 , 0 0 0 r e e l ( p c s ) reel size (inch) 1 3 r e e l p a c k d o - 2 1 4 a a ( s m b )


▲Up To Search▲   

 
Price & Availability of CDBB240LR-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X