Part Number Hot Search : 
SKY77542 KLC17 SP3223EU DW303 M66011FP MAZD075 2SK27 W742C816
Product Description
Full Text Search
 

To Download C3D10065I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? 650-volt schottky rectifer ? ceramic package provides 2.5kv isolation ? zero reverse recovery current ? high-frequency operation ? temperature-independent switching behavior ? positive temperature coeffcient on v f benefts ? electrically isolated package ? essentially no switching losses ? higher effciency ? reduction of heat sink requirements ? parallel devices without thermal runaway applications ? hvac ? switch mode power supplies package maximum ratings (t c = 25 ?c unless otherwise specifed) symbol parameter value unit test conditions note v rrm repetitive peak reverse voltage 650 v v rsm surge peak reverse voltage 650 v v dc dc blocking voltage 650 v i f continuous forward current 19 10 8.5 a t c =25?c t c =125?c t c =135?c i frm repetitive peak forward surge current 28.6 17.7 a t c =25?c, t p =10 ms, half sine pulse t c =110?c, t p =10 ms, half sine pulse i fsm non-repetitive peak forward surge current 80 70 a t c =25?c, t p =10 ms, half sine pulse t c =110?c, t p =10 ms, half sine pulse p tot power dissipation 60 26 w t c =25?c t c =110?c t j operating junction range -55 to +175 ?c t stg, t c storage temperature and case temperature -55 to +150 ?c to-220 mounting torque 1 8.8 nm lbf-in m3 screw 6-32 screw part number package marking C3D10065I isolated to-220-2 C3D10065I C3D10065I silicon carbide schottky diode z -r ec ? r ectifier pin 1 pin 2 case v rrm = 650 v i f ( t c =125?c) = 10 a q c = 25 nc C3D10065I rev. b
2 electrical characteristics symbol parameter typ. max. unit test conditions note v f forward voltage 1.5 2.0 1.8 2.4 v i f = 10 a t j =25c i f = 10 a t j =175c i r reverse current 12 24 60 220 a v r = 650 v t j =25c v r = 650 v t j =175c q c total capacitive charge 25 nc v r = 650 v, i f = 10 a d i /d t = 500 a/s t j = 25c c total capacitance 480 50 42 pf v r = 0 v, t j = 25c, f = 1 mhz v r = 200 v, t j = 25?c, f = 1 mhz v r = 400 v, t j = 25?c, f = 1 mhz note: 1. this is a majority carrier diode, so there is no reverse recovery charge. thermal characteristics symbol parameter typ. unit r jc package thermal resistance from junction to case 2.6 c/w typical performance 0 2 4 6 8 10 12 14 16 18 20 0 0.5 1 1.5 2 2.5 3 3.5 v f (v) i f (a) figure 1. forward characteristics 0 2 4 6 8 10 12 0 100 200 300 400 500 600 700 800 current (a) voltage (v) figure 2. reverse characteristics v r (v) i r (a) t j = -55c t j = 25c t j = 75c t j =125c t j =175c t j = -55c t j = 25c t j = 75c t j =125c t j =175c C3D10065I rev. b
3 0 5 10 15 20 25 30 35 40 45 25 50 75 100 125 150 175 figure 3. current derating typical performance 20% duty* 30% duty* 50% duty* 70% duty* dc 0 10 20 30 40 50 60 0 200 400 600 800 1000 0 50 100 150 200 250 300 350 400 450 500 0.1 1 10 100 1000 figure 5. recovery charge vs. reverse voltage figure 6. capacitance vs. reverse voltage 0.0 10.0 20.0 30.0 40.0 50.0 60.0 25 50 75 100 125 150 175 qrr (nc) v r (v) c (pf) v r (v) figure 4. power derating p tot (w) t c ?c i f (a) t c ?c C3D10065I rev. b
4 0.001 0.01 0.1 1 10 1e - 6 10e - 6 100e - 6 1e - 3 10e - 3 100e - 3 1 10 100 typical performance figure 7. transient thermal impedance thermal resistance (?c/w) t (sec) v t r t diode model csd10060 vf t = v t + if*r t v t= 0.92 + (t j * - 1.35*10 - 3 ) r t= 0.052 + (t j * 0.29*10 - 3 ) note: t j = diode junction temperature in degrees celsius diode model vf t = v t +if*r t v t = 0.98+(t j * -1.6*10 -3 ) r t = 0.04+(t j * 0.522*10 -3 ) C3D10065I rev. b
5 package dimensions a a1 b b1 c c1 d e e1 e1 f dimensions in millimeters symbol min max dimensions in inches min max 4.420 4.720 1.174 0.186 2.520 2.820 0.099 0.111 0.910 0.028 0.036 1.170 1.370 0.046 0.054 0.710 0.360 0.460 0.014 0.018 1.170 1.370 0.046 0.054 9.950 10.250 0.392 0.404 8.930 9.290 0.352 0.366 12.550 12.850 0.494 0.506 4.980 5.180 0.196 0.204 2.590 2.890 0.102 0.114 f l l1 2.590 2.890 0.102 0.114 13.080 13.480 0.515 0.531 2.470 2.870 0.097 0.113 3.790 3.890 0.149 0.153 C3D10065I rev. b
6 6 recommended solder pad layout part number package marking C3D10065I isolated to-220-2 C3D10065I measurements shown in inches to-220-2 note: recommended soldering profles can be found in the applications note here: http://www.cree.com/power_app_notes/soldering C3D10065I rev. b copyright ? 2013 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo, and zero recovery are registered trademarks of cree, inc. cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5451 www.cree.com/power ? rohs compliance the levels of rohs restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with eu directive 2011/65/ec (rohs2), as implemented january 2, 2013. rohs declarations for this product can be obtained from your cree representative or from the product documentation sections of www.cree.com. ? reach compliance reach substances of high concern (svhcs) information is available for this product. since the european chemi - cal agency (echa) has published notice of their intent to frequently revise the svhc listing for the foreseeable future,please contact a cree representative to insure you get the most up-to-date reach svhc declaration. reach banned substance information (reach article 67) is also available upon request. ? this product has not been designed or tested for use in, and is not intended for use in, applications implanted into the human body nor in applications in which failure of the product could lead to death, personal injury or property damage, including but not limited to equipment used in the operation of nuclear facilities, life-support machines, cardiac defbrillators or similar emergency medical equipment, aircraft navigation or communication or control systems, air traffc control systems, or weapons systems. notes


▲Up To Search▲   

 
Price & Availability of C3D10065I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X