Part Number Hot Search : 
X4165V8 1408C 25P16V PF1008N LR3114Z 10D15 5KE15 LH5268A
Product Description
Full Text Search
 

To Download BD902 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bd896, bd898, bd900, BD902 pnp silicon power darlingtons  
  1 august 1993 - revised september 2002 specifications are subject to change without notice. designed for complementary use with bd895, bd897, bd899 and bd901 70 w at 25c case temperature 8 a continuous collector current minimum h fe of 750 at 3v, 3a absolute maximum ratings at 25c case temperature (unless otherwise noted) notes: 1. derate linearly to 150c case temperature at the rate of 0.56 w/c. 2. derate linearly to 150c free air temperature at the rate of 16 mw/c. rating symbol value unit collector-base voltage (i e = 0) bd896 bd898 bd900 BD902 v cbo -45 -60 -80 -100 v collector-emitter voltage (i b = 0) bd896 bd898 bd900 BD902 v ceo -45 -60 -80 -100 v emitter-base voltage v ebo -5 v continuous collector current i c -8 a continuous base current i b -0.3 a continuous device dissipation at (or below) 25c case temperature (see note 1) p tot 70 w continuous device dissipation at (or below) 25c free air temperature (see note 2) p tot 2w operating free-air temperature range t a -65 to +150 c operating junction temperature range t j -65 to +150 c storage temperature range t stg -65 to +150 c b c e to-220 package (top view) pin 2 is in electrical contact with the mounting base. mdtraca 1 2 3
bd896, bd898, bd900, BD902 pnp silicon power darlingtons 2  
  august 1993 - revised september 2002 specifications are subject to change without notice. notes: 3. these parameters must be measured using pulse techniques, t p = 300 s, duty cycle 2%. 4. these parameters must be measured using voltage-sensing contacts, separate from the current carrying conta cts. ? voltage and current values shown are nominal; exact values vary slightly with transistor parameters. electrical characteristics at 25c case temperature (unless otherwise noted) parameter test conditions min typ max unit v (br)ceo collector-emitter breakdown voltage i c = -100 ma i b = 0 (see note 3) bd896 bd898 bd900 BD902 -45 -60 -80 -100 v i ceo collector-emitter cut-off current v ce = -30 v v ce = -30 v v ce = -40 v v ce = -50 v i b =0 i b =0 i b =0 i b =0 bd896 bd898 bd900 BD902 -0.5 -0.5 -0.5 -0.5 ma i cbo collector cut-off current v cb = -45 v v cb = -60 v v cb = -80 v v cb = -100 v v cb = -45 v v cb = -60 v v cb = -80 v v cb = -100 v i e =0 i e =0 i e =0 i e =0 i e =0 i e =0 i e =0 i e =0 t c = 100c t c = 100c t c = 100c t c = 100c bd896 bd898 bd900 BD902 bd896 bd898 bd900 BD902 -0.2 -0.2 -0.2 -0.2 -2 -2 -2 -2 ma i ebo emitter cut-off current v eb = -5 v i c = 0 (see notes 3 and 4) -2 ma h fe forward current transfer ratio v ce = -3 v i c = -3 a (see notes 3 and 4) 750 v ce(sat) collector-emitter saturation voltage i b = -12 ma i c = -3 a (see notes 3 and 4) -2.5 v v be(on) base-emitter voltage v ce = -3 v i c = -3 a (see notes 3 and 4) -2.5 v v ec parallel diode forward voltage i e = -8 a i b = 0 -3.5 v thermal characteristics parameter min typ max unit r jc junction to case thermal resistance 1.79 c/w r ja junction to free air thermal resistance 62.5 c/w resistive-load-switching characteristics at 25c case temperature parameter test conditions ? min typ max unit t on tu r n - o n t i m e i c = -3 a v be(off) = 3.5 v i b(on) = -12 ma r l = 10 ? i b(off) = 12 ma t p = 20 s, dc 2% 1s t off turn-off time 5s
bd896, bd898, bd900, BD902 pnp silicon power darlingtons 3  
  august 1993 - revised september 2002 specifications are subject to change without notice. typical characteristics figure 1. figure 2. figure 3. typical dc current gain vs collector current i c - collector current - a -05 -10 -10 h fe - typical dc current gain 50000 100 1000 10000 tcs135ad t c = -40c t c = 25c t c = 100c v ce = -3 v t p = 300 s, duty cycle < 2% collector-emitter saturation voltage vs collector current i c - collector current - a -05 -10 -10 v ce(sat) - collector-emitter saturation voltage - v -20 -15 -10 -05 tcs135ab t c = -40c t c = 25c t c = 100c t p = 300 s, duty cycle < 2% i b = i c / 100 base-emitter saturation voltage vs collector current i c - collector current - a -05 -10 -10 v be(sat) - base-emitter saturation voltage - v -30 -25 -20 -15 -10 -05 tcs135ac t c = -40c t c = 25c t c = 100c i b = i c / 100 t p = 300 s, duty cycle < 2%
bd896, bd898, bd900, BD902 pnp silicon power darlingtons 4  
  august 1993 - revised september 2002 specifications are subject to change without notice. maximum safe operating regions figure 4. thermal information figure 5. maximum forward-bias safe operating area v ce - collector-emitter voltage - v -10 -10 -100 -1000 i c - collector current - a -0.01 -01 -10 -10 sas135ad bd896 bd898 bd900 BD902 maximum power dissipation vs case temperature t c - case temperature - c 0 255075100125150 p tot - maximum power dissipation - w 0 10 20 30 40 50 60 70 80 tis130ab


▲Up To Search▲   

 
Price & Availability of BD902

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X