Part Number Hot Search : 
BCR153L3 F0515 ITR20004 405I11BM PLVA665A 101KC ICM7361T 10C3TR
Product Description
Full Text Search
 

To Download AP9974BGP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet low on-resistance bv dss 60v single drive requirement r ds(on) 13.5m fast switching characteristic i d 65a description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 1.2 /w rthj-a maximum thermal resistance, junction-ambient 62 /w data and specifications subject to change without notice parameter storage temperature range operating junction temperature range -55 to 150 thermal data pulsed drain current 1 260 total power dissipation 104 continuous drain current, v gs @ 10v 65 continuous drain current, v gs @ 10v 40 drain-source voltage 60 gate-source voltage + 20 AP9974BGP parameter rating 200906193 rohs-compliant product 1 -55 to 150 g d s advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. g d s to-220(p) the to-220 package is widely preferred for commercial-industrial applications and suited for low voltage applications.
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 60 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =40a - - 13.5 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 - 4 v g fs forward transconductance v ds =10v, i d =30a - 50 - s i dss drain-source leakage current v ds =60v, v gs =0v - - 25 ua drain-source leakage current (t j =125 o c) v ds =48v ,v gs =0v - - 250 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =30a - 52 84 nc q gs gate-source charge v ds =48v - 13 - nc q gd gate-drain ("miller") charge v gs =10v - 20 - nc t d(on) turn-on delay time 2 v ds =30v - 14 - ns t r rise time i d =30a - 64 - ns t d(off) turn-off delay time r g =3.3 , v gs =10v - 31 - ns t f fall time r d =1 -44- ns c iss input capacitance v gs =0v - 2650 4240 pf c oss output capacitance v ds =25v - 250 - pf c rss reverse transfer capacitance f=1.0mhz - 170 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =40a, v gs =0v - - 1.3 v t rr reverse recovery time 2 i s =10a, v gs =0 v , - 42 - ns q rr reverse recovery charge di/dt=100a/s - 77 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. AP9974BGP 2
AP9974BGP fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 20 40 60 80 100 120 0123456 v ds , drain-to-source voltage (v) i d , drain current (a) t c = 150 o c 10v 8 .0v 7.0 v 6.0 v v g = 5.0 v 10 12 14 16 18 20 22 45678910 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =30a t c =25 o c 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =40a v g =10v 0 10 20 30 40 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.4 0.6 0.8 1.0 1.2 1.4 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v) 0 40 80 120 160 200 02468 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 8.0v 7.0v 6.0v v g = 5.0 v
fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 AP9974BGP q v g 10v q gs q gd q g charge 100 1000 10000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0 2 4 6 8 10 12 0 20406080 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =30v v ds =36v v ds =48v i d =30a 1 10 100 1000 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms dc 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse t d(on) t r t d(off) t f v ds v gs 10% 90%


▲Up To Search▲   

 
Price & Availability of AP9974BGP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X