Part Number Hot Search : 
4N80B2C3 2N510 MMG3014 20400609 2520C CTW13X8 3BCPG 12068
Product Description
Full Text Search
 

To Download ALN0925BT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/4 www.asb.co.kr december 2008 plerow tm ALN0925BT internally matched lna module the plerow tm aln-series is the compactly designed surface-mount module for the use of the lna with or without the following gain blocks in the infrastructure equipment of the mobile wireless (cdma, gsm, pcs, phs, wcdma, dmb, wlan, wibro, wimax), gps, satellite communi- cation terminals, catv and so on. it has an exceptional performance of low noise figure, high gain, high oip3, and low bias current. the stability factor is always kept more than unity over the application band in order to ensure its unconditionally stable implementation to the application system environment. the surface-mount module package including the completed matching circuit and other components necessary just in case allows very simple and convenient implementation onto the system board in mass production level. specifications parameter unit min typ max frequency range mhz 890 960 gain db 17 18 gain flatness db 0.4 0.5 noise figure db 0.8 0.85 output ip3 (1) dbm 28 30.5 s11 / s22 (2) db -14 / -14 output p1db dbm 15 16.5 switching time (3) sec - supply current ma 60 70 supply voltage v 5 impedance ? 50 max. rf input power dbm c.w 23 ~ 25 (before fail) package type & size mm surface mount type, 10wx10lx3.8h operating temperature is -40 c to +85 c. 1) oip3 is measured with two tones at an output power of 0 dbm / tone separated by 1 mhz. 2) s11/s22 (max) is the worst value within the frequency band. 3) switching time means the time that takes for output power to get stabilized to its final level after switching dc voltage fr om 0 v to v s . pin number function 2 rf in 5 rf out 6 +vcc others ground outline drawing (unit: mm) features s 21 = 18.4 db @ 890 mhz = 17.6 db @ 960 mhz nf of 0.8 db over frequency unconditionally stable single 5v supply high oip3 @ low current note: 1. the number and size of ground via holes in a circuit board is critical for thermal rf grounding considerations. 2. we recommend that the ground via holes be placed on the bottom of all ground pins fo r better rf and thermal performance, as shown in the drawing at the left side. description (recommended footprint) a ln0925bt a sb inc. (top view) (bottom view) ? 0.4 plated thru holes to ground plane plerow (side view) website: www.asb.co.kr e-mail: sales@asb.co.kr tel: (82) 42-528-7223 fax: (82) 42-528-7222 asb inc., 4th fl. venture town bldg., 367-17 goijeong-dong, seo-gu, daejon 302-716, korea more information 1-stage single type typ. @ t = 25 c, v s = 5 v, freq. = 925 mhz, z o.sys = 50 ohm solder stencil area specifications (in production)
2/4 www.asb.co.kr december 2008 plerow tm ALN0925BT internally matched lna module s-parameters noise figure oip3 p1db 890~960 +5 v typical performance (measured) 890 900 910 920 930 940 950 960 -30 -25 -20 -15 -10 -5 0 14 15 16 17 18 19 20 s12 s11 s22 s21 s21 [db] s11, s22, s12 [db] frequency [mhz] 0 1000 2000 3000 4000 5000 6000 7000 8000 9000 -70 -60 -50 -40 -30 -20 -10 0 10 20 30 0 1 2 3 4 5 6 7 8 9 10 s12 s11 s22 s21 s - parameter [db] frequency [mhz] stability factor k s-parameters & k factor
3/4 www.asb.co.kr december 2008 plerow tm ALN0925BT internally matched lna module 1. s-parameter 2. oip3, p1db & nf note: tested at room temperature. 1. s-parameter 2. oip3, p1db & nf note: tested at v s = 5v. 890 mhz 925 mhz 960 mhz s21 (db) s11 (db) s22 (db) s21 (db) g/f (db) s11 (db) s22 (db) s21 (db) s11 (db) s22 (db) 4.50 v 18.58 -20.17 -15.51 18.27 0.52 -20.73 -17.02 18.06 -21.02 -18.58 4.75 v 18.60 -20.55 -15.43 18.30 0.52 -21.13 -16.92 18.08 -21.48 -18.40 5.00 v 18.61 -20.88 -15.29 18.31 0.52 -21.49 -16.77 18.09 -21.85 -18.26 5.25 v 18.61 -21.13 -15.17 18.31 0.52 -21.78 -16.63 18.09 -22.18 -18.09 5.50 v 18.61 -21.33 -15.04 18.31 0.51 -22.10 -16.45 18.10 -22.47 -17.90 890 mhz 925 mhz 960 mhz oip3 (dbm) p1db (dbm) nf (db) oip3 (dbm) p1db (dbm) nf (db) oip3 (dbm) p1db (dbm) nf (db) 4.50 v 29.32 16.44 0.703 29.78 16.07 0.692 28.93 16.05 0.671 4.75 v 29.08 16.84 0.684 29.58 16.59 0.665 28.65 16.51 0.684 5.00 v 28.84 17.25 0.697 29.32 17.00 0.685 28.41 16.97 0.730 5.25 v 28.73 17.64 0.729 29.27 17.44 0.715 28.31 17.45 0.814 5.50 v 28.79 18.06 0.765 29.30 17.83 0.743 28.32 17.85 0.832 890 mhz 925 mhz 960 mhz s21 (db) s11 (db) s22 (db) s21 (db) g/f (db) s11 (db) s22 (db) s21 (db) s11 (db) s22 (db) -45 c 19.39 -20.77 -15.26 19.09 0.65 -24.38 -16.18 18.74 -23.25 -17.17 -10 c 19.18 -21.12 -15.15 18.88 0.64 -23.65 -16.11 18.54 -21.87 -17.14 25 c 18.97 -20.17 -15.10 18.65 0.64 -22.53 -16.19 18.33 -20.54 -17.24 60 c 18.82 -20.43 -14.97 18.50 0.65 -21.29 -16.00 18.17 -19.42 -17.03 85 c 18.70 -19.82 -14.71 18.38 0.65 -20.39 -15.70 18.05 -18.70 -16.72 890 mhz 925 mhz 960 mhz oip3 (dbm) p1db (dbm) nf (db) oip3 (dbm) p1db (dbm) nf (db) oip3 (dbm) p1db (dbm) nf (db) -45 c 31.95 16.72 0.414 31.99 15.96 0.385 32.14 15.72 0.399 -10 c 30.90 16.95 0.502 30.82 16.45 0.492 31.15 16.33 0.541 25 c 30.15 16.65 0.694 29.96 16.68 0.683 30.33 16.65 0.720 60 c 29.93 17.07 0.824 29.75 16.71 0.825 30.20 16.74 0.845 85 c 30.31 16.90 0.943 30.17 16.60 0.938 30.60 16.79 0.981 rf performance with operating temperature rf performance with voltage change
4/4 www.asb.co.kr december 2008 plerow tm ALN0925BT internally matched lna module 1) the tantal capacitor is optional and for bypa ssing the ac noise introduced from the dc supply. the capacitance value may be determined by customer?s dc supply status. 2) so-called dc blocking capacitors are always necessarily placed at the input and output port for allowing only the rf signal to pass and bl ocking the dc component in the signal. the dc blocking capacitors are included inside the lna module. therefore, c1 & c2 capacitors may not be necessary, but can be added just in case that the customer wants. the value of c1 & c2 is determined by considering the application frequency. application circuit recommended soldering reflow process evaluation board layout + - aln out in c1 c2 tantal capacitor v dc 20~40 sec 260 c 200 c 150 c 60~180 sec ramp-up (3 ? c/sec) ramp-down (6 c/sec) size 25 x 25mm in out +vcc (for aln-at, bt, t series ? 10x10mm)


▲Up To Search▲   

 
Price & Availability of ALN0925BT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X