Part Number Hot Search : 
KJ12ETT 487LI 440GX HM7550 DY10F 29333C 128128A 60R199
Product Description
Full Text Search
 

To Download AD82585 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  esmt/emp AD82585 elite semiconductor memory technology inc./elite micropower inc. publication date: feb. 2013 revision: 0.2 1/38 2x20w stereo digital audio amplifier with drc features ? 16/18/20/24-bit input with i 2 s, left-alignment and right-alignment data format ? psnr & dr(a-weighting) loudspeaker: 94db (psnr), 106db (dr) @24v ? multiple sampling frequencies (fs) 32khz / 44.1khz / 48khz and 64khz / 88.2khz / 96khz and 128khz/176.4khz/192khz ? system clock = 64x, 128x, 256x, 384x, 512x, 768x, 1024x fs 256x~1024x fs for 32khz / 44.1khz / 48khz 128x~512x fs for 64khz / 88.2khz / 96khz 64x~256x fs for 128kh z/176.4khz/192khz ? supply voltage 3.3v for digital circuit 10v~26v for loudspeaker driver ? loudspeaker output power for 24v 10w x 2ch into 8 ? @0.16% thd+n for stereo 15w x 2ch into 8 ? @0.18% thd+n for stereo 20w x 2ch into 8 ? @0.24% thd+n for stereo ? sounds processing including: volume control (+24db~-103db, 0.125db/step) dynamic range control power clipping channel mixing user programmed noise gate with hysteresis window dc-blocking high-pass filter ? anti-pop design ? short circuit and over-temperature protection ? i 2 c control interface ? internal pll ? lv under-voltage shutdown and hv under-voltage detection ? power saving mode ? dynamic temperature control applications ? tv audio ? boom-box, cd and dvd receiver, docking system ? powered speaker ? wireless audio description AD82585 is a digital audio amplifier capable of driving a pair of 8 ? , 20w speaker which operate with play music at a 24v supply without external heat-sink or fan requirement. using i 2 c digital control interface, the user can control AD82585?s input format selection, mute and volume control functions. AD82585 has many built-in protection circuits to safeguard AD82585 from connection errors. ordering information product id package packing / mpq comments AD82585-lg48nay e-lqfp-48l (7x7 mm) 2.5k units / small box (250 units / tray, 10 trays / small box) green
esmt/emp AD82585 elite semiconductor memory technology inc./elite micropower inc. publication date: feb. 2013 revision: 0.2 2/38 pin assignment (top view) pin description pin name type description characteristics 1 la o left channel output a. 2 nc not connected. 3 vddla p left channel supply a. 4 nc not connected. 5 nc not connected. 6 nc not connected. 7 nc not connected. 8 clk_out o clock output from pll. ttl output buffer 9 dgnd p digital ground. 10 nc not connected. 11 nc not connected. 12 nc not connected. 13 dvdd p digital power. 14 error o error status, low active. open-drain output 15 mclk i master clock input. schmitt trigger ttl input buffer 16 nc not connected. 17 nc not connected. 18 nc not connected. 19 pd i power down, low active schmitt trigger ttl input buffer
esmt/emp AD82585 elite semiconductor memory technology inc./elite micropower inc. publication date: feb. 2013 revision: 0.2 3/38 20 lrcin i left/right clock input (fs). schmitt trigger ttl input buffer 21 bclk i bit clock input (64fs). schmitt trigger ttl input buffer 22 sdata i serial audio data input. schmitt trigger ttl input buffer 23 sda i/o i 2 c bi-directional serial data. schmitt trigger ttl input buffer 24 scl i i 2 c serial clock input. schmitt trigger ttl input buffer 25 reset i reset, low active. schmitt trigger ttl input buffer 26 nc not connected. 27 dvdd p digital power. 28 dgnd p digital ground. 29 nc not connected. 30 nc not connected. 31 nc not connected. 32 nc not connected. 33 nc not connected. 34 vddra p right channel supply a. 35 nc not connected. 36 ra o right channel output a. 37 gndr p right channel ground. 38 nc not connected. 39 rb o right channel output b. 40 nc not connected. 41 vddrb p right channel supply b. 42 nc not connected. 43 nc not connected. 44 vddlb p left channel supply b. 45 nc not connected. 46 lb o left channel output b. 47 nc not connected. 48 gndl p left channel ground.


▲Up To Search▲   

 
Price & Availability of AD82585

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X