Part Number Hot Search : 
82C55AZ DTC123 HAT2116H MIC25 PD100F2 ZMM27HCA 0JFLL MMBTA
Product Description
Full Text Search
 

To Download ACT8899 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  innovative power tm - 1 - www.active-semi.com copyright ? 2011 active-semi, inc. activepmu tm is a trademark of active-semi. i 2 c tm is a trademark of nxp. ACT8899 advanced pmu for freescale i.mx53 processor features ? optimized for freescale i.mx53 processor ? three step-down dc/dc converters ? four low-dropout linear regulators ? i 2 c tm serial interface ? advanced enable/disable sequencing controller ? minimal external components ? tiny 44mm tqfn44-32 package ? 0.75mm package height ? pb-free and rohs compliant general description the ACT8899 is a complete, cost effective, highly- efficient activepmu tm power management solution, optimized for the unique power, voltage- sequencing, and control requirements of the freescale i.mx53 processor. this device features three step-down dc/dc converters and four low-noise, low-dropout linear regulators. the three dc/dc converters utilize a high- efficiency, fixed-frequency (2mhz), current-mode pwm control architecture that requires a minimum number of external components. two dc/dcs are capable of supplying up to 1150ma of output current, while the third supports up to 1300ma. all four low-dropout linear regulators are high- performance, low-noise, regulators that support up to 320ma. the ACT8899 is available in a compact, pb-free and rohs-compliant tqfn44-32 package. system blo ck diagram ? product brief, 05-dec-11 free datasheet http:///
ACT8899 product brief, 05-dec-11 ? innovative power tm - 2 - www.active-semi.com copyright ? 2011 active-semi, inc. ACT8899 reg6 ldo reg7 ldo sda vp2 gp2 sw2 out2 out2 vp1 gp1 sw1 out1 out1 to battery out7 out6 reg5 ldo out5 out7 out6 out5 system control nirq reg4 ldo out4 out4 inl45 refbp reference vp3 gp3 sw3 out3 out3 ga ep to battery to battery to battery npbstat pwrhld pwren scl vsel out7 out7 npbin push button vddref serial interface nrsto out7 inl67 to battery to battery vddref a ctive-semi product options block function output voltage capability reg1 step-down dc/dc 0.6v to 3.9v 1150ma reg2 step-down dc/dc 1150ma reg3 step-down dc/dc 1300ma reg4 ldo 0.6v to 3.9v 320ma reg5 ldo 320ma reg6 ldo 320ma reg7 ldo 320ma 0.6v to 3.9v 0.6v to 3.9v 0.6v to 3.9v 0.6v to 3.9v 0.6v to 3.9v functional block diagram ACT8899 free datasheet http:///


▲Up To Search▲   

 
Price & Availability of ACT8899

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X