Part Number Hot Search : 
2N1445 008BKR ES51W4 EGP30D PD030 BZW06 Z5250 85XXX
Product Description
Full Text Search
 

To Download ACT8895 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  innovative power tm - 1 - www.active-semi.com copyright ? 2010 active-semi, inc. activepmu tm is trademark of active-semi. i 2 c tm is a trademark of nxp. product brief, 29-nov-10 ACT8895 advanced pmu for sirf prima tm and atlas iv tm features ? optimized for sirf prima tm /atlas iv tm processors ? three step-down dc/dc converters ? four low-dropout linear regulators ? i 2 c tm serial interface ? advanced enable/disable sequencing controller ? minimal external components ? tiny 55mm tqfn55-32 package ? 0.75mm package height ? pb-free and rohs compliant applications ? personal navigation devices ? portable media players ? tablet devices ? smart phones ? mids general description the ACT8895 is a complete, cost effective, highly- efficient activepmu tm power management solution, optimized for the unique power, voltage- sequencing, and control requirements of the sirf prima tm and atlas iv tm processors. this device features three step-down dc/dc converters and four low-noise, low-dropout linear regulators. the three dc/dc converters utilize a high- efficiency, fixed-frequency (2mhz), current-mode pwm control architecture that requires a minimum number of external components. two dc/dcs are capable of supplying up to 900ma of output current, while the third supports up to 700ma. all four low- dropout linear regulators are high-performance, low-noise, regulators that each supply up to 150ma. the ACT8895 is available in a compact, pb-free and rohs-compliant tqfn55-32 package. typical application diagram ? free datasheet http:///
ACT8895 product brief, 29-nov-10 ? innovative power tm - 2 - www.active-semi.com copyright ? 2010 active-semi, inc. product options block function output voltage capability reg1 step-down dc/dc adjustable, or 0.6v to 3.9v 900ma reg2 step-down dc/dc 700ma reg3 step-down dc/dc 900ma reg4 ldo 0.6v to 3.9v 150ma reg5 ldo 150ma reg6 ldo 150ma reg7 ldo 150ma functional block diagram free datasheet http:///


▲Up To Search▲   

 
Price & Availability of ACT8895

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X