Part Number Hot Search : 
HEF4042B AD584JN PS11016 BUD42DG PG506B E006963 SM14M24C 30006
Product Description
Full Text Search
 

To Download 53K117-C06N1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet n 50 ? straight jack 53K117-C06N1 all dimensions are in mm; tole rances according to iso 2768 m-h description female coaxial connector, series n a cc. international interface standards. the connector is designed for 1-1/4??r corrugated cables. the connector is waterproof in mated and unmated condition. the connector will be delivered single pa cked including assembly instruction. interface according to iec 60169-16, mil-prf-39012, cecc 22210 documents assembly instruction 60 i41 material and plating connector parts material plating center contact spring bronze silver, 3-6 m outer contact brass flash white bronze over silver(e.g. optargen?) body brass white bronze(e.g. optalloy?) dielectric tpx rosenberg e r h o ch frequen z te chnik g m bh & co. kg , germany rosenberger asia pacific electronic co., ltd., china page tel . : +49 8684 1 8 -0 fax: + 49 86 84 1 8 -49 9 tel . : +86 10 80481995 fax: +86 10 80497052 www.ros e nberger. de email: info @rose n berg er.de www.rosenbergerap.com email: info@rosenbergerap.com 1 / 2 rf_35/06.07/5.0 gasket silicone
technical data sheet n 50 ? straight jack 53K117-C06N1 electrical data impedance 50 ? frequency dc to 11 ghz return loss 35 db, dc to 1 ghz 30 db, 1 to 2.7 ghz insertion loss 0.05 db insulation resistance 5 x10 3 m ? center contact resistance 1 m ? outer contact resistance 0.25 m ? test voltage (at sea level) 2500 v rms working voltage (at sea level) 1400 v rms power handling (at 20 c, s e a l e vel , v s wr 1.0) 1000 w @ 1 ghz 700 w @ 2 ghz rf-leakage 128db up to 1 ghz intermodulation (3 rd ord e r) -115 dbm @ 2 x 20 w - li mi a i o n s are po s s i bl e due to the used cab l e typ e - t t mechanical data mating cycles min. 500 center contact captivation: axial 28 n radial 3 ncm coupling test torque max. 1.7 nm recommended torque 0.7 nm to 1.1 nm environmental data temperature range -45c to +85c thermal shock mil-std-202, meth. 107, cond. b corrosion mil-std-202, meth. 101, cond. b vibration mil-std-202, meth. 204, cond. b shock mil-std-202, meth. 213, cond. i moisture resistance mil-std-202, meth. 106 degree of protection iec 60529, ip68 2002/95/ec (rohs) compliant tooling 99w101-c06 suitable cables sl 114r (recommended) or andrew ldf6-50a or leoni 1 1/4?r packing standard 1 pce in bag w e i g h t 3 3 6 g/pce wh il e t h e in fo rm at i o n h a s been caref u ll y co mpil ed t o t h e bes t of ou r k n o w l e d g e, n o th in g i s i n t e n d e d a s r e p r e s e n t a t i o n o r w a r r a n t y o n our part and no stateme n t herein shall be con s t r ued as recom m end a ti on t o in fri n g e existin g p a t e nt s. i n the e ffo rt to im p r o v e ou r pro d uc t s , we res e rv e t h e ri ght t o mak e c h anges j u dged t o be nec e s s a ry . rosenberg e r h o ch frequen z te chnik g m bh & co. kg , germany rosenberger asia pacific electronic co., ltd., china page tel . : +49 8684 1 8 -0 fax: + 49 86 84 1 8 -49 9 tel . : +86 10 80481995 fax: +86 10 80497052 www.ros e nberger. de email: info @rose n berg er.de www.rosenbergerap.com email: info@rosenbergerap.com 2 / 2 rf_35/06.07/5.0 d r a f t d a t e c h e c k e r a p p r o v e d d a t e r e v . engineering change n u m b e r n a m e d a t e r o g e r 1 6 / 0 4 / 0 9 s o n g z g k e v i n 06.11.09 2 . 0 0 9 - v 4 1 6 z h a i q k 27/10/09


▲Up To Search▲   

 
Price & Availability of 53K117-C06N1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X