Part Number Hot Search : 
CD4033A G24064 D74HC3 BYX82 B45196 CY28352 6H2CNL AD5426
Product Description
Full Text Search
 

To Download 2SC5703 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC5703 2004-07-01 1 toshiba transistor silicon npn epitaxial type 2SC5703 high-speed switching applications dc-dc converter applications strobe applications ? high dc current gain: h fe = 400 to 1000 (i c = 0.5 a) ? low collector-emitter saturation voltage: v ce (sat) = 0.12 v (max) ? high-speed switching: t f = 55 ns (typ.) maximum ratings (ta = 25c) characteristics symbol rating unit collector-base voltage v cbo 100 v collector-emitter voltage v cex 80 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 7 v dc i c 4 collector current pulse i cp 7 a base current i b 400 ma dc 800 collector power dissipation t = 10 s p c (note) 1250 mw junction temperature t j 150 c storage temperature range t stg ? 55 to 150 c note: mounted on an fr4 board (glass epoxy, 1.6 mm thick, cu area: 645 mm 2 ) electrical characteristics (ta = 25c) characteristics symbol test condition min typ. max unit collector cut-off current i cbo v cb = 100 v, i e = 0 ? ? 100 na emitter cut-off current i ebo v eb = 7 v, i c = 0 ? ? 100 na collector-emitter breakdown voltage v (br) ceo i c = 10 ma, i b = 0 50 ? ? v h fe (1) v ce = 2 v, i c = 0.5 a 400 ? 1000 dc current gain h fe (2) v ce = 2 v, i c = 1.6 a 200 ? ? collector-emitter saturation voltage v ce (sat) i c = 1.6 a, i b = 32 ma ? ? 0.12 v base-emitter saturation voltage v be (sat) i c = 1.6 a, i b = 32 ma ? ? 1.10 v collector output capacitance c ob v cb = 10 v, i e = 0, f = 1 mhz ? 26 ? pf rise time t r ? 45 ? storage time t stg ? 700 ? switching time fall time t f see figure 1 circuit diagram. v cc ? = 19 ? i b1 = ? i b2 = 53.3 ma ? 55 ? ns unit: mm jedec D jeita D toshiba 2-3s1a weight: 0.01 g (typ.)
2SC5703 2004-07-01 2 marking w a part no. (or abbreviation code) lot code (month) lot code (year) dot: even year no dot: odd year figure 1 switching time test circuit & timing chart i b2 i b1 20 s output input i b2 i b1 r l v cc duty cycle < 1%
2SC5703 2004-07-01 3 base-emitter voltage v be (v) collector current i c (a) base-emitter saturation voltage v be (sat) (v) collector-emitter voltage v ce (v) i c ? v ce collector current i c (a) collector current i c (a) h fe ? i c dc current gain h fe collector current i c (a) v ce (sat) ? i c collector-emitter saturation voltage v ce (sat) (v) collector current i c (a) v be (sat) ? i c i c ? v be 0.001 1 0.1 0.01 0.001 0.01 0.1 1 10 common emitter i c /i b = 50 single nonrepetitive pulse 25 ? 55 ta = 100c 0.001 0.01 0.1 1 10 10 0.1 1 common emitter i c /i b = 50 single nonrepetitive pulse 25 ? 55 ta = 100c 1 0.001 0.01 0.1 1 10 10 100 1000 10000 common emitter v ce = 2 v single nonrepetitive pulse ? 55 ta = 100c 25 0 0 common emitter ta = 25c single nonrepetitive pulse 0.2 0.6 0.4 60 50 40 30 20 10 5 i b = 1 ma 5 4 3 2 1 2 common emitter v ce = 2 v single nonrepetitive pulse 0 0 5 4 3 2 1 ta = 100c ? 55 25 0.4 1.2 0.8
2SC5703 2004-07-01 4 collector-emitter voltage v ce (v) safe operating area collector current i c (a) r th ? t w pulse width t w (s) transient thermal resistance r th (c/w) curves should be applied in thermal limited area. single nonrepetitive pulse ta = 25c mounted on an fr4 board (glass epoxy, 1.6 mm thick, cu area: 645 mm 2 ) 1000 1 0.001 100 10 0.01 0.1 1 10 100 1000 10 0.01 100 0.1 1 0.1 1 10 i c max (pulsed) ? dc operation * (ta = 25c) v ceo max 10 s ? 100 s ? 1 ms ? 10 ms ? 100 ms ? * 10 s ? * i c max (continuous) ? : single nonrepetitive pulse ta = 25c note that the curves for 100 ms * , 10 s * and dc operation * will be different when the devices aren?t mounted on an fr4 board (glass epoxy, 1.6 mm thick, cu area: 645 mm 2 ). these characteristic curves must be derated linearly with increase in temperature.
2SC5703 2004-07-01 5 ? the information contained herein is subject to change without notice. ? the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba for any infringements of patents or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of toshiba or others. ? toshiba is continually working to im prove the quality and reliab ility of its products. neve rtheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc.. ? the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunctio n or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk. ? toshiba products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations. 030619eaa restrictions on product use


▲Up To Search▲   

 
Price & Availability of 2SC5703

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X