Part Number Hot Search : 
A8227P QF1800 CS48C LTC3105 SP4412 39861 AMS385AN AT403S12
Product Description
Full Text Search
 

To Download 2N6357 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon npn power transistors 2N6357 description ? with to-3 package ? high dc current gain ? darlington applications ? for general-purpose amplifier and low-frequency switching applications pinning pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 80 v v ceo collector-emitter voltage open base 60 v v ebo emitter-base voltage open collector 5 v i c collector current 20 a i b base current 0.5 a p d total power dissipation t c =25 ?? 150 w t j junction temperature 200 ?? t stg storage temperature -65~200 ?? thermal characteristics symbol parameter value unit r th j-c thermal resistance junction to case 1.09 ?? /w fig.1 simplified outline (to-3) and symbol
jmnic product specification 2 silicon npn power transistors 2N6357 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdwon voltage i c =0.2a ;i b =0 60 v v cesat-1 collector-emitter saturation voltage i c =10a ;i b =40ma 2.0 v v cesat-2 collector-emitter saturation voltage i c =20a ;i b =1a 4.0 v v be sat base-emitter saturation voltage i c =20a ;i b =1a 4.0 v v be base-emitter on voltage i c =10a ; v ce =4v 2.8 v i ceo collector cut-off current v ce =60v;i b =0 1.0 ma i cbo collector cut-off current v cb =80v; i e =0 0.5 ma i ebo emitter cut-off current v eb =5v; i c =0 5.0 ma h fe-1 dc current gain i c =4a ; v ce =5v 500 5000 h fe-2 dc current gain i c =20a ; v ce =5v 100
jmnic product specification 3 silicon npn power transistors 2N6357 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.10mm)


▲Up To Search▲   

 
Price & Availability of 2N6357

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X