Part Number Hot Search : 
LD2X10 AP04N SXX18 LZA2B SA211 SA211 PC1602 PBSS41
Product Description
Full Text Search
 

To Download 2N3237 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2N3237 description with to-3 package excellent safe operating area low collector saturation voltage applications for power amplifier and switching circuits applications pinning pin description 1 base 2 emitter 3 collector absolute maximum ratings (ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 90 v v ceo collector-emitter voltage open base 90 v v ebo emitter-base voltage open collector 5 v i c collector current 20 a i b base current 7.5 a p d total power dissipation t c =25 200 w t j junction temperature 150  t stg storage temperature -65~200  thermal characteristics symbol parameter value unit r th j-c thermal resistance junction to case 0.875 /w fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2N3237 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =0.2a ;i b =0 90 v v ce(sat)-1 collector-emitter saturation voltage i c =10a; i b =1.0a 1.4 v v ce(sat)-2 collector-emitter saturation voltage i c =20a ;i b =4.0a 4.0 v v be(on) base-emitter on voltage i c =10a ; v ce =4v 2.2 v i ceo collector cut-off current v ce =45v; i b =0 1.0 ma i cbo collector cut-off current v cb =90v; i e =0 0.1 ma i ebo emitter cut-off current v eb =5v; i c =0 0.1 ma h fe-1 dc current gain i c =1a ; v ce =4v 40 h fe-2 dc current gain i c =10a ; v ce =4v 15 60 h fe-3 dc current gain i c =20a ; v ce =4v 5
savantic semiconductor product specification 3 silicon npn power transistors 2N3237 package outline fig.2 outline dimensions (unindicated tolerance:0.1mm)


▲Up To Search▲   

 
Price & Availability of 2N3237

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X