Part Number Hot Search : 
MX13030 0100100 G100EI FRF061 TPW150A SAMTEC SM3P2 245MTC
Product Description
Full Text Search
 

To Download 15KE180CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.5ke6.8(c)a - 1.5ke440(c)a 1.5ke6.8(c)a - 1.5ke440(c)a 1500 watt transient voltage suppressors absolute maximum ratings* t a = 25c unless otherwise noted discrete power & signal technologies ? 1998 fairchild semiconductor corporation symbol parameter value units p ppm peak pulse power dissipation at t a = 25 c, t p =1ms minimum 1500 w i ppm peak pulse current see table a p d steady state power dissipation .375 " lead length @ t a = 75 c 5.0 w i f(surge) peak forward surge current superimposed on rated load (jedec method) (note 1) 200 a t stg storage temperature range -65 to +175 c t j operating junction temperature -65 to +175 c features ? glass passivated junction. ? 1500w peak pulse power capability at 1.0 ms. ? excellent clamping capability. ? low incremental surge resistance. ? fast response time; typically less than 1.0 ps from 0 volts to bv for unidirectional and 5.0 ns for bidirectional. ? typical i r less than 1.0 m a above 10v. devices for bipolar applications - bidirectional types use ca suffix. - electrical characteristics apply in both directions. do-201ae color band denotes cathode * these ratings are limiting values above which the serviceability of any semiconductor device may be impaired. note 1: measured on 8.3 ms single half-sine wave; duty cycle = 4 pulses per minute maximum. 1.0 min (25.4) 0.210 (5.334) 0.188 (4.775) 0.042 (1.067) 0.037 (0.940) 0.375 (9.525) 0.265 (6.731) dimensions in inches (mm) free datasheet http://www.datasheet-pdf.com/
1.5ke6.8(c)a - 1.5ke440(c)a transient voltage supressors (continued) electrical characteristics t a = 25c unless otherwise noted uni-directional bi-directional (c) device reverse stand-off voltage v rwm (v) breakdown voltage v br (v) min max test current i t (ma) max clamping voltage @ippm v c (v) max peak pulse surge current i ppm (a) max reverse leakage v rwm i r (ua)* 1.5ke6.8(c)a 5.80 6.45 7.14 10 10.5 143 1000 1.5ke7.5(c)a 6.40 7.13 7.88 10 11.3 133 500 1.5ke8.2(c)a 7.02 7.79 8.61 10 12.1 124 200 1.5ke9.1(c)a 7.78 8.65 9.55 1 13.4 112 50 1.5ke10(c)a 8.55 9.50 10.5 1 14.5 103 10 1.5ke11(c)a 9.40 10.5 11.6 1 15.6 96.2 5 1.5ke12(c)a 10.2 11.4 12.6 1 16.7 90.0 5 1.5ke13(c)a 11.1 12.4 13.7 1 18.2 82.0 5 1.5ke15(c)a 12.8 14.3 15.8 1 21.2 71.0 5 1.5ke16(c)a 13.6 15.2 16.8 1 22.5 67.0 5 1.5ke18(c)a 15.3 17.1 18.9 1 26.2 59.5 5 1.5ke20(c)a 17.1 19.0 21.0 1 27.7 54.2 5 1.5ke22(c)a 18.8 20.9 23.1 1 30.6 49.0 5 1.5ke24(c)a 20.5 22.8 25.2 1 33.2 45.2 5 1.5ke27(c)a 23.1 25.7 28.4 1 37.5 40.0 5 1.5ke30(c)a 25.6 28.5 31.5 1 41.4 36.2 5 1.5ke33(c)a 28.2 31.4 34.7 1 45.7 33.0 5 1.5ke36(c)a 30.8 34.2 37.8 1 49.9 30.1 5 1.5ke39(c)a 33.3 37.1 41.0 1 53.9 28.0 5 1.5ke43(c)a 36.8 40.9 45.2 1 59.3 25.3 5 1.5ke47(c)a 40.2 44.7 49.4 1 64.8 23.2 5 1.5ke51(c)a 43.6 48.5 53.6 1 70.1 21.4 5 1.5ke56(c)a 47.8 53.2 58.8 1 77.0 19.5 5 1.5ke62(c)a 53.0 58.9 65.1 1 85.0 17.7 5 1.5ke68(c)a 58.1 64.6 71.4 1 92.0 16.3 5 1.5ke75(c)a 64.1 71.3 78.8 1 104.0 14.6 5 1.5ke82(c)a 70.1 77.9 86.1 1 113.0 13.3 5 1.5ke91(c)a 77.8 86.5 95.5 1 125.0 12.0 5 1.5ke100(c)a 85.5 95.0 105.0 1 137.0 11.0 5 1.5ke110(c)a 94.0 106.0 116.0 1 152.0 9.9 5 1.5ke120(c)a 102.0 114.0 126.0 1 165.0 9.1 5 1.5ke130(c)a 111.0 124.0 137.0 1 179.0 8.4 5 1.5ke150(c)a 128.0 143.0 158.0 1 207.0 7.2 5 1.5ke160(c)a 136.0 152.0 168.0 1 219.0 6.8 5 1.5ke170(c)a 145.0 162.0 179.0 1 234.0 6.4 5 1.5ke180(c)a 154.0 171.0 189.0 1 246.0 6.1 5 1.5ke200(c)a 171.0 190.0 210.0 1 274.0 5.5 5 1.5ke220(c)a 185.0 209.0 231.0 1 328.0 4.6 5 1.5ke250(c)a 214.0 237.0 263.0 1 344.0 4.5 5 1.5ke300(c)a 256.0 285.0 315.0 1 414.0 3.8 5 1.5ke350(c)a 300.0 333.0 368.0 1 482.0 3.2 5 1.5ke400(c)a 342.0 380.0 420.0 1 548.0 2.8 5 1.5ke440(c)a 376.0 418.0 462.0 1 602.0 2.6 5 * for bidirectional parts with v rwm <10v, the i r max limit is doubled. free datasheet http://www.datasheet-pdf.com/
1.5ke6.8(c)a - 1.5ke440(c)a transient voltage supressors (continued) typical characteristics steady state power derating curve 0 25 50 75 100 125 150 175 200 0 1.25 2.5 3.75 5 lead temperature ( c) power dissipation (w) o pulse derating curve 0 25 50 75 100 125 150 175 200 0 25 50 75 100 ambient temperature ( c) pulse power (%) o non-repetitive surge current 12 51020 50100 10 20 50 100 200 number of cycles at 60hz forward surge current (a) t = t max 8.3ms single half sine-wave jedec method a a unidirectional only peak pulse power rating curve 0.0001 0.001 0.01 0.1 1 10 0.1 1 10 100 pulse width (ms) pulse power (kw) t = 25 c o a pulse waveform 01234 0 50 100 150 ti me (ms) peak pulse current (%) t = 25 c o a pulse width (td) is defined as the point where the peak current decays to 50% of ipp 10/1000 m sec waveform as defined by r.e.a. tf = 10 m sec e-kt peak value ippm half value-ipp 2 td junction capacitance 5 10 20 50 100 200 500 10 100 1000 10000 reverse voltage (v) capacitance (pf) t = 25 c o a f = 1.0 mhz visg = 50m vp-p m easured at zero bias measured at stand-off voltage (v mw) unidirectional bidirectional unidirectional free datasheet http://www.datasheet-pdf.com/


▲Up To Search▲   

 
Price & Availability of 15KE180CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X