Part Number Hot Search : 
DLM50 200AAO5B CT350 LT1172MK 1102B KRC102M Q68000 MX25V
Product Description
Full Text Search
 

To Download 012-540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  79 jqx-141ff 03001003502 29 12.6 20.6 slim type and small occupying area can offer high density p .c.b. technique. employment of suitable plastic materials to be applied to high temperature and various chemical solution. relay covers switching capacity from 10a to 20a. switching capacity by 5a available with 2 transfer contact forms. ordering information jqx-141ff c s 10 dc12v 0.54 3.5 1 2 3 4 5 6 7 1 part number jqx-141ff 2 contact arrangement 1a:1a 2a:2a 1c:1c 2c:2c 3 enclosure s: sealed type z: dust cover 4 contact current 5a,8a,10a,16a 5 coil rated voltage(v) dc:3,5,6,9,12,24,48 6 coil power consumption 0.54:0.54w 0.72:0.72w 7 pole-distance 3.5:3.5mm 5:5.0mm 1a (spstno) 2a (dpstno) 1c (spdt (b-m)) 2c (dpdt(b-m)) agcdo agsno 2 contact material 1a,1c 1a,1c 2a,2c 16a/250vac;30vdc 1a:20a/120vac contact rating resistive 10a/250vac,30vdc 5a/250vac,30vdc inductive 8a/250vac,30vdc 5a/250vac,5a/30vdc 2a/250vac,3a/30vdc max. switching power resistive 480w 4000va 300w 2500va 150w 1250va inductive 240w 2000va 150w 1875va 90w 500va max. switching v oltage 125vdc 380v ac max. switching current:20a contact resistance or voltage drop 100m item 4.12 of iec 61810-7 5 electrical 10 item 4.30 of iec 61810-7 7 mechanical 10 item 4.31 of iec 61810-7 operational life coil parameter caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. dash numbers coil voltage vdc rated max. coil resistance 10% pickup voltage vdc(max) (80%of rated voltage ) release voltage vdc(min) (5% of rated voltage) coil power consumption w operate time ms release time ms 0.54 20 8 0.72 15 8 003-540 005-540006-540 009-540 012-540 024-540 048-540 003-720 005-720006-720 009-720 012-720 024-720 048-720 3 56 9 1224 48 3 56 9 1224 48 3.9 6.57.8 11.7 15.631.2 62.4 3.9 6.57.8 11.7 15.631.2 62.4 17 4768 155270 1100 4400 12.5 3650 115 200820 3300 2.4 4.04.8 7.2 9.6 19.238.4 2.4 4.04.8 7.2 9.6 19.238.4 0.15 0.250.30 0.45 0.60 1.20 2.40 0.15 0.250.30 0.45 0.60 1.20 2.40 r50007462 80 jqx-141ff operation condition safety approvals safety approval cqc load 16a/250vac insulation resistance 1000m min (at 500vdc) item 7 of iec 61810-5 dielectric strengthbetween contacts between contact and coil 50hz 1200v item 6 of iec 61810-5 50hz 5000v item 6 of iec 61810-5 2 shock resistance 100m/s 11ms iec68-2-27 t est ea vibration resistance 10~50hz iec68-2-6 test fc terminals strength 10n i ec68-2-21 t est u a1 solderability 235 2 3 0.5s i ec68-2-20 t est t a m ethod 1 ambient t emperature relative humidity 85% (at 40 ) iec68-2-3 t est ca mass 13g double amplitude 1.5mm 0.54w:-30~70 ; 0.72w:-30~55 dimensions notes 1).dimensions are in millimeters. 2).inch equivalents are given for general information only . wiring diagram (bottom view) 29max. 5.08 5.08 5.08 20.3 20.3 20 20 7.5 12.6max. 1a 1c 2a 2c 3.5 3.5 3.5 (5.08) (5.08) (5.08) (3.5) (3.5) (3.5) 6-0.4 1 2.2 2-0.6 0.6 mounting (bottom view) dimensions 1a 1c 2a 2c 1c 1a 16a 10a t v 16a/250vac,30vdc 2 0 . 6 m a x . 4 0 . 3 5- 1.3 7 . 5 7 . 5 4- 1.3 7 . 5 7 . 5 8- 1.3 6- 1.3 u contact data e158859 r c us ul&cur no: 16a/250v ac nc: 12a/250v ac mm /inch 1.142max. 0.496max. 0.024 0.024 0.016 0.039 0.087 0 . 1 5 7 0 . 0 1 2 0 . 8 1 1 m a x . 0.295 0.138 0.200 0.138 0.200 0.138 0.200 0.138 0.200 0.138 0.200 0.138 0.200 0.051 0.051 0 . 2 9 5 0 . 2 9 5 0.799 0.799 0.787 0.787 0 . 2 9 5 0 . 2 9 5 0.051 0.051 features contact arrangement contact arrangement r50079107 2a,2c:5a/250vac,30vdc ningbo huaguan electronics corporation l td .


▲Up To Search▲   

 
Price & Availability of 012-540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X