Part Number Hot Search : 
30KPA60A D5341 MAX38 1N5352 S4299 P823F TK17016S SSR1645
Product Description
Full Text Search
 

To Download VS-40L15CTSPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94217 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 15-mar-10 1 schottky rectifier, 2 x 20 a VS-40L15CTSPBF, vs-40l15ct-1pbf vishay high power products features ? 125 c t j operation (v r < 5 v) ? center tap module ? optimized for or-ing applications ? ultralow forward voltage drop ? high frequency operation ? high purity, high temperature epoxy encapsulation for enhanced mechanical strength and mois ture resistance ? guard ring for enhanced ruggedness and long term reliability ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? halogen-free according to iec 61249-2-21 definition ? compliant to rohs directive 2002/95/ec ? aec-q101 qualified description the center tap schottky rectifie r module has been optimized for ultralow forward voltage drop specifically for the or-ing of parallel power supplies. the proprietary barrier technology allows for reliable operation up to 125 c junction temperature. typical applications are in parallel switching power supplies, co nverters, reverse battery protection, and redund ant power subsystems. product summary i f(av) 2 x 20 a v r 15 v i rm 600 ma at 100 c v s -40l15ct s p b f d 2 pak to-262 v s -40l15ct-1p b f ba s e common cathode a node anode common cathode 1 3 2 2 ba s e common cathode anode anode common cathode 1 3 2 2 major ratings and characteristics symbol characteristics values units i f(av) rectangular waveform 40 a v rrm 15 v i fsm t p = 5 s sine 700 a v f 19 apk, t j = 125 c (per leg, typical) 0.25 v t j - 55 to 125 c voltage ratings parameter symbol test conditions VS-40L15CTSPBF vs-40l15ct-1pbf units maximum dc reverse voltage v r t j = 100 c 15 v maximum working peak reverse voltage v rwm absolute maximum ratings parameter symbol test conditions values units maximum average forward current see fig. 5 per leg i f(av) 50 % duty cycle at t c = 85 c, rectangular waveform 20 a per device 40 maximum peak one cycle non-repetitive surge current per leg see fig. 7 i fsm 5 s sine or 3 s rect. pulse following any rated load condition and with rated v rrm applied 700 10 ms sine or 6 ms rect. pulse 330 non-repetitive avalanche energy per leg e as t j = 25 c, i as = 2 a, l = 6 mh 10 mj repetitive avalanche current per leg i ar current decaying linear ly to zero in 1 s frequency limited by t j maximum v a = 1.5 x v r typical 2a
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94217 2 revision: 15-mar-10 VS-40L15CTSPBF, vs-40l15ct-1pbf vishay high power products schottky rectifier, 2 x 20 a note (1) pulse width < 300 s, duty cycle < 2 % electrical specifications parameter symbol test co nditions typ. max. units maximum forward voltage drop per leg see fig. 1 v fm (1) 19 a t j = 25 c -0.41 v 40 a - 0.52 19 a t j = 125 c 0.25 0.33 40 a 0.37 0.50 reverse leakage current per leg see fig. 2 i rm (1) t j = 25 c v r = rated v r -10 ma t j = 100 c - 600 threshold voltage v f(to) t j = t j maximum 0.182 v forward slope resistance r t 7.6 m maximum junction ca pacitance per leg c t v r = 5 v dc (test signal range 100 khz to 1 mhz), 25 c - 2000 pf typical series inductance per leg l s measured lead to lead 5 mm from package body 8 - nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction temperature range t j - 55 to 125 c maximum storage temperature range t stg - 55 to 150 maximum thermal resistance, junction to case per leg r thjc dc operation see fig. 4 1.5 c/w typical thermal resistance, case to heatsink r thcs mounting surface, smooth and greased 0.50 maximum thermal resistance, junction to ambient r thja dc operation 40 approximate weight 2g 0.07 oz. mounting torque minimum non-lubricated threads 6 (5) kgf ? cm (lbf ? in) maximum 12 (10) marking device case style d 2 pak 40l15cts case style to-262 40l15ct-1
document number: 94217 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 15-mar-10 3 VS-40L15CTSPBF, vs-40l15ct-1pbf schottky rectifier, 2 x 20 a vishay high power products fig. 1 - maximum forward voltage drop characteristics fig. 2 - typical values of reverse current vs. reverse voltage fig. 3 - typical junction capacitance vs. reverse voltage fig. 4 - maximum thermal impedance z thjc characteristics 1 100 10 1000 i f - instantaneous forward current (a) v fm - forward voltage drop (v) 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 t j = 125 c t j = 75 c t j = 25 c 0.1 100 10 1 1000 i r - reverse current (ma) v r - reverse voltage (v) 3 6 12 15 9 0 t j = 100 c t j = 75 c t j = 50 c t j = 25 c 100 1000 10 000 c t - junction capacitance (pf) v r - reverse voltage (v) 10 520 15 0 t j = 25 c 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) 10 100 d = 0.75 d = 0.50 d = 0.33 d = 0.25 d = 0.20 single p u lse (thermal resistance) p dm t 1 t 2 n otes: 1. d u ty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94217 4 revision: 15-mar-10 VS-40L15CTSPBF, vs-40l15ct-1pbf vishay high power products schottky rectifier, 2 x 20 a fig. 5 - maximum allowable case temperature vs. average forward current fig. 6 - forward power loss characteristics fig. 7 - maximum non-re petitive surge current fig. 8 - unclamped in ductive test circuit note (1) formula used: t c = t j - (pd +pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = 80 % rated v r 70 75 80 85 90 95 100 allowable case temperature (c) i f(av) - average forward current (a) 8 4 12 16 20 24 0 see note (1) s qu are w a v e (d = 0.50) 0 2 4 6 8 10 12 14 average power loss (w) i f(av) - average forward current (a) 10 515202530 0 dc rms limit d = 0.20 d = 0.25 d = 0.33 d = 0.50 d = 0.75 100 1000 i fsm - non-repetitive surge current (a) t p - square wave pulse duration (s) 100 1000 10 000 10 at any rated load condition and w ith rated v rrm applied follo w ing s u rge c u rrent monitor high-speed s w itch d.u.t. r g = 25 + free w heel diode v d = 25 v l irfp460 40hfl40s02
document number: 94217 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 15-mar-10 5 VS-40L15CTSPBF, vs-40l15ct-1pbf schottky rectifier, 2 x 20 a vishay high power products ordering information table 2 - current rating (40 a) 3 - l = schottky ?l? series 4 - voltage rating (15 v) 5 - c = common cathode 6 - t = to-220 7 - s = d 2 pak -1 = to-262 8 - none = tube (50 pieces) trl = tape and reel (left oriented - for d 2 pak only) trr = tape and reel (right oriented - for d 2 pak only) - pbf = lead (pb)-free 9 1 - hpp prod u ct s u ffix device code 5 1 3 24 6789 vs- 40 l 15 c t s trl pbf links to related documents dimensions www.vishay.com/doc?95014 part marking information www.vishay.com/doc?95008 packaging information www.vishay.com/doc?95032
document number: 95014 for technical questi ons concerning discr ete products, contact: diodes-tech@vishay.com www.vishay.com revision: 31-mar-09 for technical questi ons concerning module products, contact: ind-modules@vishay.com 1 d 2 pak, to-262 outline dimensions vishay high power products dimensions for d 2 pak in millimeters and inches notes (1) dimensioning and toleranc ing per asme y14.5 m-1994 (2) dimension d and e do not include mold flash. mold flash shall not exceed 0.127 mm (0.005") per side. these dimensions are measured at the outmost extremes of the plastic body (3) thermal pad contour optional within dimension e, l1, d1 and e1 (4) dimension b1 and c1 apply to base metal only (5) datum a and b to be determined at datum plane h (6) controlling dimension: inch (7) outline conforms to jedec outline to-263ab symbol millimeters inches notes symbol millimeters inches notes min. max. min. max. min. max. min. max. a 4.06 4.83 0.160 0.190 d1 6.86 8.00 0.270 0.315 3 a1 0.00 0.254 0.000 0.010 e 9.65 10.67 0.380 0.420 2, 3 b 0.51 0.99 0.020 0.039 e1 7.90 8.80 0.311 0.346 3 b1 0.51 0.89 0.020 0.035 4 e 2.54 bsc 0.100 bsc b2 1.14 1.78 0.045 0.070 h 14.61 15.88 0.575 0.625 b3 1.14 1.73 0.045 0.068 4 l 1.78 2.79 0.070 0.110 c 0.38 0.74 0.015 0.029 l1 - 1.65 - 0.066 3 c1 0.38 0.58 0.015 0.023 4 l2 1.27 1.78 0.050 0.070 c2 1.14 1.65 0.045 0.065 l3 0.25 bsc 0.010 bsc d 8.51 9.65 0.335 0.380 2 l4 4.78 5.28 0.188 0.208 c b detail a c2 a a a 0.004 b m a lead tip (3) (3) v ie w a - a (e) (d1) e1 b h a1 detail ?a? rotated 90 cw scale: 8 :1 l ga u ge plane 0 to 8 l3 l4 seating plane section b - b and c - c scale: n one (4) (4) ( b , b 2) b 1, b 3 (c) c1 base metal plating conforms to jedec outline d 2 pak (smd-220) 13 2 d c a l2 e (2)(3) (2) 4 h bb 2 x b 2 x b 2 l1 0.010 a b mm (3) e 2 x pad layout mi n . 11.00 (0.43) mi n . 9.65 (0.3 8 ) mi n . 3. 8 1 (0.15) mi n . 2.32 (0.0 8 ) 17.90 (0.70) 15.00 (0.625) 2.64 (0.103) 2.41 (0.096) lead assignments diodes 1. - anode (t w o die)/open (one die) 2., 4. - cathode 3. - anode
www.vishay.com for technical questions c oncerning discrete products, contact: diodes-tech@vishay.com document number: 95014 2 for technical questions concer ning module products, contact: ind-modules@vishay.com revision: 31-mar-09 outline dimensions vishay high power products d 2 pak, to-262 dimensions for to-262 in millimeters and inches notes (1) dimensioning and tolerancing as per asme y14.5m-1994 (2) dimension d and e do not include mold flash. mold flash shall not exceed 0.127 mm (0.005") per side. these dimensions are measured at the outmost extremes of the plastic body (3) thermal pad contour optional within dimension e, l1, d1 and e1 (4) dimension b1 and c1 apply to base metal only (5) controlling dimension: inches (6) outline conform to jedec to-262 except a1 (maximum), b (minimum) and d1 (minimum) where dimensions derived the actual package outline symbol millimeters inches notes min. max. min. max. a 4.06 4.83 0.160 0.190 a1 2.03 3.02 0.080 0.119 b 0.51 0.99 0.020 0.039 b1 0.51 0.89 0.020 0.035 4 b2 1.14 1.78 0.045 0.070 b3 1.14 1.73 0.045 0.068 4 c 0.38 0.74 0.015 0.029 c1 0.38 0.58 0.015 0.023 4 c2 1.14 1.65 0.045 0.065 d 8.51 9.65 0.335 0.380 2 d1 6.86 8.00 0.270 0.315 3 e 9.65 10.67 0.380 0.420 2, 3 e1 7.90 8.80 0.311 0.346 3 e 2.54 bsc 0.100 bsc l 13.46 14.10 0.530 0.555 l1 - 1.65 - 0.065 3 l2 3.56 3.71 0.140 0.146 (4) (4) base metal plating b 1, b 3 ( b , b 2) c1 c section b - b and c - c scale: n one section a - a (3) e1 (3) d1 e b a a a c2 c a1 seating plane lead tip (3) (2) (3) (2) a e (dat u m a) l1 l2 b b c c 3 2 1 l d 2 x e 3 x b 2 3 x b 0.010 a b mm modified jedec outline to-262 lead assignments diodes 1. - anode (t w o die)/open (one die) 2., 4. - cathode 3. - anode
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VS-40L15CTSPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X