Part Number Hot Search : 
CTCDR 0N60B3 MLX902 120EI GBLCSC0 00393 HER201 NCP12
Product Description
Full Text Search
 

To Download UR1170LL-S08-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd ur1170 preliminary cmos ic www.unisonic.com.tw 1 of 6 copyright ? 2013 unisonic technologies co., ltd qw-r502-a31.a 800ma ldo regulator ? description the utc ur1170 is a typical ldo (linear regulator) with the features of high output voltage accuracy, low supply current, low on-resistance, and high ripple rejection. during operation of the utc ur1170 , the dropout voltage is very low and the response of line transient and load transient are very well. internally, there?re many functions of utc ur1170 which can be seen in the block figure. there are a voltage reference unit, an error amplifier, resistor-net for volt age setting, a current limit circuit, and a chip enable circuit in each utc ur1170 . the utc ur1170 can be used as an ideal of the power supply for hand-held communication equipment, such as: power source for portable communication equipment, power source for electrical appliances, for example, cameras, vcrs and camcorders and power source for battery-powered equipment. ? features * low standby current * ultra-low supply current * output voltage (stepwise setting wi th a step of 0.1v in the range of 1.2v~4.0v) * output current (min=800ma@v in =v out +1.0v) * low dropout voltage * line regulation * high output voltage accuracy * low temperature-drift coefficient of output voltage * built-in thermal shunt circuit * built-in current limit circuit ? ordering information ordering number package packing lead free halogen free ur1170xl-s08-t ur1170xg-s08-t sop-8 tube ur1170xl-s08-r ur1170xg-s08-r sop-8 tape reel ur1170xl-s08-r (1)packing type (2)package type (3)lead free (1) t: tube, r: tape reel (2) s08: sop-8 (3) l: lead free, g: halogen free (4) l: low, h: high (4)enable threshold level
ur1170 preliminary cmos ic unisonic technologies co., ltd 2 of 6 www.unisonic.com.tw qw-r502-a31.a ? pin configuration ? pin description pin no. pin name description 1, 2 v out voltage regulator output pin 3 ce or ce chip enable pin voltage regulator output pin 4 gnd ground pin 5, 6 v dd input pin 7, 8 nc no connection ? block diagram v dd 6 5 v dd 3 4 2 1 ce gnd v out v out - + vref current limit and otp
ur1170 preliminary cmos ic unisonic technologies co., ltd 3 of 6 www.unisonic.com.tw qw-r502-a31.a ? absolute maximum rating parameter symbol ratings unit input voltage v in 7.0 v input voltage(ce or ce input pin) v ce -0.3~v in +0.3 v output voltage v out -0.3~v in +0.3 v output current i out 1.2 a power dissipation p d internally limited operating temperature t opt -40~85 c storage temperature t stg -55~125 c note: absolute maximum ratings are those values be yond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (t a =25c, unless otherwise specified) ur1170l parameter symbol test conditions min typ max unit input voltage v in 6.0 v supply current1 i ss1 v in -v out =1.0v, v ce =gnd 80 160 a standby current i stb v in =v ce =6.0v 0.1 1.0 a output voltage v out v in -v out =1.0v, i out =100ma x0.98 x1.02 v output current i out1 v in -v out =1.0v 800 ma load regulation ? v out / ? i out v in -v out =1.0v, 1ma i out 300ma 30 100 mv dropout voltage v dif i out =300ma v out =1.5 0.35 0.45 v v out =1.6 0.30 0.35 v v out =1.7 0.25 0.30 v v out =1.8 v out 2.0 0.20 0.25 v v out =2.1 v out 2.4 0.15 0.20 v v out =2.5 v out 4.0 0.12 0.18 v line regulation ? v out / ? v in i out =100ma, v out +0.5v v in 8.0v 0.05 0.30 %/v ripple rejection rr f=1khz,ripple 0.5v p-p, v in -v out =1.0v 50 db output voltage temperature coefficient ? v out / ? t i out =10ma, -40c t a 85c 100 ppm /c short current limit i lim v out =0v 40 ma pull-up resistance for ce pin r pu 1.25 2.50 5.00 m ? ce input voltage ?h? v ceh 1.50 v ce input voltage ?l? v cel 0.25 v thermal shutdown detector threshold temperature t tsd junction temperature 150 c thermal shutdown released temperature t tsr junction temperature 120 c
ur1170 preliminary cmos ic unisonic technologies co., ltd 4 of 6 www.unisonic.com.tw qw-r502-a31.a ? electrical characteristics(cont.) ur1170h parameter symbol test conditions min typ max unit input voltage v in 6.0 v supply current i ss v in -v out =1.0v, v ce =v in 80 160 a standby current i stb v in =6.0v, v ce =gnd 0.1 1.0 a output voltage v out v in -v out =1.0v, i out =100ma x0.98 x1.02 v output current i out v in -v out =1.0v 800 ma load regulation ? v out / ? i out v in -v out =1.0v, 1ma io ut 300ma 30 100 mv dropout voltage v dif i out =300ma v out =1.5 0.35 0.45 v v out =1.6 0.30 0.35 v v out =1.7 0.25 0.30 v v out =1.8 v out 2.0 0.20 0.25 v v out =2.1 v out 2.4 0.15 0.20 v v out =2.5 v out 4.0 0.12 0.18 v line regulation ? v out / ? v in i out =100ma, v out +0.5v v in 8.0v 0.05 0.30 %/v ripple rejection rr f=1khz,ripple 0.5vp-p 50 db output voltage temperature coefficient ? v out / ? t -40c t opt 85c 100 ppm /c short current limit i lim v out =0v 40 ma pull-down resistance for ce pin r pd 1.25 2.5 5 m ? ce input voltage ?h? v ceh 1.5 v ce input voltage ?l? v cel 0.25 v thermal shutdown detector threshold temperature t tsd junction temperature 150 c thermal shutdown released temperature t tsr junction temperature 120 c
ur1170 preliminary cmos ic unisonic technologies co., ltd 5 of 6 www.unisonic.com.tw qw-r502-a31.a ? test circuit
ur1170 preliminary cmos ic unisonic technologies co., ltd 6 of 6 www.unisonic.com.tw qw-r502-a31.a ? typical application circuit utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of UR1170LL-S08-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X