Part Number Hot Search : 
SIS444DN UCB1300 SR120 DTC323T C407AN MZP4748 IDT72V LA581
Product Description
Full Text Search
 

To Download UGF1K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. a / ah 2007 - 11 - 07 ugf1a ? ugf1m taitron components incorporated www.taitroncomponents.com page 1 of 4 tel: (800) - taitron (800) - 824 - 8766 (661) - 257 - 6060 fax: (800)-taitfax (800)-824-8329 (661)-257-6415 1.0a sintered glass passivated ultra fast rectifier 1.0a sintered glass passiv ated ultra fast rectifier features ? sintered glass passivated (sgp) rectifier chip ? glass passivated cavity-free junction ? ideal for surface mount automotive applications ? superfast recovery time for high efficiency ? built-in strain relief ? easy pick and place ? high temperature soldering guaranteed:260c/10 seconds, at terminals ? rohs compliance mechanical data case: jedec do-214ac(sma) molded plastic over passivated chip epoxy: plastic package has ul flammabi lity classification 94v-0 terminals: tin plated, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end weight: 0.002 ounces, 0.064 gram maximum ratings and electrical characteristics (t a =25oc unless noted otherwise) symbol description ugf1a ugf1b ugf1d ugf1g ugf1j UGF1K ugf1m unit conditions v rrm maximum repetitive peak reverse voltage 50 100 200 400 600 800 1000 v v rms maximum rms voltage 35 70 140 280 420 560 700 v v dc maximum dc blocking voltage 50 100 200 400 600 800 1000 v i f(av) maximum average forward rectified current 1.0 a t l =75 c i fsm peak forward surge current 30 a 8.3ms single half sine-wave superimposed on rated load (jedec method) sma
1.0a sintered glass passivated ultra fast rectifier rev. a/ah 2007 - 11 - 07 ugf1a ? ugf1m www.taitroncomponents.com page 2 of 4 fig.1- forward current derating curve lead temperature (c) fig.2-max. non-repetitive peak forward surge current number of cycles at 60hz note: thermal resistance from junction to ambient and from junction to lead p.c.b mounted on 0.2x0.2? (5.0x5.0mm) copper pad areas. typical characteristics curves symbol description ugf1a ugf1b ugf1d ugf1g ugf1j UGF1K ugf1m unit conditions v f maximum instantaneous forward voltage 1.0 1.25 1.7 v i f =1.0a 5 5 t a =25 c 30 50 t a =125 c i r maximum dc reverse current at rated dc blocking voltage 50 - a t a =150 c t rr maximum reverse recovery time 50 75 ns i f =0.5a, i r =1.0a, i rr =0.25a c j typical junction capacitance 15 pf v r =4v, f=1mhz rth ja 75 rth jl typical thermal resistance 25 c / w note t j, t stg operating junction and storage temperature range -65 to +175 c average forward rectified current (a) peak forward surge current (a)
1.0a sintered glass passivated ultra fast rectifier rev. a/ah 2007 - 11 - 07 ugf1a ? ugf1m www.taitroncomponents.com page 3 of 4 fig.3- typical instantaneous forward characteristics instantaneous forward voltage (v) instantaneous forward current (a) fig.5- typical junction capacitance reverse voltage (v) junction capacitance (pf) fig.4-typical reverse characteristics percent of rated peak reverse voltage (%) instantaneous reverse leakage current (a)
1.0a sintered glass passivated ultra fast rectifier rev. a/ah 2007 - 11 - 07 ugf1a ? ugf1m www.taitroncomponents.com page 4 of 4 dimensions in inches (mm) how to contact us: us headquarters 28040 west harrison parkaway, valencia, ca 91355-4162 tel: (800) taitron (800) 824-8766 (661) 257-6060 fax: (800) taitfax (800) 824-8329 (661) 257-6415 email: taitron@taitroncomponents.com http:// www.taitroncomponents.com taitron components mexico, s.a .de c.v. boulevard central 5000 interior 5 parque industrial atitalaquia, hidalgo c.p. 42970 mexico tel: +52-55-5560-1519 fax: +52-55-5560-2190 taitron componets incorporated e representa??es do brasil ltda rua domingos de morais, 2777, 2.andar, sala 24 sade - s?o paulo-sp 04035-001 brazil tel: +55-11-5574-7949 fax: +55-11-5572-0052 taitron componets incorporated, shanghai representative office metrobank plaza, 1160 west yan? an road, suite 1503, shanghai, 200052, china tel: +86-21-5424-9942 fax: +86-21-5424-9931 sma


▲Up To Search▲   

 
Price & Availability of UGF1K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X