Part Number Hot Search : 
CS2842A CSC1740S AZ6208BM 2N6896 SMBSAC50 05738 2N6032 100200
Product Description
Full Text Search
 

To Download UDZXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30290 rev. 5 - 1 1 of 4 udz2v0b-udz56b  ultra-small surface mount package  ideally suited for automated assembly processes  very sharp breakdown characteristics  very tight tolerance on zener breakdown voltage features maximum ratings @ t a = 25  c unless otherwise specified characteristic symbol value unit power dissipation (note 2) p d 200 mw thermal resistance, junction to ambient air (note 2) r  ja 625  c/w operating and storage temperature range t j, t stg -65 to +150  c mechanical data under development  case: sod-323, plastic  case material - ul flammability rating classification 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  polarity: cathode band  marking: marking code (see table on page 2)  weight: 0.004 grams (approx.)  ordering information, see below t c u d o r p w e n ordering information (note 1) device packaging shipping (type number)-7* sod-323 3000/tape & reel * add ?-7? to the appropriate type number in table 1 from sheet 2 example: 6.2v zener = udz6v2b-7. notes: 1. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 2. part mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. marking information xx = product type marking code xx a b c d e g h j sod-323 dim min max a 2.30 2.70 b 1.60 1.80 c 1.20 1.40 d 1.05 typical e 0.25 0.35 g 0.20 0.40 h 0.10 0.15 j 0.05 typical  0  8  all dimensions in mm udz2v0b-udz56b surface mount precision zener diode
ds30290 rev. 5 - 1 2 of 4 udz2v0b-udz56b type number marking code zener voltage range (note 3) maximum zener impedance (note 4) maximum reverse current (note 3) v zt @i zt i zt z zt @i zt z zk @ i zk i zk i r v r min (v) max (v) ma  ma ua v udz2v0b b1 2.020 2.200 5 100 1000 0.5 120 0.5 udz2v2b b2 2.220 2.410 5 100 1000 0.5 120 0.7 udz2v4b b3 2.430 2.630 5 100 1000 0.5 120 1.0 udz2v7b b4 2.690 2.910 5 110 1000 0.5 100 1.0 udz3v0b b5 3.010 3.220 5 120 1000 0.5 50 1.0 udz3v3b b6 3.320 3.530 5 120 1000 0.5 20 1.0 udz3v6b b7 3.600 3.845 5 100 1000 1.0 10 1.0 udz3v9b b8 3.890 4.160 5 100 1000 1.0 5 1.0 udz4v3b b9 4.170 4.430 5 100 1000 1.0 5 1.0 udz4v7b ba 4.550 4.750 5 100 800 0.5 2 1.0 udz5v1b bb 4.980 5.200 5 80 500 0.5 2 1.5 udz5v6b bc 5.490 5.730 5 60 200 0.5 1 2.5 udz6v2b bd 6.060 6.330 5 60 100 0.5 1 3.0 udz6v8b be 6.650 6.930 5 40 60 0.5 0.5 3.5 udz7v5b bf 7.280 7.600 5 30 60 0.5 0.5 4.0 udz8v2b bg 8.020 8.360 5 30 60 0.5 0.5 5.0 udz9v1b bh 8.850 9.230 5 30 60 0.5 0.5 6.0 udz10b bi 9.770 10.210 5 30 60 0.5 0.1 7.0 udz11b bj 10.760 11.220 5 30 60 0.5 0.1 8.0 udz12b bk 11.740 12.240 5 30 80 0.5 0.1 9.0 udz13b bl 12.910 13.490 5 37 80 0.5 0.1 10.0 udz15b bm 14.340 14.980 5 42 80 0.5 0.1 11.0 udz16b bn 15.850 16.510 5 50 80 0.5 0.1 12.0 udz18b bo 17.560 18.350 5 65 80 0.5 0.1 13.0 udz20b bp 19.520 20.390 5 85 100 0.5 0.1 15.0 udz22b bq 21.540 22.470 5 100 100 0.5 0.1 17.0 udz24b br 23.720 24.780 5 120 120 0.5 0.1 19.0 udz27b bs 26.190 27.530 5 150 150 0.5 0.1 21.0 udz30b bt 29.190 30.690 5 200 200 0.5 0.1 23.0 udz33b bu 32.150 33.790 5 250 250 0.5 0.1 25.0 udz36b bv 35.070 36.870 5 300 300 0.5 0.1 27.0 udz39b bw 38.025 39.975 5 300 350 0.5 0.1 29.0 udz43b bx 41.925 44.075 2 300 400 0.5 0.1 32.0 udz47b by 45.825 48.175 2 300 450 0.5 0.1 35.0 udz51b bz 49.725 52.275 2 350 500 0.5 0.1 38.0 udz56b u1 54.600 57.400 2 350 500 0.5 0.1 42.0 electrical characteristics @ t a = 25  c unless otherwise specified notes: 3. short duration test pulse used to minimize self-heating effect. 4. the zener impedances (z zt , z zk ) are measured by superimposing a minute alternating current on the regulated current (i z ). t c u d o r p w e n under development
ds30290 rev. 5 - 1 3 of 4 udz2v0b-udz56b 200 t , ambient temperature, (c) a fig. 1 power derating curve p , power dissipation (mw) d 100 50 150 0 250 0 100 200 t c u d o r p w e n under development 0 0.2 0.4 0.6 0.8 1.2 1.0 i , instantaneous forward current (ma ) f v , instantaneous forward voltage (v) f fi g .2 t y pical forward characteristics 100 10 1.0 0.1 0.01 1000 1m 100 m 10 m 1 m 100n 10m 100m 4.0 6.0 8.0 10.0 i , zener current (a) z v , zener breakdown voltage (v) z fig. 3 typical reverse character istics, udz6v2b - udz8v2b 5.0 7.0 9.0 udz6v2b udz8v2b 8.0 10.0 12.0 14.0 i , zener current (a) z v , zener breakdown voltage (v) z fi g .4 t y pical reverse characteristic s, udz10b - udz13b 9.0 11.0 13.0 udz10b udz11b 1m 100 m 10 m 1 m 100n 10m 100 m udz12b udz13b 22 24 26 28 i , zener current (a) z v , zener breakdown voltage (v) z fi g .6 t y pical reverse characteristics, udz24b 23 25 27 udz24b 1m 100 m 10 m 1 m 100n 10m 100 m 18 20 22 24 i , zener current (a) z v , zener breakdown voltage (v) z fi g .5 t y pical reverse characteristic s, udz20b - udz22b 19 21 23 udz20b 1m 100 m 10 m 1 m 100n 10m 100 m udz22b
under development ds30290 rev. 5 - 1 4 of 4 udz2v0b-udz56b t c u d o r p w e n 38 42 46 50 i , zener current (a) z v , zener breakdown voltage (v) z fi g .7 t y pical reverse characteristics, udz47b 40 44 48 udz47b 1m 100 m 10 m 1 m 100n 10m 100 m -0.08 0 . 12 -0.04 -0.06 0610 tc of v , temperature coefficient z of zener voltage (%/c) v , zener voltage (v) z fig. 8 typical temperature coefficient of zener volta g e vs. zener volta g e, udz6v2b-udz10b 4 2 8 -0.02 0 0.02 0.04 0.06 0.08 0.10 -0.08 0 . 12 -0.04 -0.06 20 26 30 tc of v , temperature coefficient z of zener voltage (%/c) v , zener voltage (v) z fig. 10 typical temperature coefficient of zener volta g e, udz20b-udz30b 24 22 28 -0.02 0 0.02 0.04 0.06 0.08 0.10 -0.08 0 . 12 -0.04 -0.06 10 16 20 tc of v , temperature coefficient z of zener voltage (%/c) v , zener voltage (v) z fig. 9 typical temperature coefficient of zener volta g e vs. zener volta g e, udz10b-udz20b 14 12 18 -0.02 0 0.02 0.04 0.06 0.08 0.10 -0.08 0 . 12 -0.04 -0.06 30 42 50 tc of v , temperature coefficient z of zener voltage (%/c) v , zener voltage (v) z fig. 11 typical temperature coefficient of zener volta g e, udz30b-udz47b 38 34 46 -0.02 0 0.02 0.04 0.06 0.08 0.10 *note: additional plots for reverse characteristics and temperature coefficient of zener voltage shall be available soon.


▲Up To Search▲   

 
Price & Availability of UDZXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X