- patented trench mos barrier schottky technology - excellent high temperature stability - low forward voltage - lower power loss/ high efficiency - high forward surge capability symbol unit v rrm v dv/dt v/ s v br v if = 15a t j = 25c v f if = 15a t j = 125c v f t j = 25c a t j = 125c ma r jc o c/w t j o c t stg o c document number: ds_d1401021 version: b14 molding compound meets ul 94 v-0 flammability rating base p/n with suffix "g" on packing code - halogen-free, rohs compliant terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test ito-220ab - v a 45 30 per diode peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load per diode - halogen-free according to iec 61249-2-21 definition min. - 50 100 - note 1: pulse test with pulse width=300 s, 1% duty cycle operating temperature range storage temperature range - 55 to +150 isolation voltage from terminal to heatsink t = 1 min mechanical data mounting torque: 5 in-lbs. max. v ac 45 0.415 1500 10000 - i fsm - - 55 to +150 typical thermal resistance per diode 4 i r maximum instantaneous reverse current per diode at rated reverse voltage voltage rate of change (rated vr) typ. max. 150 500 - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec per device case: ito-220ab maximum average forward rectified current polarity: as marked maximum ratings and electrical characteristics (ta=25 o c unless otherwise noted) i f(av) TSF30U45C maximum repetitive peak reverse voltage 15 trench mos barrier schottk y rectifie r TSF30U45C taiwan semiconductor a parameter weight: 1.7g (approximately) features v 0.45 maximum instantaneous forward voltage per diode ( note1 ) - 0.450 breakdown voltage ( ir =1.0ma ) 250 0.50
part no. document number: ds_d1401021 version: b14 TSF30U45C c0 TSF30U45C c0 TSF30U45C c0g TSF30U45C c0 g green compound TSF30U45C c0 suffix "g" ito-220ab 50 / tube preferred p/n part no. packing code green compound code description packing code green compound code package packing example ratings and characteristics curves TSF30U45C taiwan semiconductor (ta=25 o c unless otherwise noted) ordering information 0.01 0.1 1 10 100 10 20 30 40 50 60 70 80 90 100 t j =25 o c t j =100 o c t j =125 o c 10 100 1000 10000 0.1 1 10 100 f=1.0mhz vslg=50mvp-p 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 t j =25 o c t j =125 o c t j =150 o c t j =100 o c fig. 2 typical forward characteristics 0 5 10 15 20 0 25 50 75 100 125 150 with heatsink 4in x 6in x 0.25in al-plate fig.1 forward current derating curve average forward current (a) instantaneous forward current (a) capacitance (pf) instantaneous reverse current (ma) fig. 4 typical junction capacitance fig. 3 typical reverse characteristics case temperature ( o c) forward voltage (v) reverse voltage (v) percent of rated peak reverse voltage.(%)
package outline dimensions min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.16 0.098 0.124 c 2.30 2.96 0.091 0.117 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h 0.95 1.45 0.037 0.057 i 0.50 0.90 0.020 0.035 j 2.40 3.20 0.094 0.126 k 14.80 15.50 0.583 0.610 l - 4.10 - 0.161 m 12.60 13.80 0.496 0.543 n - 1.45 - 0.057 o 2.41 2.67 0.095 0.105 p/n = specific device code g = green compound yww = date code f = factory code document number: ds_d1401021 version: b14 TSF30U45C taiwan semiconductor marking diagram dim. unit (mm) unit (inch)
|