Part Number Hot Search : 
IRF54 IS61LV TIP116 30500 86XS21D2 1H101 DS121 I514RU
Product Description
Full Text Search
 

To Download TSF30H120C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - patented trench mos barrier schottky technology - excellent high temperature stability - low forward voltage - lower power loss/ high efficiency - high forward surge capability symbol unit v rrm v dv/dt v/ s v br v i f = 5a i f = 7.5a i f = 15a i f = 5a i f = 7.5a i f = 15a t j = 25c a t j = 125c ma r jc o c/w t j o c t stg o c document number: ds_d1401025 version: b14 - halogen-free according to iec 61249-2-21 definition molding compound meets ul 94 v-0 flammability rating base p/n with suffix "g" on packing code - halogen-free, rohs compliant terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test TSF30H120C 150 taiwan semiconductor a i f(av) ito-220ab per device - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load per diode parameter polarity: as marked weight: 1.7g (approximately) 1500 120 operating junction temperature range storage temperature range - 55 to +150 - 55 to +150 typical thermal resistance per diode 4.5 mechanical data maximum average forward rectified current 10000 mounting torque: 5 in-lbs. max. maximum ratings and electrical characteristics (ta=25 o c unless otherwise noted) voltage rate of change (rated v r ) per diode case: ito-220ab maximum repetitive peak reverse voltage 0.58 - - min. isolation voltage from terminal to heatsink t = 1 min v ac typ. max. breakdown voltage ( ir =1.0ma, ta =25c ) - trench mos barrier schottky rectifier TSF30H120C 120 v a 0.93 features 30 i fsm 15 - instantaneous forward voltage per diode ( note1 ) t j = 25c v f -0.65- t j = 125c v f - - 500 - v -0.70- -0.81 0.53 -20 note 1: pulse test with pulse width=300 s, 1% duty cycle - - 0.67 0.75 instantaneous reverse current per diode at rated reverse voltage i r -
part no. document number: ds_d1401025 version: b14 TSF30H120C c0 TSF30H120C c0 TSF30H120C c0g TSF30H120C c0 g green compound tsh30h120c c0 suffix "g" ito-220ab 50 / tube preferred p/n part no. packing code green compound code description ratings and characteristics curves TSF30H120C taiwan semiconductor (ta=25 o c unless otherwise noted) ordering information packing code green compound code package packing example 0.00001 0.0001 0.001 0.01 0.1 1 10 10 20 30 40 50 60 70 80 90 100 tj=25 o c tj=125 o c tj=100 o c tj=150 o c 10 100 1000 10000 0.1 1 10 100 f=1.0mhz vslg=50mvp-p 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 tj=25 o c tj=125 o c tj=150 o c tj=100 o c fig. 2 typical forward characteristics 0 5 10 15 20 25 30 35 40 0 255075100125150 with heatsink 4in x 6in x 0.25in al-plate fig.1 forward current derating curve average forward current (a) instantaneous forward current (a) capacitance (pf) instantaneous reverse current (ma) fig. 4 typical junction capacitance fig. 3 typical reverse characteristics case temperature ( o c) forward voltage (v) reverse voltage (v) percent of rated peak reverse voltage.(%)
package outline dimensions min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.16 0.098 0.124 c 2.30 2.96 0.091 0.117 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h 0.95 1.45 0.037 0.057 i 0.50 0.90 0.020 0.035 j 2.40 3.20 0.094 0.126 k 14.80 15.50 0.583 0.610 l - 4.10 - 0.161 m 12.60 13.80 0.496 0.543 n - 1.45 - 0.057 o 2.41 2.67 0.095 0.105 p/n = specific device code g = green compound yww = date code f = factory code document number: ds_d1401025 version: b14 TSF30H120C taiwan semiconductor marking diagram dim. unit (mm) unit (inch)


▲Up To Search▲   

 
Price & Availability of TSF30H120C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X