Part Number Hot Search : 
00145 CY7C145 NCP1654 DS123 1DU15R M32186 LT1451 C1165
Product Description
Full Text Search
 

To Download TCJB337M0020035 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  january 2014 75 january 2014 75 tcj type a case size see table above 226 capacitance code pf code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) m tolerance m = 20% 004 rated dc voltage how to order r packaging r = pure tin 7" reel s = pure tin 13" reel tcj series tantalum solid electrolytic chip capacitors with conductive polymer electrode case dimensions: millimeters (inches) code eia eia l0.20 w+0.20 (0.008) h+0.20 (0.008) w 1 0.20 a+0.30 (0.012) s min. code metric (0.008) -0.10 (0.004) -0.10 (0.004) (0.008) -0.20 (0.008) a 1206 3216-18 3.20 (0.126) 1.60 (0.063) 1.60 (0.063) 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) b 1210 3528-21 3.50 (0.138) 2.80 (0.110) 1.90 (0.075) 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) c 2312 6032-28 6.00 (0.236) 3.20 (0.126) 2.60 (0.102) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) d 2917 7343-31 7.30 (0.287) 4.30 (0.169) 2.90 (0.114) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) e 2917 7343-43 7.30 (0.287) 4.30 (0.169) 4.10 (0.162) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) g 1206 3216-15 3.20 (0.126) 1.60 (0.063) 1.50 (0.059) max 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) h 1210 3528-15 3.50 (0.138) 2.80 (0.110) 1.50 (0.059) max 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) k 1206 3216-10 3.20 (0.126) 1.60 (0.063) 1.00 (0.039) max 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) n 0805 2012-10 2.05 (0.081) 1.30 (0.051) 1.00 (0.039) max 1.00 (0.039) 0.50 (0.020) 0.85 (0.033) p 0805 2012-15 2.05 (0.081) 1.35 (0.050) 1.50 (0.059) max 1.000.10 0.50 (0.020) 0.85 (0.033) (0.0390.004) r 0805 2012-12 2.05 (0.081) 1.30 (0.051) 1.20 (0.047) max 1.000.10 0.50 (0.020) 0.85 (0.033) (0.0390.004) s 1206 3216-12 3.20 (0.126) 1.60 (0.063) 1.20 (0.047) max 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) t 1210 3528-12 3.50 (0.138) 2.80 (0.110) 1.20 (0.047) max 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) v 2924 7361-38 7.30 (0.287) 6.10 (0.240) 3.55 (0.140) 3.10 (0.120) 1.30 (0.051) 4.40 (0.173) w 2312 6032-15 6.00 (0.236) 3.20 (0.126) 1.50 (0.059) max 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) y 2917 7343-20 7.30 (0.287) 4.30 (0.169) 2.00 (0.079) max 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) w1 dimension applies to the termination width for a dimensional area only. 0300 esr in m lead-free compatible component elektra award 2010 features ? conductive polymer electrode reduces ignition failure mode ? lower esr ? 3x reflow 260c compatible ? cv range: 0.47-470f / 2.5-125v ? 16 case sizes available applications ? smart phone, tablets, notebook, lcd tv, power supplies technical data: all technical data relate to an ambient temperature of +25c capacitance tolerance: 20% leakage current dcl: 0.1cv reliability: 1% per 1000 hours at 85c, v r with 0.1/v series impedance, 60% confidence level resistance to soldering heat: 3x260c peak for max. 10s reflow technical specifications (common for all tcj series) 002 = 2.5vdc 004 = 4vdc 006 = 6.3vdc 010 = 10vdc 016 = 16vdc 020 = 20vdc 025 = 25vdc 035 = 35vdc 050 = 50vdc 063 = 63vdc 075 = 75vdc 100 = 100vdc 125 = 125vdc a, b, c, d, e, g, h, k, s, t, v, w, y case xxxxx 156 j avx logo polymer capacitance value in pf 156 = 15f rated voltage j = 6.3v id code polarity band (anode+) n, p, r case avx logo polymer j 1 0 6 capacitance value in pf 106 = 10f rated voltage code j = 6.3v polarity band (anode +) marking
76 january 2014 tcj series tantalum solid electrolytic chip capacitors with conductive polymer electrode capacitance and rated voltage range (letter denotes case size) cap rated voltage dc (v r ) to 85c f code 2.5v (e) 4v (g) 6.3v (j) 10v (a) 16v (c) 20v (d) 25v (e) 35v (v) 50v (t) 63v (j ) 75v (p ) 100v (a ) 125v (b ) 0.47 474 b(400) 0.68 684 b(400) b(300) 1.0 105 n* a(250)* a* b(300) p(500) b(300) c(300) 1.5 155 b(200) b(300) c(300) c(300) 2.2 225 b(200) c(300) c(200) 3.3 335 b(200) c(200) c(200) d(250) 4.7 475 k(500) b(150) b(200) c(200) c(200) d(150) d(250) r(500) c(200) d(120) 6.8 685 a(200) b(90,150) c(200) c(200) d(120) d(120) v(250) d(120) e(100,150) a(300) a(200) b(200) d(120) 10 106 n(250,500) a(300) b(200) b(90,150) c(200) e(70,100) e(100,150) r(500) t(150,200) y(70) b(100,150) c(200) 15 156 a(300) a(300) a(200) b(150) y(70,90,200)* d(70,100) e(70,100) w*, y(70)* a(300), k(400) b(300) b(150), c(100) d(70,100) 22 226 a(300) n(500), r(500) t(70,150) b(150) y(70) d(60,100) y(70)* s(400), t(150) y(70) a(200) b(70,200) d(60,100) d(70,100) 33 336 a(300) b(70,200) c(100) y(45,60,70) y(70) y(60,70, 100) e(55,70) t(150) t(70,150) a(200), b(70) 47 476 a(200) k(150,200,400) b(70) y(45,70) d(55) d(60,100) e(55) t(80) p(500), r(500) c(100) y(70) e(50) t(55,70,80,120) a(250) b(55,70) d(45,55) d(50) d(55) 68 686 a(250) b(70) c(100) y(45,55) y(50) e(45) e(50) t(80) t(200), w(70) a(200) a(70)* 100 107 a(200) b(70) b(45,69,70) d(45,55) d(50), e(40) d(55) e(80) b(70) g(300) t(70,200) y(25,45,55) y(50) e(45) t(150) b(35,45,69,70) 150 157 b(70) b(70), y(25,45) d(15,40) d(25,40,45,55) e(40) h(200), w(40,70) y(25,40,45,55) y(15,25,40) b(35,45,60,70) b(70,200) 220 227 a(35)* d(15,40) d(25,35,40,50) d(25,40,50) b(35,45,70) y(15,25,40) w(100)* y(25,40,50) y(25,35,40,50) 330 337 b(35,45,70) d(25,40,50) d(25,40,50) y(25,40) y(25,40,50) y(25,40,50) 470 477 d(25,40,50) d(25,40,50) y(25,40,50) y(25,40,50) available ratings, (esr ratings in mohms in brackets) engineering samples - please contact manufacturer *codes under development C subject to change note: v oltage ratings are minimum values. avx reserves the right to supply higher ratings in the same case size, to the same reliability standards.
january 2014 77 january 2014 77 tcj series tantalum solid electrolytic chip capacitors with conductive polymer electrode ratings & part number reference moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25oc. capacitance and df are measured at 120hz, 0.5rms with dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. esr allowed to move up to 1.25 times catalog limit post mounting. for typical weight and composition see page 162. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same rel iability standards. rated rated category category dcl df esr 100khz rms current (ma) product avx case cap voltage temp. voltage temp. (a) % max. (m) msl 25oc 85oc 105oc 125oc category part no. size (f) (v) (oc) (v) (oc) max. max. @ 100khz 2.5 volt @ 85c tcja686m002#0250 a 68 2.5 85 2 105 17.0 6 250 3 600 400 300 C 105c tcja107m002#0200 a 100 2.5 85 2 105 25.0 6 200 3 700 500 300 C 105c tcjb107m002#0070 b 100 2.5 85 1.7 125 25.0 6 70 3 1300 900 600 300 125c tcjb157m002#0070 b 150 2.5 85 2 105 37.5 6 70 3 1300 900 600 C 105c tcjb227m002#0035 b 220 2.5 85 2 105 55 8 35 3 1900 1300 900 C 105c tcjb227m002#0045 b 220 2.5 85 2 105 55 8 45 3 1700 1200 800 C 105c tcjb227m002#0070 b 220 2.5 85 2 105 55 8 70 3 1300 900 600 C 105c tcjb337m002#0035 b 330 2.5 85 2 105 82.5 8 35 3 1900 1300 900 C 105c tcjb337m002#0045 b 330 2.5 85 2 105 82.5 8 45 3 1700 1200 800 C 105c tcjb337m002#0070 b 330 2.5 85 2 105 82.5 8 70 3 1300 900 600 C 105c tcjy337m002#0025 y 330 2.5 85 2 105 82.5 6 25 3 2700 1900 1200 C 105c tcjy337m002#0040 y 330 2.5 85 2 105 82.5 6 40 3 2200 1500 1000 C 105c tcjd477m002#0025 d 470 2.5 85 2 105 117.5 6 25 3 3000 2100 1400 C 105c tcjd477m002#0040 d 470 2.5 85 2 105 117.5 6 40 3 2400 1700 1100 C 105c tcjd477m002#0050 d 470 2.5 85 2 105 117.5 6 50 3 2100 1500 900 C 105c tcjy477m002#0025 y 470 2.5 85 2 105 117.5 6 25 3 2700 1900 1200 C 105c tcjy477m002#0040 y 470 2.5 85 2 105 117.5 6 40 3 2200 1500 1000 C 105c tcjy477m002#0050 y 470 2.5 85 2 105 117.5 6 50 3 1900 1300 900 C 105c 4 volt @ 85c tcja156m004#0300 a 15 4 85 2.7 125 6.0 6 300 3 600 400 300 200 125c tcja226m004#0300 a 22 4 85 2.7 125 8.8 6 300 3 600 400 300 200 125c tcja336m004#0300 a 33 4 85 2.7 125 13.2 6 300 3 600 400 300 200 125c tcja476m004#0200 a 47 4 85 3.2 105 18.8 6 200 3 700 500 300 C 105c tcjt476m004#0080 t 47 4 85 3.2 105 18.8 8 80 3 1200 800 500 C 105c tcja686m004#0250 a 68 4 85 3.2 105 27.2 6 250 3 600 400 300 C 105c tcjb686m004#0070 b 68 4 85 2.7 125 27.2 6 70 3 1300 900 600 300 125c tcjt686m004#0080 t 68 4 85 3.2 105 27.2 8 80 3 1100 800 500 C 105c tcja107m004#0200 a 100 4 85 3.2 105 40.0 6 200 3 700 500 300 C 105c tcjb107m004#0070 b 100 4 85 2.7 125 40.0 8 70 3 1300 900 600 300 125c tcjg107m004#0300 g 100 4 85 3.2 105 40.0 10 300 3 600 400 300 C 105c tcjt107m004#0150 t 100 4 85 3.2 105 40.0 8 150 3 800 600 400 C 105c tcjb157m004#0070 b 150 4 85 3.2 105 60.0 6 70 3 1300 900 600 C 105c tcjy157m004#0025 y 150 4 85 3.2 105 60.0 6 25 3 2700 1900 1200 C 105c tcjy157m004#0045 y 150 4 85 3.2 105 60.0 6 45 3 2000 1400 900 C 105c tcjb227m004#0035 b 220 4 85 3.2 105 88.0 10 35 3 1900 1300 900 C 105c tcjb227m004#0045 b 220 4 85 3.2 105 88.0 10 45 3 1700 1200 800 C 105c tcjb227m004#0060 b 220 4 85 3.2 105 88.0 10 60 3 1500 1100 700 C 105c tcjb227m004#0070 b 220 4 85 3.2 105 88.0 10 70 3 1300 900 600 C 105c tcjd227m004#0015 d 220 4 105 4 105 88.0 6 15 3 3700 2600 1700 C 105c tcjd227m004#0040 d 220 4 105 4 105 88.0 6 40 3 2300 1600 1000 C 105c tcjy227m004#0015 y 220 4 105 4 105 88.0 6 15 3 3500 2500 1600 C 105c tcjy227m004#0025 y 220 4 85 3.2 105 88.0 6 25 3 2700 1900 1200 C 105c tcjy227m004#0040 y 220 4 85 3.2 105 88.0 6 40 3 2200 1500 1000 C 105c tcjd337m004#0025 d 330 4 85 3.2 105 132 6 25 3 3000 2100 1400 C 105c tcjd337m004#0040 d 330 4 85 3.2 105 132 6 40 3 2400 1700 1100 C 105c tcjd337m004#0050 d 330 4 85 3.2 105 132 6 50 3 2100 1500 900 C 105c tcjy337m004#0025 y 330 4 85 3.2 105 132 6 25 3 2700 1900 1200 C 105c tcjy337m004#0040 y 330 4 85 3.2 105 132 6 40 3 2200 1500 1000 C 105c tcjy337m004#0050 y 330 4 85 3.2 105 132 6 50 3 1900 1300 900 C 105c tcjd477m004#0025 d 470 4 85 3.2 105 188 6 25 3 3000 2100 1400 C 105c tcjd477m004#0040 d 470 4 85 3.2 105 188 6 40 3 2400 1700 1100 C 105c tcjd477m004#0050 d 470 4 85 3.2 105 188 6 50 3 2100 1500 900 C 105c tcjy477m004#0025 y 470 4 85 3.2 105 188 6 25 3 2700 1900 1200 C 105c tcjy477m004#0040 y 470 4 85 3.2 105 188 6 40 3 2200 1500 1000 C 105c tcjy477m004#0050 y 470 4 85 3.2 105 188 6 50 3 1900 1300 900 C 105c 6.3 volt @ 85c tcja106m006#0300 a 10 6.3 85 4 125 6.0 6 300 3 600 400 300 200 125c tcjn106m006#0250 n 10 6.3 85 5 105 6.0 6 250 3 600 400 300 C 105c tcjn106m006#0500 n 10 6.3 85 5 105 6.0 6 500 3 400 300 200 C 105c tcjr106m006#0500 r 10 6.3 85 5 105 6.0 6 500 3 400 300 200 C 105c tcja156m006#0300 a 15 6.3 85 4 125 9.0 6 300 3 600 400 300 200 125c tcja226m006#0300 a 22 6.3 85 4 125 13.2 6 300 3 600 400 300 200 125c tcjk226m006#0400 k 22 6.3 85 5 105 13.2 8 400 3 500 400 200 C 105c tcjn226m006#0500 n 22 6.3 85 5 105 13.2 10 500 3 400 300 200 C 105c
78 january 2014 tcj series tantalum solid electrolytic chip capacitors with conductive polymer electrode ratings & part number reference rated rated category category dcl df esr 100khz rms current (ma) product avx case cap voltage temp. voltage temp. (a) % max. (m) msl 25oc 85oc 105oc 125oc category part no. size (f) (v) (oc) (v) (oc) max. max. @ 100khz tcjr226m006#0500 r 22 6.3 85 5 105 13.2 10 500 3 400 300 200 C 105c. tcjs226m006#0400 s 22 6.3 85 5 105 13.2 8 400 3 500 400 200 C 105c tcjt226m006#0150 t 22 6.3 85 5 105 13.2 6 150 3 800 600 400 C 105c tcja336m006#0200 a 33 6.3 85 5 105 19.8 6 200 3 700 500 300 C 105c tcjb336m006#0070 b 33 6.3 85 4 125 19.8 6 70 3 1300 900 600 300 125c tcjb336m006#0200 b 33 6.3 85 4 125 19.8 6 200 3 800 600 400 200 125c tcjt336m006#0150 t 33 6.3 85 5 105 19.8 8 150 3 800 600 400 C 105c tcja476m006#0200 a 47 6.3 85 5 105 28.2 6 200 3 700 500 300 C 105c tcjb476m006#0070 b 47 6.3 85 4 125 28.2 6 70 3 1300 900 600 300 125c tcjk476m006#0150 k 47 6.3 85 5 105 28.2 6 150 3 800 600 400 C 105c tcjk476m006#0200 k 47 6.3 85 5 105 28.2 6 200 3 700 500 300 C 105c tcjk476m006#0400 k 47 6.3 85 5 105 28.2 6 400 3 500 400 200 C 105c tcjp476m006#0500 p 47 6.3 85 5 105 28.2 10 500 3 400 300 200 C 105c tcjr476m006#0500 r 47 6.3 85 5 105 28.2 10 500 3 400 300 200 C 105c tcjt476m006#0055 t 47 6.3 85 5 105 28.2 8 55 3 1300 900 600 C 105c tcjt476m006#0070 t 47 6.3 85 5 105 28.2 8 70 3 1200 800 500 C 105c tcjt476m006#0080 t 47 6.3 85 5 105 28.2 8 80 3 1100 800 500 C 105c tcjt476m006#0120 t 47 6.3 85 5 105 28.2 8 120 3 900 600 400 C 105c tcjb686m006#0055 b 68 6.3 85 4 125 40.8 8 55 3 1500 1100 700 400 125c tcjb686m006#0070 b 68 6.3 85 4 125 40.8 8 70 3 1300 900 600 300 125c tcjc686m006#0100 c 68 6.3 85 4 125 40.8 6 100 3 1300 900 600 300 125c tcjt686m006#0200 t 68 6.3 85 5 105 40.8 8 200 3 700 500 300 C 105c tcjw686m006#0070 w 68 6.3 85 4 125 40.8 8 70 3 1400 1000 600 400 125c tcjb107m006#0045 b 100 6.3 85 5 105 60.0 10 45 3 1700 1200 800 C 105c tcjb107m006#0069 b 100 6.3 85 5 105 60.0 10 69 3 1300 900 600 C 105c tcjb107m006#0070 b 100 6.3 85 5 105 60.0 10 70 3 1300 900 600 C 105c tcjt107m006#0070 t 100 6.3 85 5 105 60.0 10 70 3 1200 800 500 C 105c tcjt107m006#0200 t 100 6.3 85 5 105 60.0 10 200 3 700 500 300 C 105c tcjb157m006#0035 b 150 6.3 85 5 105 90.0 10 35 3 1900 1300 900 C 105c tcjb157m006#0045 b 150 6.3 85 5 105 90.0 10 45 3 1900 1300 900 C 105c tcjb157m006#0069 b 150 6.3 85 5 105 90.0 10 69 3 1300 900 600 C 105c tcjb157m006#0070 b 150 6.3 85 5 105 90.0 10 70 3 1300 900 600 C 105c tcjd157m006#0015 d 150 6.3 105 6 105 90.0 6 15 3 3700 2600 1700 C 105c tcjd157m006#0040 d 150 6.3 105 6 105 90.0 6 40 3 2300 1600 1000 C 105c tcjh157m006#0200 h 150 6.3 85 5 105 90.0 6 200 3 700 500 300 C 105c tcjw157m006#0040 w 150 6.3 85 5 105 90.0 6 40 3 1800 1300 800 C 105c tcjw157m006#0070 w 150 6.3 85 5 105 90.0 6 70 3 1400 1000 600 C 105c tcjy157m006#0015 y 150 6.3 105 6 105 90.0 6 15 3 3500 2500 1600 - 105c tcjy157m006#0025 y 150 6.3 85 5 105 90.0 6 25 3 2700 1900 1200 C 105c tcjy157m006#0040 y 150 6.3 85 5 105 90.0 6 40 3 2200 1500 1000 C 105c tcjb227m006#0070 b 220 6.3 85 5 105 132.0 10 70 3 1300 900 600 C 105c tcjb227m006#0200 b 220 6.3 85 5 105 132.0 10 200 3 800 600 400 C 105c tcjd227m006#0025 d 220 6.3 85 5 105 132.0 6 25 3 3000 2100 1400 C 105c tcjd227m006#0035 d 220 6.3 85 5 105 132.0 6 35 3 2500 1800 1100 C 105c tcjd227m006#0040 d 220 6.3 85 5 105 132.0 6 40 3 2400 1700 1100 C 105c tcjd227m006#0050 d 220 6.3 85 5 105 132.0 6 50 3 2100 1500 900 C 105c tcjy227m006#0025 y 220 6.3 85 5 105 132.0 6 25 3 2700 1900 1200 C 105c tcjy227m006#0035 y 220 6.3 85 5 105 132.0 6 35 3 2300 1600 1000 C 105c tcjy227m006#0040 y 220 6.3 85 5 105 132.0 6 40 3 2200 1500 1000 C 105c tcjy227m006#0050 y 220 6.3 85 5 105 132.0 6 50 3 1900 1300 900 C 105c tcjd337m006#0025 d 330 6.3 85 5 105 198 6 25 3 3000 2100 1400 C 105c tcjd337m006#0040 d 330 6.3 85 5 105 198 6 40 3 2400 1700 1100 C 105c tcjd337m006#0050 d 330 6.3 85 5 105 198 6 50 3 2100 1500 900 C 105c tcjy337m006#0025 y 330 6.3 85 5 105 198 12 25 3 2700 1900 1200 C 105c tcjy337m006#0040 y 330 6.3 85 5 105 198 12 40 3 2200 1500 1000 C 105c tcjy337m006#0050 y 330 6.3 85 5 105 198 12 50 3 1900 1300 900 C 105c 10 volt @ 85c tcjk475m010#0500 k 4.7 10 85 8 105 4.7 6 500 3 400 300 200 C 105c tcjr475m010#0500 r 4.7 10 85 8 105 4.7 6 500 3 400 300 200 C 105c tcja106m010#0300 a 10 10 85 7 125 10.0 6 300 3 600 400 300 200 125c tcja156m010#0200 a 15 10 85 7 125 15.0 6 200 3 700 500 300 200 125c tcjb226m010#0300 b 22 10 85 7 125 22.0 6 300 3 600 400 300 200 125c tcjt226m010#0070 t 22 10 85 8 105 22.0 6 70 3 1200 800 500 C 105c tcjt226m010#0150 t 22 10 85 8 105 22.0 6 150 3 800 600 400 C 105c tcjb336m010#0070 b 33 10 85 7 125 33.0 6 70 3 1300 900 600 300 125c tcjb336m010#0200 b 33 10 85 7 125 33.0 6 200 3 800 600 400 200 125c tcjc336m010#0100 c 33 10 85 7 125 33.0 6 100 3 1300 900 600 300 125c moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25oc. capacitance and df are measured at 120hz, 0.5rms with dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. esr allowed to move up to 1.25 times catalog limit post mounting. for typical weight and composition see page 162. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same rel iability standards.
january 2014 79 january 2014 79 tcj series tantalum solid electrolytic chip capacitors with conductive polymer electrode ratings & part number reference rated rated category category dcl df esr 100khz rms current (ma) product avx case cap voltage temp. voltage temp. (a) % max. (m) msl 25oc 85oc 105oc 125oc category part no. size (f) (v) (oc) (v) (oc) max. max. @ 100khz tcjt336m010#0070 t 33 10 85 8 105 33.0 6 70 3 1200 800 500 C 105c tcjt336m010#0150 t 33 10 85 8 105 33.0 6 150 3 800 600 400 C 105c tcjb476m010#0070 b 47 10 85 8 105 47.0 6 70 3 1300 900 600 C 105c tcjc476m010#0100 c 47 10 85 7 125 47.0 6 100 3 1300 900 600 300 125c tcjd686m010#0045 d 68 10 85 8 105 68 6 45 3 2200 1500 1000 C 105c tcjd686m010#0055 d 68 10 85 8 105 68 6 55 3 2000 1400 900 C 105c tcjy686m010#0045 y 68 10 85 8 105 68 6 45 3 2000 1400 900 C 105c tcjy686m010#0055 y 68 10 85 8 105 68 6 55 3 1800 1300 800 C 105c tcjd107m010#0045 d 100 10 85 8 105 100 6 45 3 2200 1500 1000 C 105c tcjd107m010#0055 d 100 10 85 8 105 100 6 55 3 2000 1400 900 C 105c tcjy107m010#0025 y 100 10 85 8 105 100 6 25 3 2700 1900 1200 C 105c tcjy107m010#0045 y 100 10 85 8 105 100 6 45 3 2000 1400 900 C 105c tcjy107m010#0055 y 100 10 85 8 105 100 6 55 3 1800 1300 800 C 105c tcjd157m010#0025 d 150 10 85 8 105 150 6 25 3 3000 2100 1400 C 105c tcjd157m010#0040 d 150 10 85 8 105 150 6 40 3 2400 1700 1100 C 105c tcjd157m010#0045 d 150 10 85 8 105 150 6 45 3 2200 1500 1000 C 105c tcjd157m010#0055 d 150 10 85 8 105 150 6 55 3 2000 1400 900 C 105c tcjy157m010#0025 y 150 10 85 8 105 150 6 25 3 2700 1900 1200 C 105c tcjy157m010#0040 y 150 10 85 8 105 150 6 40 3 2200 1500 1000 C 105c tcjy157m010#0045 y 150 10 85 8 105 150 6 45 3 2000 1400 900 C 105c tcjy157m010#0055 y 150 10 85 8 105 150 6 55 3 1800 1300 800 C 105c tcjd227m010#0025 d 220 10 85 8 105 220 6 25 3 3000 2100 1400 C 105c tcjd227m010#0040 d 220 10 85 8 105 220 6 40 3 2400 1700 1100 C 105c tcjd227m010#0050 d 220 10 85 8 105 220 6 50 3 2100 1500 900 C 105c tcjy227m010#0025 y 220 10 85 8 105 220 6 25 3 2700 1900 1200 C 105c tcjy227m010#0040 y 220 10 85 8 105 220 6 40 3 2200 1500 1000 C 105c tcjy227m010#0050 y 220 10 85 8 105 220 6 50 3 1900 1300 900 C 105c 16 volt @ 85c tcja685m016#0200 a 6.8 16 85 10 125 10.9 6 200 3 700 500 300 200 125c tcja106m016#0200 a 10 16 85 10 125 16.0 6 200 3 700 500 300 200 125c tcjb106m016#0200 b 10 16 85 10 125 16.0 6 200 3 800 600 400 200 125c tcjt106m016#0150 t 10 16 85 10 125 16.0 6 150 3 800 600 400 200 125c tcjt106m016#0200 t 10 16 85 10 125 16.0 6 200 3 700 500 300 200 125c tcjb156m016#0150 b 15 16 85 10 125 24.0 6 150 3 900 600 400 200 125c tcjb226m016#0150 b 22 16 85 10 125 35.2 6 150 3 900 600 400 200 125c tcjy336m016#0045 y 33 16 105 16 105 52.8 6 45 3 2000 1400 900 C 105c tcjy336m016#0060 y 33 16 105 16 105 52.8 6 60 3 1800 1300 800 C 105c tcjy336m016#0070 y 33 16 105 16 105 52.8 6 70 3 1600 1100 700 C 105c tcjy476m016#0045 y 47 16 105 16 105 75.2 6 45 3 2000 1400 900 C 105c tcjy476m016#0070 y 47 16 105 16 105 75.2 6 70 3 1600 1100 700 C 105c tcjd686m016#0050 d 68 16 105 16 105 108.8 6 50 3 2100 1500 900 C 105c tcjy686m016#0050 y 68 16 105 16 105 108.8 6 50 3 1900 1300 900 C 105c tcjd107m016#0050 d 100 16 105 16 105 160.0 6 50 3 2100 1500 900 C 105c tcje107m016#0040 e 100 16 105 16 105 160.0 6 40 3 2500 1800 1100 C 105c tcjy107m016#0050 y 100 16 105 16 105 160.0 6 50 3 1900 1300 900 C 105c tcje157m016#0040 e 150 16 105 16 105 240.0 6 40 3 2500 1800 1100 C 105c 20 volt @ 85c tcjy226m020#0070 y 22 20 105 20 105 44.0 6 70 3 1600 1100 700 C 105c tcjy336m020#0070 y 33 20 105 20 105 66.0 6 70 3 1600 1100 700 C 105c tcjd476m020#0055 d 47 20 105 20 105 94.0 6 55 3 2000 1400 900 C 105oc tcjy476m020#0070 y 47 20 105 20 105 94.0 6 70 3 1600 1100 700 C 105c tcjd686m020#0055 d 68 20 85 16 105 136.0 6 55 3 2000 1400 900 C 105c tcje686m020#0045 e 68 20 105 20 105 136.0 6 45 3 2400 1700 1100 C 105c tcjd107m020#0055 d 100 20 85 16 105 200.0 6 55 3 2000 1400 900 C 105c tcje107m020#0045 e 100 20 85 16 105 200.0 6 45 3 2400 1700 1100 C 105c 25 volt @ 85c tcjp105m025#0500 p 1.0 25 105 25 105 2.5 6 500 3 400 300 200 C 105c tcjb475m025#0150 b 4.7 25 85 20 105 11.8 6 150 3 900 600 400 C 105c tcjb685m025#0090 b 6.8 25 105 25 105 17.0 6 90 3 1100 800 500 C 105c tcjb685m025#0150 b 6.8 25 85 20 105 17.0 6 150 3 900 600 400 C 105c tcjb106m025#0090 b 10 25 105 25 105 25.0 6 90 3 1100 800 500 C 105c tcjb106m025#0150 b 10 25 105 25 105 25.0 6 150 3 900 600 400 C 105c tcjb156m025#0100 b 15 25 105 25 105 37.5 6 100 3 1100 800 500 C 105c tcjb156m025#0150 b 15 25 105 25 105 37.5 6 150 3 900 600 400 C 105c tcjy156m025#0090 y 15 25 105 25 105 37.5 6 90 3 1400 1000 600 C 105c moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25oc. capacitance and df are measured at 120hz, 0.5rms with dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. esr allowed to move up to 1.25 times catalog limit post mounting. for typical weight and composition see page 162. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same rel iability standards.
80 january 2014 tcj series tantalum solid electrolytic chip capacitors with conductive polymer electrode ratings & part number reference rated rated category category dcl df esr 100khz rms current (ma) product avx case cap voltage temp. voltage temp. (a) % max. (m) msl 25oc 85oc 105oc 125oc category part no. size (f) (v) (oc) (v) (oc) max. max. @ 100khz tcjb226m025#0150 b 22 25 85 20 105 55.0 6 150 3 900 600 400 C 105c tcjc226m025#0100 c 22 25 85 20 105 55.0 6 100 3 1300 900 600 C 105c tcjd226m025#0060 d 22 25 85 20 105 55.0 6 60 3 1900 1300 900 C 105c tcjd226m025#0100 d 22 25 85 20 105 55.0 6 100 3 1500 1100 700 C 105c tcjy226m025#0070 y 22 25 85 20 105 55.0 6 70 3 1600 1100 700 C 105c tcjd336m025#0060 d 33 25 105 25 105 82.5 6 60 3 1900 1300 900 C 105c tcjd336m025#0100 d 33 25 105 25 105 82.5 6 100 3 1500 1100 700 C 105c tcjy336m025#0060 y 33 25 105 25 105 82.5 6 60 3 1800 1300 800 C 105c tcjy336m025#0070 y 33 25 105 25 105 82.5 6 70 3 1600 1100 700 C 105c tcjy336m025#0100 y 33 25 105 25 105 82.5 6 100 3 1400 1000 600 C 105c tcjd476m025#0060 d 47 25 85 20 105 117.5 6 60 3 1900 1300 900 C 105c tcjd476m025#0100 d 47 25 85 20 105 117.5 6 100 3 1500 1100 700 C 105c tcje476m025#0050 e 47 25 85 20 105 117.5 6 50 3 2300 1600 1000 C 105c tcje686m025#0050 e 68 25 85 20 105 170.0 6 50 3 2300 1600 1000 C 105c tcje107m025#0080 e 100 25 105 25 105 250.0 6 80 3 1800 1300 800 C 105c 35 volt @ 85c tcjb155m035#0200 b 1.5 35 105 35 105 5.3 6 200 3 800 600 400 C 105c tcjb225m035#0200 b 2.2 35 85 28 105 7.7 6 200 3 800 600 400 C 105c tcjb335m035#0200 b 3.3 35 85 28 105 11.6 6 200 3 800 600 400 C 105c tcjb475m035#0200 b 4.7 35 85 28 105 16.5 6 200 3 800 600 400 C 105c tcjc475m035#0200 c 4.7 35 85 28 105 16.5 6 200 3 900 600 400 C 105c tcjc685m035#0200 c 6.8 35 85 28 105 23.8 6 200 3 900 600 400 C 105c tcjb106m035#0200 b 10 35 85 28 105 35.0 6 200 3 800 600 400 C 105c tcjc106m035#0200 c 10 35 85 28 105 35.0 6 200 3 900 600 400 C 105c tcjy106m035#0070 y 10 35 105 35 105 35.0 6 70 3 1600 1100 700 C 105c tcjc156m035#0200 c 15 35 85 28 105 52.5 6 200 3 900 600 400 C 105c tcjd156m035#0070 d 15 35 85 28 105 52.5 6 70 3 1700 1200 800 C 105c tcjd156m035#0100 d 15 35 85 28 105 52.5 6 100 3 1500 1100 700 C 105c tcjd226m035#0070 d 22 35 105 35 105 77.0 6 70 3 1700 1200 800 C 105c tcjd226m035#0100 d 22 35 105 35 105 77.0 6 100 3 1500 1100 700 C 105c tcjd336m035#0070 d 33 35 85 28 105 115.5 6 70 3 1700 1200 800 C 105c tcjd336m035#0100 d 33 35 85 28 105 115.5 6 100 3 1500 1100 700 C 105c tcje336m035#0055 e 33 35 85 28 105 115.5 6 55 3 2100 1500 900 C 105c tcje336m035#0070 e 33 35 85 28 105 115.5 6 70 3 1900 1300 900 C 105c tcje476m035#0055 e 47 35 85 28 105 164.5 6 55 3 2100 1500 900 C 105c 50 volt @ 85c tcjb684m050#0400 b 0.68 50 85 40 105 3.4 6 400 3 600 400 300 C 105c tcjb105m050#0300 b 1.0 50 85 40 105 5.0 6 300 3 600 400 300 C 105c tcjb155m050#0300 b 1.5 50 85 40 105 7.5 6 300 3 600 400 300 C 105c tcjc155m050#0300 c 1.5 50 85 40 105 7.5 6 300 3 800 600 400 C 105c tcjc225m050#0300 c 2.2 50 85 40 105 11.0 6 300 3 800 600 400 C 105c tcjc335m050#0200 c 3.3 50 85 40 105 16.5 8 200 3 900 600 400 C 105c tcjc475m050#0200 c 4.7 50 85 40 105 23.5 8 200 3 900 600 400 C 105c tcjc685m050#0200 c 6.8 50 85 40 105 34.0 8 200 3 900 600 400 C 105c tcjd685m050#0120 d 6.8 50 85 40 105 34.0 10 120 3 1400 1000 600 C 105c tcjd106m050#0120 d 10 50 85 40 105 50.0 10 120 3 1400 1000 600 C 105c tcje106m050#0070 e 10 50 85 40 105 50.0 6 70 3 1900 1300 900 C 105c tcje106m050#0100 e 10 50 85 40 105 50.0 6 100 3 1600 1100 700 C 105c tcje156m050#0070 e 15 50 85 40 105 75.0 6 70 3 1900 1300 900 C 105c tcje156m050#0100 e 15 50 85 40 105 75.0 6 100 3 1600 1100 700 C 105c 63 volt @ 85c tcjb474m063#0400 b 0.47 63 85 50 105 3.0 8 400 3 600 400 300 C 105c tcjb684m063#0300 b 0.68 63 85 50 105 4.3 8 300 3 600 400 300 C 105c tcjb105m063#0300 b 1.0 63 85 50 105 6.3 8 300 3 600 400 300 C 105c tcjc105m063#0300 c 1.0 63 85 50 105 6.3 6 300 3 800 600 400 C 105c tcjc155m063#0300 c 1.5 63 85 50 105 9.5 6 300 3 800 600 400 C 105c tcjc225m063#0200 c 2.2 63 85 50 105 13.9 6 200 3 900 600 400 C 105c tcjc335m063#0200 c 3.3 63 85 50 105 20.8 6 200 3 900 600 400 C 105c tcjc475m063#0200 c 4.7 63 85 50 105 29.6 6 200 3 900 600 400 C 105c tcjd475m063#0120 d 4.7 63 85 50 105 29.6 6 120 3 1400 1000 600 C 105c tcjd685m063#0120 d 6.8 63 85 50 105 42.8 6 120 3 1400 1000 600 C 105c tcje685m063#0100 e 6.8 63 85 50 105 42.8 6 100 3 1600 1100 700 C 105c tcje685m063#0150 e 6.8 63 85 50 105 42.8 6 150 3 1300 900 600 C 105c tcje106m063#0100 e 10 63 85 50 105 63.0 6 100 3 1600 1100 700 C 105c tcje106m063#0150 e 10 63 85 50 105 63.0 6 150 3 1300 900 600 C 105c moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25oc. capacitance and df are measured at 120hz, 0.5rms with dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. esr allowed to move up to 1.25 times catalog limit post mounting. for typical weight and composition see page 162. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same rel iability standards.
january 2014 81 tcj series tantalum solid electrolytic chip capacitors with conductive polymer electrode ratings & part number reference moinsture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25oc. capacitance and df are measured at 120hz, 0.5rms with dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. esr allowed to move up to 1.25 times catalog limit post mounting. for typical weight and composition see page 162. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same rel iability standards. rated rated category category dcl df esr 100khz rms current (ma) product avx case cap voltage temp. voltage temp. (a) % max. (m) msl 25oc 85oc 105oc 125oc category part no. size (f) (v) (oc) (v) (oc) max. max. @ 100khz 75 volt @ 85c tcjd475m075#0150 d 4.7 75 85 60 105 35.3 6 150 3 1200 800 500 C 105c tcjd685m075#0120 d 6.8 75 85 60 105 51.0 6 120 3 1400 1000 600 C 105c 100 volt @ 85c tcjd475m100#0250 d 4.7 100 85 80 105 47.0 8 250 3 900 600 400 C 105c tcjv685m100#0250 v 6.8 100 85 80 105 68.0 8 250 3 1200 800 500 C 105c 125 volt @ 85c tcjd335m125#0250 d 3.3 125 85 100 105 41.2 8 250 3 900 600 400 C 105c product category 125c test 125c series (temperature range -55oc to +125oc) condition characteristics visual examination no visible damage dcl 1.25 x initial limit endurance c/c within +20/-30% of initial value df 1.5 x initial limit esr 2 x initial limit visual examination no visible damage dcl 2 x initial limit storage life 125oc, 0v, 2000h c/c within 20% of initial value df 1.5 x initial limit esr 2 x initial limit visual examination no visible damage dcl 3 x initial limit humidity c/c within +30/-20% of initial value df 1.5 x initial limit esr 2 x initial limit +20oc -55oc +20oc +85oc +125oc +20oc temperature dcl il* n/a il* 10 x il* 12.5xil* il* stability c/c n/a +0/-20% 5% +20/-0% +30/-0% 5% df il* 1.5 x il* il* 1.5 x il* 2xil* il* visual examination no visible damage surge dcl initial limit voltage c/c within +20/-30% of initial value df 1.25 x initial limit determine after application of rated voltage for 2000 +48/-0 hours at 852oc and then leaving 1-2 hours at room temperature. also determine of 125oc temperature, category voltage for 2000 +48/-0 hours and then leaving 1-2 hours at room temperature. power supply impedance to be 3. determine after storage without applied voltage at 652oc and 952% relative humidity for 500 hours and then recovery 1- 2 hours at room temperature. test temperature: 125oc+3/0oc test voltage: category voltage at 125oc surge voltage: 1.3 x category voltage at 125oc series protection resistance 1000100 discharge resistance: 1000 number of cycles: 1000x cycle duration: 6 min; 30 sec charge, 5 min 30 sec discharge step temperaturec duration(min) 1 +202 15 2 -55+0/-3 15 3 +202 15 4 +85+3/-0 15 5 +125+3/-0 15 6 +202 15 *initial limit
82 january 2014 tcj series tantalum solid electrolytic chip capacitors with conductive polymer electrode product category 105c product category 85c test 105c series (temperature range -55oc to +105oc) condition characteristics visual examination no visible damage dcl 1.25 x initial limit endurance c/c within +20/-30% of initial value df 1.5 x initial limit esr 2 x initial limit visual examination no visible damage dcl (v r 75v) 1.25 x initial limit dcl (v r > 75v) 2 x initial limit storage life 105oc, 0v, 2000h c/c within 20% of initial value df 1.5 x initial limit esr 2 x initial limit visual examination no visible damage dcl 3 x initial limit humidity c/c within +30/-20% of initial value df 1.5 x initial limit esr 2 x initial limit +20oc -55oc +20oc +85oc +105oc +20oc temperature dcl il* n/a il* 10 x il* 12.5xil* il* stability c/c n/a +0/-20% 5% +20/-0% +30/-0% 5% df il* 1.5 x il* il* 1.5 x il* 2xil* il* visual examination no visible damage surge dcl initial limit voltage c/c within +20/-30% of initial value df 1.25 x initial limit determine after application of rated voltage for 2000 +48/-0 hours at 852oc and then leaving 1-2 hours at room temperature. also determine after application of 105oc temperature, category voltage for 2000 +48/-0 hours and then leaving 1-2 hours at room tempera- ture. power supply impedance to be 3. determine after storage without applied voltage at 652oc and 952% relative humidity for 500 hours and then recovery 1- 2 hours at room temperature. test temperature: 105oc+3/0oc test voltage: category voltage at 105oc surge voltage: 1.3 x category voltage at 105oc series protection resistance 1000100 discharge resistance: 1000 number of cycles: 1000x cycle duration: 6 min; 30 sec charge, 5 min 30 sec discharge step temperaturec duration(min) 1 +202 15 2 -55+0/-3 15 3 +202 15 4 +85+3/-0 15 5 +105+3/-0 15 6 +202 15 *initial limit *initial limit test 85c series (temperature range -55oc to +85oc) condition characteristics visual examination no visible damage dcl 1.25 x initial limit endurance c/c within +20/-30% of initial value df 1.5 x initial limit esr 2 x initial limit visual examination no visible damage dcl 1.25 x initial limit storage life 85oc, 0v, 2000h c/c within 20% of initial value df 1.5 x initial limit esr 2 x initial limit visual examination no visible damage dcl 5 x initial limit humidity c/c within +40/-20% of initial value df 1.5 x initial limit esr 2 x initial limit +20oc -55oc +20oc +85oc +20oc temperature dcl il* n/a il* 10 x il* il* stability c/c n/a +0/-20% 5% +20/-0% 5% df il* 1.5 x il* il* 1.5 x il* il* visual examination no visible damage surge dcl initial limit voltage c/c within +20/-30% of initial value df 1.25 x initial limit determine after application of rated voltage for 2000 +48/-0 hours at 852oc and then leaving 1-2 hours at room temperature. power supply impedance to be 3. determine after storage without applied voltage at 652oc and 952% relative humidity for 500 hours and then recovery 1- 2 hours at room temperature. test temperature: 85+3/0oc test voltage: rated voltage surge voltage: 1.3 x rated voltage series protection resistance 1000100. discharge resistance: 1000 number of cycles: 1000x cycle duration: 6 min; 30 sec charge, 5 min 30 sec discharge step temperaturec duration(min) 1 +202 15 2 -55+0/-3 15 3 +202 15 4 +85+3/-0 15 5 +202 15


▲Up To Search▲   

 
Price & Availability of TCJB337M0020035

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X