Part Number Hot Search : 
PC200 GLLM317 GLLM317 HC541 CDG00 101BE CS43L43 HT27C512
Product Description
Full Text Search
 

To Download STM4886 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s mhop microelectronics c orp. a STM4886 symbolv ds v gs i dm e as 50 w a p d c 2.5 -55 to 150 i d units parameter 30 17 68 c/w vv 20 t a =25 c gate-source voltage drain-source voltage thermal characteristics 181 mj product summary v dss i d r ds(on) (m ) max 30v 17a 8 @ vgs=4.5v 5 @ vgs=10v features super high dense cell design for low r ds(on) . rugged and reliable. suface mount package. n-channel enhancement mode field effect transistor absolute maximum ratings ( t a =25 c unless otherwise noted ) limit drain current-continuous a -pulsed b a sigle pulse avalanche energy d maximum power dissipation a operating junction and storage temperature range t j , t stg thermal resistance, junction-to-ambient r ja ver 1.0 www.samhop.com.tw mar,24,2008 1 details are subject to change without notice. a t a =25 c s o-8 1 4 3 2 1 d d d d gs s 5 6 7 8 s
symbol min typ max units bv dss 30 v 1 i gss 100 na v gs(th) 1 v 3.8 g fs 20 s v sd c iss 2500 pf c oss 640 pf c rss 440 pf q g 52 nc 85 nc q gs 82 nc q gd 65 t d(on) 58 ns t r 5.4 ns t d(off) 17 ns t f ns gate-drain charge v ds =15v,v gs =0v switching characteristics gate-source charge v dd =15v i d =17a v gs =10v r gen =6 ohm total gate charge rise time turn-off delay time v ds =15v,i d =17a,v gs =10v fall time turn-on delay time m ohm v gs =10v , i d =17a v ds =15v , i d =17a input capacitance output capacitance dynamic characteristics r ds(on) drain-source on-state resistance forward transconductance diode forward voltage i dss ua gate threshold voltage v ds =v gs , i d =250ua v ds =24v , v gs =0v v gs = 20v , v ds =0v zero gate voltage drain current gate-body leakage current electrical characteristics ( t a =25 c unless otherwise noted ) off characteristics parameter conditions drain-source breakdown voltage v gs =0v , i d =250ua reverse transfer capacitance on characteristics 3 v gs =4.5v , i d =13.5a 5 5.8 8 m ohm c f=1.0mhz c v ds =15v,i d =17a, v gs =10v drain-source diode characteristics c v gs =0v,i s =17a 0.73 1.2 v notes a.surface mounted on fr4 board,t < 10sec. b.pulse test:pulse width < 300us, duty cycle < 2%. c.guaranteed by design, not subject to production testing. d.starting t j =25 c,l=1.25mh,r g =25 ,i as =17a,v dd = 30v.(see figure13) _ _ STM4886 ver 1.0 www.samhop.com.tw mar,24,2008 2 nc v ds =15v,i d =17a,v gs =4.5v 28 _ 1.7
STM4886 ver 1.0 www.samhop.com.tw mar,24,2008 3 2.0 1.8 1.6 1.4 1.2 1.0 0 0 100 t j ( c ) 75 25 50 v g s =4.5v i d =13.5a 125 150 v g s =10v i d = 17 a 7 65 4 3 2 1 1 v g s =10v 5 10 15 20 25 v g s =4.5v 20 16 12 8 4 0 0 0.7 4.2 3.5 2.8 2.1 1.4 125 c -55 c 25 c 25 20 15 10 5 0 0 v g s = 1 0v v g s =3 v v g s = 4.5 v 0.5 1.0 1.5 2.0 2.5 3.0 0.5 1.2 1.1 1.0 0.9 0.8 0.7 0.6 125 150 v ds =v g s i d =250ua 100 75 50 25 0 -25 -50 1.15 1.10 1.05 1.00 0.95 0.90 i d =250ua 0.85 125 150 100 75 50 25 0 -25 -50 i d , drain current(a) v ds , drain-to-source voltage(v) figure 1. output characteristics v gs , gate-to-source voltage(v) figure 2. transfer characteristics i d , drain current(a) r ds(on) (m ) r ds(on) , on-resistance normalized i d , drain current(a) tj, junction temperature( c ) figure 3. on-resistance vs. drain current and gate voltage figure 4. on-resistance variation with drain current and temperature vth, normalized gate-source threshold voltage bvdss, normalized drain-source breakdown voltage tj, junction temperature( c ) figure 5. gate threshold variation with temperature tj, junction temperature( c ) figure 6. breakdown voltage variation with temperature
STM4886 ver 1.0 www.samhop.com.tw mar,24,2008 4 15.0 12.5 10.0 7.5 5.0 2.5 0 2 4 6 8 10 0 i d =17 a 25 c 125 c 75 c r ds(on) (m ) v gs , gate-to-source voltage(v) figure 7. on-resistance vs. gate-source voltage 20.0 10.0 1.0 125 5.0 0 0.24 0.48 0.72 0.96 1.20 25 c 75 c 125 c is, source-drain current(a) v sd , body diode forward voltage(v) figure 8. body diode forward voltage variation with source current 3600 3000 2400 1800 1200 600 0 0 5 10 15 20 25 30 coss ciss c, capacitance(pf) v ds , drain-to-source voltage(v) figure 9. capacitance 10 86 4 2 0 v ds = 15v i d =17 a 0 9 18 27 36 45 54 63 72 v gs , gate to source voltage(v) qg, total gate charge(nc) figure 10. gate charge 1000 100 600 6000 v ds =15v ,id=17a v g s =10v 1 10 6 10 60 100 600 300 t d ( o f f ) t d ( o n ) t r t f switching time(ns) rg, gate resistance( ) figure 11. switching characteristics 60 10 1 0.1 0.1 1 10 30 50 1ms r ds ( o n) l imit v g s =10v s ingle p uls e t a =25 c 1 0 0 u s 10ms dc 1s 1 00ms i d , drain current(a) v ds , drain-source voltage(v) figure 12. maximum safe operating area crss
    t p v ( br )d ss i a s        r g i a s 0.0 1 t p d .u .t l v d s + - v d d d r ive r a 15v 20v f igure 13a. f igure 13b. u ncl am p e d s in d u ct i ve t e t ci r c u i t o f r m w ave s u ncl am p e d in d u ct i ve STM4886 ver 1.0 www.samhop.com.tw mar,24,2008 5 0.001 0.01 0.1 1 0.0000 1 0.000 1 0.001 0.01 0. 1 1 10 100 1000 single pulse p dm t 1 t 2 1. r thj a (t)=r (t) * r j a 2. r j a =s ee datas heet 3. t j m- t a = p dm * r j a (t) 4. duty c ycle, d=t 1 /t 2 th th th 0.01 0.02 0.5 0.2 0.1 0.05 normalized transient thermal resistance square wave pulse duration(sec) figure 14. normalized thermal transient impedance curve
STM4886 ver 1.0 www.samhop.com.tw mar,24,2008 6 package outline dimensions so-8 s y mb ols min min 0.053 0.004 0.189 0.150 0.228 0.016 0 1.35 0.10 4.80 3.81 5.79 0.41 0 max max 0.069 0.010 0.196 0.157 0.244 0.050 8 1.75 0.25 4.98 3.99 6.20 1.27 8 millime t e r s inc he s a a1 d eh l 1 e b h e l a1 a c d 0.05 typ. 0.016 typ. 0.008 typ. 0.015x45
STM4886 ver 1.0 www.samhop.com.tw mar,24,2008 7 so-8 tape and reel data so-8 carrier tape so-8 reel unit: @ package sop 8n 150 ? a0 b0 k0 d0 d1 e e1 e2 p0 p1 p2 t 6.40 5.20 2.10 ? 1.5 (min) ? 1.5 + 0.1 - 0.0 12.02 0.3 1.75 5.5 2 0.05 8.0 4.0 2.0 2 0.05 0.3 2 0.05 unit: @ tape size 12 @ reel size ? 330 m n w w1 h k s g r v 330 2 1 62 2 1.5 12.4 + 0.2 16.8 - 0.4 ? 12.75 + 0.15 2.0 2 0.15


▲Up To Search▲   

 
Price & Availability of STM4886

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X