Part Number Hot Search : 
C450PD2 YABMLA AM2520 KA2656 C25005 LT1931 UNR911D 2SC5245
Product Description
Full Text Search
 

To Download SMA5J14A-E35A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sma5j5.0 thru sma5j40ca vishay general semiconductor document number: 88875 revision: 22-oct-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 high power density surface mount t rans z orb ? transient voltage suppressors features ? low profile package ? ideal for automated placement ? glass passivated chip junction ? available in uni-directional and bi-directional ? excellent clamping capability ? very fast response time ? low incremental surge resistance ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? solder dip 260 c, 40 s ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ics, mosfet, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication. mechanical data case: do-214ac (sma) molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs comp liant, commercial grade base p/nhe3 - rohs co mpliant, high reliability/ automotive grade (aec q101 qualified) terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 e3 suffix meets jesd 201 class 1a whisker test, he3 suffix meets jesd 201 class 2 whisker test polarity: for uni-directional types the band denotes cathode end, no marking on bi-directional types devices for bi-direction applications for bi-directional devices use c or ca suffix (e.g. sma5j40ca). electrical characteristics apply in both directions. primary characteristics v wm 5.0 v to 40 v p ppm 500 w i fsm (uni-directional only) 40 a t j max. 150 c do-214ac (sma) notes: (1) non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2. (2) mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal maximum ratings (t a = 25 c unless otherwise noted) parameter symbol value unit peak pulse power dissipatio n with a 10/1000 s waveform (1)(2) (fig. 1) p ppm 500 w peak pulse current with a 10/1000 s waveform (1) i ppm see next table a peak forward surge current 8.3 ms si ngle half sine-wave uni-directional only (2) i fsm 40 a operating junction and storage temperature range t j , t stg - 55 to + 150 c
sma5j5.0 thru sma5j40ca vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88875 revision: 22-oct-08 2 electrical characteristics (t a = 25 c unless otherwise noted) device type device marking code breakdown voltage v br (v) (1) test current i t (ma) stand-off voltage v wm (v) maximum reverse leakage at v wm i d (a) (3) maximum peak pulse current i ppm (a) (2) maximum clamping voltage at i ppm v c (v) uni bi min. max. sma5j5.0 5ad 5ad 6.40 7.82 10 5.0 800 52.1 9.6 sma5j5.0a (5) 5ae 5ae 6.40 7.07 10 5.0 800 54.3 9.2 sma5j6.0 5af 5af 6.67 8.15 10 6.0 800 43.9 11.4 sma5j6.0a 5ag 5ag 6.67 7.37 10 6.0 800 48.5 10.3 sma5j6.5 5ah 5ah 7.22 8.82 10 6.5 500 40.7 12.3 sma5j6.5a 5ak 5ak 7.22 7.98 10 6.5 500 44.6 11.2 sma5j7.0 5al 5al 7.78 9.51 10 7.0 200 37.6 13.3 sma5j7.0a 5am 5am 7.78 8.6 10 7.0 200 41.7 12.0 sma5j7.5 5an 5an 8.33 10.2 1.0 7.5 100 35.0 14.3 sma5j7.5a 5ap 5ap 8.33 9.21 1.0 7.5 100 38.8 12.9 sma5j8.0 5aq 5aq 8.89 10.9 1.0 8.0 50 33.3 15.0 sma5j8.0a 5ar 5ar 8.89 9.83 1.0 8.0 50 36.8 13.6 sma5j8.5 5as 5as 9.44 11.5 1.0 8.5 10 31.4 15.9 sma5j8.5a 5at 5at 9.44 10.4 1.0 8.5 10 34.7 14.4 sma5j9.0 5au 5au 10.0 12.2 1.0 9.0 5.0 29.6 16.9 sma5j9.0a 5av 5av 10.0 11.1 1.0 9.0 5.0 32.5 15.4 sma5j10 5aw 5aw 11.1 13.6 1.0 10 1.0 26.6 18.8 sma5j10a 5ax 5ax 11.1 12.3 1.0 10 1.0 29.4 17.0 sma5j11 5ay 5ay 12.2 14.9 1.0 11 1.0 24.9 20.1 sma5j11a 5az 5az 12.2 13.5 1.0 11 1.0 27.5 18.2 sma5j12 5bd 5bd 13.3 16.3 1.0 12 1.0 22.7 22.0 sma5j12a 5be 5be 13.3 14.7 1.0 12 1.0 25.1 19.9 sma5j13 5bf 5bf 14.4 17.6 1.0 13 1.0 21.0 23.8 sma5j13a 5bg 5bg 14.4 15.9 1.0 13 1.0 23.3 21.5 sma5j14 5bh 5bh 15.6 19.1 1.0 14 1.0 19.4 25.8 sma5j14a 5bk 5bk 15.6 17.2 1.0 14 1.0 21.6 23.2 sma5j15 5bl 5bl 16.7 20.4 1.0 15 1.0 18.6 26.9 sma5j15a 5bm 5bm 16.7 18.5 1.0 15 1.0 20.5 24.4 sma5j16 6bn 5bn 17.8 21.8 1.0 16 1.0 17.4 28.8 sma5j16a 5bp 5bp 17.8 19.7 1.0 16 1.0 19.2 26.0 sma5j17 5bq 5bq 18.9 23.1 1.0 17 1.0 16.4 30.5 sma5j17a 5br 5br 18.9 20.9 1.0 17 1.0 18.1 27.6 sma5j18 5bs 5bs 20.0 24.4 1.0 18 1.0 15.5 32.2 sma5j18a 5bt 5bt 20.0 22.1 1.0 18 1.0 17.1 29.2 sma5j20 5bu 5bu 22.2 27.1 1.0 20 1.0 14.0 35.8 sma5j20a 5bv 5bv 22.2 24.5 1.0 20 1.0 15.4 32.4 sma5j22 5bw 5bw 24.4 29.8 1.0 22 1.0 12.7 39.4 sma5j22a 5bx 5bx 24.4 26.9 1.0 22 1.0 14.1 35.5 sma5j24 5by 5by 26.7 32.6 1.0 24 1.0 11.6 43.0
sma5j5.0 thru sma5j40ca vishay general semiconductor document number: 88875 revision: 22-oct-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 notes: (1) pulse test: t p 50 ms (2) surge current waveform per fig. 3 and derate per fig. 2 (3) for bi-directional types having v wm of 10 v and less, the i d limit is doubled (4) all terms and symbols are consistent with ansi/ieee c62.35 (5) for the bi-directional sma5j5.0ca, the maximum v br is 7.25 v (6) v f = 3.5 v at i f = 25 a (uni-directional only) note: (1) mounted on minimum recommended pad layout note: (1) automotive grade aec q101 qualified sma5j24a 5bz 5bz 26.7 29.5 1.0 24 1.0 12.9 38.9 sma5j26 5cd 5cd 28.9 35.3 1.0 26 1.0 10.7 46.6 sma5j26a 5ce 5ce 28.9 31.9 1.0 26 1.0 11.9 42.1 sma5j28 5cf 5cf 31.1 38.0 1.0 28 1.0 10.0 50.0 sma5j28a 5cg 5cg 31.1 34.4 1.0 28 1.0 11.0 45.4 sma5j30 5ch 5ch 33.3 40.7 1.0 30 1.0 9.3 53.5 sma5j30a 5ck 5ck 33.3 36.8 1.0 30 1.0 10.3 48.4 sma5j33 5cl 5cl 36.7 44.9 1.0 33 1.0 8.5 59.0 sma5j33a 5cm 5cm 36.7 40.6 1.0 33 1.0 9.4 53.3 sma5j36 5cn 5cn 40.0 48.9 1.0 36 1.0 7.8 64.3 sma5j36a 5cp 5cp 40.0 44.2 1.0 36 1.0 8.6 58.1 sma5j40 5cq 5cq 44.4 54.3 1.0 40 1.0 7.0 71.4 sma5j40a 5cr 5cr 44.4 49.1 1.0 40 1.0 7.8 64.5 electrical characteristics (t a = 25 c unless otherwise noted) device type device marking code breakdown voltage v br (v) (1) test current i t (ma) stand-off voltage v wm (v) maximum reverse leakage at v wm i d (a) (3) maximum peak pulse current i ppm (a) (2) maximum clamping voltage at i ppm v c (v) uni bi min. max. thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol value unit thermal resistance, junction to ambient (1) r ja 80 c/w thermal resistance, junction to leads r jl 25 c/w ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode sma5j5.0a-e3/61 0.064 61 1800 7" diameter plastic tape and reel sma5j5.0a-e3/5a 0.064 5a 7500 13" diameter plastic tape and reel sma5j5.0ahe3/61 (1) 0.064 61 1800 7" diameter plastic tape and reel sma5j5.0ahe3/5a (1) 0.064 5a 7500 13" diameter plastic tape and reel
sma5j5.0 thru sma5j40ca vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88875 revision: 22-oct-08 4 ratings and characteristics curves (t a = 25 c unless otherwise noted) figure 1. peak pulse power rating curve figure 2. pulse power or current vs. initial junction temperature figure 3. pulse waveform 0.1 1 10 100 n on-repetiti v e p u lse w a v eform sho w n in fig. 3 t a = 25 c p ppm - peak p u lse po w er (k w ) t d - p u lse w idth (s) 0.1 s 1.0 s 10 s 100 s 1.0 ms 10 ms 0 255075100 100 75 50 25 0 125 150 175 200 t j - initial temperat u re (c) peak p u lse po w er (p pp ) or c u rrent (i pp ) derating in percentage, % 0 50 100 1 5 0 t d 0 1.0 2.0 3.0 4.0 i ppm - peak p u lse c u rrent, % i rsm t - time ( ms ) t r = 10 s peak v al u e i ppm half v al u e - i ppm i pp 2 10/1000 s w a v eform as defined b y r.e.a. t j = 25 c p u lse w idth (t d ) is defined as the point w here the peak c u rrent decays to 50 % of i ppm figure 4. typical junction capacitance figure 5. typical transi ent thermal impedance figure 6. maximum non-repetitive forward surge current uni-directional only uni-directional bi-directional 10 100 1000 10 000 10 1 100 200 meas u red at zero bias meas u red at stand-off v oltage v w m t j = 25 c f = 1.0 mhz c j - j u nction capacitance (pf) v w m - re v erse stand-off v oltage ( v ) 1 10 100 0.01 0.1 10 1 100 1000 t p - p u lse d u ration (s) transient thermal impedance (c/ w ) 50 10 5 1 100 10 50 100 200 t j = t j max. 8 .3 ms single half sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a)
sma5j5.0 thru sma5j40ca vishay general semiconductor document number: 88875 revision: 22-oct-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 5 package outline dimensions in inches (millimeters) 0.030 (0.76) 0.060 (1.52) 0.00 8 (0.203) 0.194 (4.93) 0.20 8 (5.2 8 ) 0.157 (3.99) 0.177 (4.50) 0.100 (2.54) 0.110 (2.79) 0.07 8 (1.9 8 ) 0.090 (2.29) 0.006 (0.152) 0.012 (0.305) 0.049 (1.25) 0.065 (1.65) cathode band 0 (0) do-214ac (sma) mountin g pad layout 0.074 (1. 88 ) max. 0.20 8 (5.2 8 ) ref. 0.066 (1.6 8 ) mi n . 0.060 (1.52) mi n .
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SMA5J14A-E35A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X