Part Number Hot Search : 
2N6847 C4064 SKY77 A8421KL PA12M C1741A A8421KL 1N538
Product Description
Full Text Search
 

To Download SL1117A11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente sl1117a 1a low dropout positive adjustable or fixed-mode regulator 26-may-2011 rev. b page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. top view 1 2 3 4 a m b d l k f g h j e c 1117 ??? ???????? adj ( gnd ) date code v out v in vout 1.5v: -15 3.3v: -33 1.8v: -18 5.0v: -50 2.5v: -25 adj: blank gs1117ax ?? ? ? ? ? ? ? ? ? ?? adj ( gnd ) date code v out v in vout 1.5v: 15 3.3v: 33 1.8v: 18 5.0v: 50 2.5v: 25 adj: blank rohs compliant product a suffix of ?-c? specifies halogen free description the sl1117a is a low dropout at positive adjustable or fixed-mode regulator with minimum of 1a output current capability. the product is specifically designed to provide well-regulated supply for low voltage ic applications such as high-speed bus termination and low current 3.3v logic supply. sl1117a is also well suited for other applications such as vga cards. sl1117a is guaranteed to have lower than 1.4v dropout at full load current making it ideal to provide well-regulated outputs of 1.25 to 5.0 with 6.4v to 12v input supply. features ? 1.4vmaximum dropout full load current ? fast transient response ? output current limiting ? built-in thermal shutdown ? good noise rejection ? 3-terminal adjustable or fixed 1.5v, 1.8v, 2.5v, 3.3v, 5.0v applications ? pc peripheral ? communication marking production a line production b line package information package mpq leader size sot-223 2.5k 13? inch millimeter millimeter ref. min. max. ref. min. max. a 6.30 6.70 g 0.02 0.10 b 6.70 7.30 h 1.50 2.00 c 3.30 3.70 j 0.25 0.35 d 1.42 1.90 k 0.85 1.05 e 4.60 ref. l 2.30 ref. f 0.60 0.80 m 2.90 3.10 sot-223
elektronische bauelemente sl1117a 1a low dropout positive adjustable or fixed-mode regulator 26-may-2011 rev. b page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. typical circuit block diagram pin descriptions name i/o pin# description adj (gnd) 1 a resistor divider from this pin to the v out pin and ground sets the output voltage (ground only for fixed mode) v out o 2 the output pin of regulator. a min. of 10 f capacitor must be connected from this pin to ground to insure stability. v in i 3 the input pin of regulator. typically a large storage capacitor is connected from this pin to ground to insure that the input voltage does not sag below the min. dropout voltage during the load transient response. this pin must always be 1.3v higher than v out in order for the device to regulate properly. absolute maximum ratings parameter symbol ratings unit dc supply voltage vin -0.3 to 15 v power dissipation (t a = 25c) p d 850 mw operating, storage te mperature range t opr , t stg 0~125, -65~150 c maximum junction temperature t mj 150 c
elektronische bauelemente sl1117a 1a low dropout positive adjustable or fixed-mode regulator 26-may-2011 rev. b page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics parameter test conditions min. typ. max unit reference voltage sl1117a-adj i o =10ma, t j =25c, (v in - v out )=1.5v 1.225 1.25 1.275 v sl1117a-1.5 i o =10ma, t j =25c, 3.0v Q v in Q 12v 1.47 1.5 1.53 v sl1117a-1.8 i o =10ma, t j =25c, 3.3v Q v in Q 12v 1.764 1.8 1.836 v sl1117a-2.5 i o =10ma, t j =25c, 4.0v Q v in Q 12v 2.45 2.5 2.55 v sl1117a-3.3 i o =10ma, t j =25c, 4.8v Q v in Q 12v 3.235 3.3 3.365 v output voltage sl1117a-5.0 i o =10ma, t j =25c, 6.5v Q v in Q 12v 4.9 5 5.1 v line regulation sl1117a-xxx i o =10ma, vout+1.5v elektronische bauelemente sl1117a 1a low dropout positive adjustable or fixed-mode regulator 26-may-2011 rev. b page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SL1117A11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X