Part Number Hot Search : 
74F16 NTE4942 100LT SRC1203 0M75J 00900 CIM099A7 MBRB25
Product Description
Full Text Search
 

To Download SK14-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sk12 thru sk110 1 amp schottky rectifier 20 to 100 volts features ? low forward voltage ? guard ring protection ? high current capability ? low thermal resistance ? operating temperature (tj) : -55 c to +125 c ? storage temperature (tstg) : -55 c to +150 c ? maximum thermal resistance; 28 c/w junction to lead mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage sk12 sk12 20v 14v 20v sk13 sk13 30v 21v 30v sk14 sk14 40v 28v 40v sk15 sk15 50v 35v 50v sk16 sk16 60v 42v 60v sk18 sk18 80v 56v 80v sk110 sk110 100v 70v 100v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0a t j = 90 c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage sk12 sk13 sk14 sk15-16 sk18-110 v f .45v .55v .60v .72v .85v i fm = 1.0a; t a = 25 c* maximum dc reverse current at rated dc blocking voltage typical junction capacitance sk12 sk13-sk110 c j 11 0pf 3 0pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 300 sec, duty cycle 2% do-214a a ( h smb) ( round lead ) h j e f g a b d c cathode band 0.070 0.090" 0.085 suggested solder pad layout dimensions inches mm dim min max min max note a .078 .116 1.98 2.95 b .075 .089 1.90 2.25 c .002 .008 .05 .20 d ----- .02 ----- .51 e .035 .055 .90 1.40 f .065 .091 1.65 2.32 g .205 .224 5.21 5.69 h .160 .180 4.06 4.57 j .130 .155 3.30 3.94  
 omp onents 20736 marilla street chatsworth       
     mcc revision: b 2011/11/01 i r 0.5ma 20ma t a = 25 c t a = 100 c tm micro commercial components maximum ratings www. mccsemi .com 1 of 4 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemptions applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 not recommended for new designs use sk12-ltp~sk110-ltp series
sk12 figure 1 typical forward characteristics instantaneous forward current - amperes versus instantaneous forward voltage - volts 0 .2 .4 .6 .8 1.0 1.2 1.4 .1 .2 .4 .6 .8 1.0 2.0 4.0 6.0 8.0 10 20 40 60 80 100 volts amps figure 2 typical reverse characteristics 0 5 10 15 20 25 30 35 40 45 50 .001 .1 1 10 100 1000 125 c 75 c 25 c typical reverse current - ma versus reverse voltage - volts ma volts 25 c 125 c mcc revision: b 2011 /11/01 tm micro commercial components www. mccsemi .com 2 of 4
sk13 thru sk110 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 0 .2 .4 .6 .8 1.0 1.2 1.4 .1 .2 .4 .6 .8 1.0 2.0 4.0 6.0 8.0 10 20 40 60 80 100 25 c volts amps figure 2 typical reverse characteristics 0 4 8 1216202428323640 .001 .01 .1 1 10 100 25 c typical reverse current - ma versus reverse voltage - volts ma volts 125 c figure 3 t yp ical junction ca p acitance junction capacitance - pf versus reverse voltage - volts volts pf 0. 0.5 1.0 5.0 10 50 100 10 20 40 60 100 200 400 600 1000 75 c 125 c sk13 sk14 mcc revision: b 2011 /11/01 tm micro commercial components www. mccsemi .com 3 of 4
mcc revision: b 2011 /11/01 tm micro commercial components www. mccsemi .com 4 of 4 device packing part number-tp tape&reel: 3kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: micro commercial components (mcc): ? sk16-tp? SK14-Tp? sk15-tp? sk110-tp? sk13-tp? sk12-tp? sk18-tp? sk16-t? sk110-t? SK14-T? sk12-t? sk15- t? sk13-t? sk18-t


▲Up To Search▲   

 
Price & Availability of SK14-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X