Part Number Hot Search : 
5248B RN498 MAXIM MBR2580 B1000 MC1021 LM3S800 BA30E00W
Product Description
Full Text Search
 

To Download SI4852DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SI4852DY vishay siliconix document number: 71307 s-03184?rev. b, 05-mar-01 www.vishay.com 1 n-channel 30-v (d-s) mosfet with schottky diode  
 v ds (v) r ds(on) (  ) i d (a) 0.0120 @ v gs = 10 v 11 30 0.0175 @ v gs = 4.5 v 9.5    
 v ds (v) v sd (v) diode forward voltage i f (a) 30 0.53 v @ 3 a 4 sd s d sd g d so-8 5 6 7 8 top view 2 3 4 1 n-channel mosfet dd g s d schottky diode s d s  


         parameter symbol 10 secs steady state unit drain-source voltage (mosfet) v ds 30 reverse voltage (schottky) v da 30 v gate-source voltage v gs  20 continuous drain current (t j = 150  c) t a = 25  c 11 8.7 continuous drain current (t j = 150 c) (mosfet) a t a = 70  c i d 9.0 7.0 pulsed drain current (mosfet) i dm 50 continuous source current (mosfet diode conduction) a i s 2.3 1.3 a average foward current (schottky) i f 4.0 2.5 pulsed foward current (schottky) i fm 50 t a = 25  c 2.5 1.47 maximum power dissipation (mosfet) a t a = 70  c 1.6 0.94 t a = 25  c p d 2.27 1.38 w maximum power dissipation (schottky) a t a = 70  c 1.45 0.88 operating junction and storage temperature range t j , t stg ?55 to 150  c  
     mosfet schottky parameter symbol typ max typ max unit t  10 sec 40 50 45 55 maximum junction-to-ambient a steady-state r thja 72 85 75 90  c/w maximum junction-to-foot (drain) steady-state r thjf 18 22 20 25 c/w notes a. surface mounted on 1? x 1? fr4 board.
SI4852DY vishay siliconix www.vishay.com 2 document number: 71307 s-03184 ? rev. b, 05-mar-01
            parameter symbol test condition min typ a max unit static gate threshold voltage v gs(th) v ds = v gs , i d = 250  a 1 v gate-body leakage i gss v ds = 0 v, v gs =  20 v  100 na v ds = 24 v, v gs = 0 v 0.007 0.100 zero gate voltage drain current i dss v ds = 24 v, v gs = 0 v, t j = 100  c 1.5 10 ma dss v ds = 24 v, v gs = 0 v, t j = 125  c 6.5 20 on-state drain current b i d(on) v ds  5 v, v gs = 10 v 20 a v gs = 10 v, i d = 11 a 0.0100 0.0120  drain-source on-state resistance b r ds(on) v gs = 4.5 v, i d = 9.5 a 0.0145 0.0175  forward transconductance b g fs v ds = 15 v, i d = 11 a 28 s schottky diode forward voltage b i s = 3.0 a, v gs = 0 v 0.485 0.53 schottky diode forward voltage schottky diode forward voltage b v sd i s = 3.0 a, v gs = 0 v, t j = 125  c 0.416 0.47 v dynamic a total gate charge q g 24 35 gate-source charge q gs v ds = 15 v, v gs = 5 v, i d = 11 a 9 nc gate-drain charge q gd ds gs d 7.5 turn-on delay time t d(on) 17 30 rise time t r v dd = 15 v, r l = 15  10 20 turn-off delay time t d(off) v dd = 15 v, r l = 15  i d  1 a, v gen = 10 v, r g = 6  60 100 ns fall time t f 18 30 source-drain reverse recovery time t rr i f = 3.o a, di/dt = 100 a/  s 40 70 notes a. guaranteed by design, not subject to production testing. b. pulse test; pulse width  300  s, duty cycle  2%.              parameter symbol test condition min typ max unit i f = 3.0 a 0.485 0.53 forward voltage drop v f i f = 3.0 a, t j = 125  c 0.416 0.47 v v r = 24 v 0.007 0.100 maximum reverse leakage current i rm v r = 24 v, t j = 100  c 1.5 10 ma rm v r = ? 24 v, t j = 125  c 6.4 20 junction capacitance c t v r = 10 v 115 pf
SI4852DY vishay siliconix document number: 71307 s-03184 ? rev. b, 05-mar-01 www.vishay.com 3           0 10 20 30 40 50 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 0.000 0.004 0.008 0.012 0.016 0.020 0 8 16 24 32 40 0 8 16 24 32 40 0246810 0 700 1400 2100 2800 3500 4200 0 6 12 18 24 30 v gs = 10 thru 4 v 25  c t c = 125  c c oss c iss v gs = 4.5 v v gs = 10 v ? 55  c 3 v output characteristics transfer characteristics on-resistance vs. drain current v ds ? drain-to-source voltage (v) ? drain current (a) i d v gs ? gate-to-source voltage (v) ? drain current (a) i d v ds ? drain-to-source voltage (v) c ? capacitance (pf) ? on-resistance ( r ds(on)  ) i d ? drain current (a) capacitance 2 v c rss 0 2 4 6 8 10 0 9 18 27 36 45 0.6 0.8 1.0 1.2 1.4 1.6 1.8 ? 50 ? 25 0 25 50 75 100 125 150 v ds = 15 v i d = 9.8 a v gs = 10 v i d = 9.8 a gate charge ? gate-to-source voltage (v) q g ? total gate charge (nc) v gs on-resistance vs. junction t emperature t j ? junction temperature (  c) (normalized) ? on-resistance ( r ds(on)  )
SI4852DY vishay siliconix www.vishay.com 4 document number: 71307 s-03184 ? rev. b, 05-mar-01           reverse current (schottky) ? reverse curent (ma) i r t j ? temperature (  c) 125 150 0.0001 1 30 0 255075100 10 v 0.001 0.01 0.1 10 20 v 30 v 0.001 0 1 100 40 60 10 0.1 single pulse power, junction-to-ambient time (sec) 20 80 power (w) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 t j = 150  c 100 10 0.1 2 1 0.1 0.01 10 ? 4 10 ? 3 10 ? 2 10 ? 1 1 10 600 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 source-drain diode forward voltage normalized thermal transient impedance, junction-to-ambient square wave pulse duration (sec) normalized effective transient thermal impedance v sd ? source-to-drain voltage (v) ? source current (a) i s 1. duty cycle, d = 2. per unit base = r thja = 72  c/w 3. t jm ? t a = p dm z thja (t) t 1 t 2 t 1 t 2 notes: 4. surface mounted p dm 100 0.01 t j = 25  c 1 0.00 0.01 0.02 0.03 0.04 0.05 0246810 on-resistance vs. gate-to-source voltage v gs ? gate-to-source voltage (v) i d = 9.8 a ? on-resistance ( r ds(on)  )
SI4852DY vishay siliconix document number: 71307 s-03184 ? rev. b, 05-mar-01 www.vishay.com 5           10 ? 3 10 ? 2 110 10 ? 1 10 ? 4 2 1 0.1 0.01 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 normalized thermal transient impedance, junction-to-foot square wave pulse duration (sec) normalized effective transient thermal impedance


▲Up To Search▲   

 
Price & Availability of SI4852DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X