Part Number Hot Search : 
TDP1603 AN606 030406 EDB103S SAA71 MC600 AC100 MC74VHC1
Product Description
Full Text Search
 

To Download SDS0402T-2R2M-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd shielded power inductors - sds series sds series these shielded ultra-miniature inductors can help designers achieve significantly longer battery life in handheld communication devices and other portable products. they are designed with a flat top and constructed of heat resistant materials to ensure trouble-free assembly and reflow operations. features applications ? rohs compliant ? smallest size and high performance ? high energy storage and very low resistance ? notebook computers, step-up and step-down converters ? flash memory programmers, etc product identification ? packaging: t: tape and reel shape and dimensions recommended pattern sds0402 dimensions in mm type a b c d e f g sds0402 6.60 +0 4.45 +0 2.92 +0 1.02 3.05 1.27 4.32 dimensions in mm type a b c d sds0402 1.4 4.06 6.86 3.56 sds0804 dimensions in mm type a b c d e f sds0804 12.95 +0 9.40 +0 5.08 +0 2.54 2.54 7.62 dimensions in mm type a b c d sds0804 2.92 7.37 13.21 2.79 sds1306 dimensions in mm type a b c d e f sds1306 18.54 +0 15.24 +0 7.62 +0 2.54 2.54 12.7 dimensions in mm type a b c d sds1306 2.92 12.45 18.29 2.79 d c b a f e 3rd 2nd 1st a b f e d 3rd 2nd 1st c
smd shielded power inductors ? sds series electrical characteristics part number inductance ( ? h) tolerance (%) q min q frequency (khz) dc resistance ( ) max srf (mhz) typ. irms (a) sds0402t-1r0m-n 1.0 20 30 200 0.040 200 3.0 sds0402t-1r5m-n 1.5 20 30 200 0.045 100 2.8 SDS0402T-2R2M-N 2.2 20 40 200 0.050 90 1.8 sds0402t-3r3m-n 3.3 20 40 200 0.060 90 1.6 sds0402t-4r7m-n 4.7 20 40 200 0.065 80 1.4 sds0402t-6r8m-n 6.8 20 40 200 0.070 40 1.2 sds0402t-100m-n 10 20 40 200 0.075 30 1.0 sds0402t-150m-n 15 20 40 100 0.090 25 0.80 sds0402t-220m-n 22 20 40 100 0.110 20 0.70 sds0402t-330m-n 33 20 40 100 0.190 15 0.60 sds0402t-470m-n 47 20 40 100 0.230 15 0.50 sds0402t-680m-n 68 20 40 100 0.290 10 0.40 sds0402t-101m-n 100 20 40 100 0.480 8 0.30 sds0402t-151m-n 150 20 40 100 0.590 7 0.26 sds0402t-221m-n 220 20 40 100 0.770 4 0.22 sds0402t-331m-n 330 20 40 100 1.4 4 0.20 sds0402t-471m-n 470 20 40 100 1.8 3 0.19 sds0402t-681m-n 680 20 40 100 2.2 2 0.18 sds0402t-102m-n 1000 20 40 100 3.4 1 0.15 ? inductance tested at 0.1 vrms, 100khz. ? 30 temperature rise at irms ? tolerance: m = 20% ? operating temperature range (including self - temperature rise ) test instruments hp4294a impedance / material analyzer
smd shielded power inducto r s ? sds series electrical characteristics part number inductance ( ? h) tolerance (%) q min q frequency (khz) dc resistance ( ) max srf (mhz) typ. isat (a) irms (a) sds0804t-1r0m-n 1.0 20 3 100 0.021 110 5.6 5.0 sds0804t-1r5m-n 1.5 20 5 100 0.022 90 5.2 4.5 sds0804t-2r2m-n 2.2 20 5 100 0.032 60 5.0 3.8 sds0804t-3r3m-n 3.3 20 5 100 0.039 55 3.9 3.3 sds0804t-4r7m-n 4.7 20 10 100 0.054 30 3.2 2.7 sds0804t-6r8m-n 6.8 20 10 100 0.075 30 2.8 2.2 sds0804t-100m-n 10.0 20 10 100 0.101 28 2.4 2.0 sds0804t-150m-n 15.0 20 15 100 0.15 20 2.0 1.5 sds0804t-220m-n 22.0 20 20 100 0.207 15 1.6 1.3 sds0804t-330m-n 33.0 20 20 100 0.334 12 1.4 1.1 sds0804t-470m-n 47.0 20 20 100 0.472 10 1.0 0.8 ? tested at 100khz , 0.1 vrms. ? inductance drop = 10% typ. at rated isat. ? 40 rise typ. at irms. ? tolerance: m = 20% ? operating temperature range (including self - temperature rise ) test instruments hp4294a impedance / material analyzer
smd shielded power inductors ? sds series electrical characteristics part number inductance ( ? h) tolerance (%) q min q frequency (khz) dc resistance ( ) max isat (a) irms (a) srf (mhz) typ. sds1306t-100m-n 10 20 40 100 0.040 5.5 3.9 24 sds1306t-150m-n 15 20 40 100 0.048 4.5 3.4 16 sds1306t-220m-n 22 20 30 100 0.059 3.5 3.1 14 sds1306t-330m-n 33 20 40 100 0.075 3.3 2.8 11 sds1306t-470m-n 47 20 40 100 0.097 2.7 2.4 8.0 sds1306t-680m-n 68 20 40 100 0.140 2.2 2.0 7.0 sds1306t-101m-n 100 20 40 100 0.210 1.7 1.7 5.5 sds1306t-151m-n 150 20 50 100 0.300 1.3 1.3 4.8 sds1306t-221m-n 220 20 50 100 0.470 1.1 1.1 4.0 sds1306t-331m-n 330 20 50 100 0.780 0.86 0.86 3.0 sds1306t-471m-n 470 20 50 100 1.08 0.73 0.73 2.4 sds1306t-681m-n 680 20 60 100 1.40 0.64 0.64 2.0 sds1306t-102m-n 1000 20 60 100 2.01 0.53 0.53 1.0 ? inductance tested at 0.1 vrms, 100khz. ? inductance drop 10% typ. at isat. ? 40 rise typ. at irms. ? tolerance: m = 20% ? operating temperature range (including self - temperature rise ) test instruments hp4294a impedance / material analyzer
smd shielded power inductors - sds series packaging specifications tape dimensions tape material reel dimensions dimensions tape dimensions reel dimensions quantity ( pcs / reel ) type k0 d e w p p0 p2 a b c d 178mm 330mm 330 100 13.4 - 2500 sds 0402 3.2 1.55 1.75 12 8 4 2 178 60 13 13.2 750 - sds 0804 5.4 1.55 1.75 24 12 4 2 330 100 13 24.4 - 1000 sds 1306 7.5 1.55 1.75 32 20 4 2 330 100 13 33.4 - 250


▲Up To Search▲   

 
Price & Availability of SDS0402T-2R2M-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X