Part Number Hot Search : 
20B60PD1 B0824 1N5375B 22160 20B60PD1 MT48LC FEP30HP AT5FC001
Product Description
Full Text Search
 

To Download SBR3080R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SBR3080R voltage 80v 30.0 amp low v f schottky barrier rectifiers elektronische bauelemente 22-mar-2012 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  low forward voltage drop  high current capability  high reliability  high surge current capability  epitaxial construction mechanical data  case: molded plastic  epoxy: ul94v-0 rate flame retardant  lead: lead solderable per mil-std-202 method 208 guaranteed  polarity: as marked  mounting position: any  weight: 2.064 grams (approximate) maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 80 v working peak reverse voltage v rsm 80 v maximum dc blocking voltage v dc 80 v maximum average forward rectified current per leg i f 15 a per device 30 peak forward surge current, 8.3 ms single half sine-w ave superimposed on rated load (jedec method) i fsm 250 a maximum instantaneous forward voltage i f =15a, t j =25 c, per leg v f 0.75 v i f =15a, t j =125 c, per leg 0.64 maximum dc reverse current at rated dc blocking voltage 3 t j =25 c i r 0.2 ma t j =100 c 20 typical junction capacitance 1 c j 460 pf typical thermal resistance 2 r jc 2 c / w voltage rate of chance (rated v r ) dv / dt 10000 v / s operating temperature range t j t j -50~150 c storage temperature range t stg t stg -65~150 c notes: 1. measured at 1mhz and applied reverse voltage o f 5.0v d.c. 2. thermal resistance junction to case. 3. pulse test: 300 s pulse width, 1% duty cycle. pin 1 pin 3 pin 2 case to-220 a m p j k l l g f b n d e o c h ref. millimeter ref. millimeter min. max. min. max. a 14.22 16.51 j 0.7 1.78 b 9.65 10.67 k 0.38 1.02 c 12.50 14.75 l 2.39 2.69 d 3.56 4.90 m 2.50 3.43 e 0.51 1.45 n 3.10 4.09 f 2.03 2.92 o 8.38 9.65 g 0.31 0. 76 p 0.89 1.45 h 3.5 4.5
SBR3080R voltage 80v 30.0 amp low v f schottky barrier rectifiers elektronische bauelemente 22-mar-2012 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SBR3080R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X