Part Number Hot Search : 
BAS16L 30AE3 KBPC3501 NQ03LT 27C256 HMC329 2N4232A SR160
Product Description
Full Text Search
 

To Download S1C17003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  S1C17003 seiko epson corporation low power 16-bit single chip microcontroller low power mcu (operating voltage 1.65v ~ power consumption sleep 1 ua, halt 3.3 ua) high code density and high processing pow er 16bitrisc c17cpu, optimize to c, serial ice 64kb rom, 4kb ram 10-bit adc 4ch small package: 48 pins wcsp ? descriptions the S1C17003 is a 16-bit mcu featur ing high-speed low-power operations, compact dimensions, wide address space and on-chip ice. a/d converter is built in and sensor of various analog i/f can be connected. it is suitable for the application of health care product, sports watch and meter module et c. with sensor that is required a small size and micro display in the battery driven. ? features cpu epson original 16-bit risc cpu core s1c17 16-bit x 16-bit + 32-bit product-sum processor 16 bit 16bit division arithmetic unit osc3 oscillator circuit crystal oscillator circ uit or ceramic oscillator circuit, 20 mhz (max.) osc1 oscillator circuit crystal o scillator circuit 32.768 khz (typ.) internal mask rom 64 kbytes (f or both instructions and data) internal ram 4 kbytes a/d converter 10 bit resolution 4ch input/output port max. 30- bit general purpose input/output port, 4-bit input only port serial interface spi (master/slave) 1ch. i 2 c (master) 1ch. i 2 c (slave) 1ch. uart (460,800bps, irda1.0 compatible) 2ch. remote controller (remc) 1ch. timer 8-bit timer (t8f) 2ch. 16-bit timer (t16) 3ch. pwm timer (t16e) 1ch. clock timer (ct) 1ch. stopwatch timer (swt) 1ch. watchdog timer (wdt) 1ch. 8-bit osc1 pwm timer (t8osc1) 1ch. interrupt nmi, p port input interrupt 3ch. serial interface interrupt 5ch. timer interrupt 9ch. power supply voltage hvdd(i/o) : 1.65 to 3.6v lvdd(core) : 1.65 to 1.95v avdd(i/o) : 2.7v to 3.6v operating temperatur es -40c to 85c current consumption sleep mode: 1 a (typ.) off/1.8v halt mode: 3.3 a (typ.) 32khz/1.8v when operating: 4.0 ma (typ.) 20mhz/1.8v shipping form tqfp12-64pin (7 mm x 7 mm x 1.2 mm, 0.4 mm pin pitch) wcsp-48pin (3.124 mm x 3.124 mm x 0.78 mm, 0.4 mm ball pitch) chip
S1C17003 2 seiko epson corporation ? block diagram semiconductor operations division seiko epson corporation ic sales department ic international sales group 421-8 hino, hino-shi, tokyo 191-8501, japan phone: +81-42-587-5814 fax: +81-42-587-5117 notice: no part of this material may be reproduced or duplicated in any fo rm or by any means without the written permission of seiko ep son. seiko epson reserves the right to make c hanges to this material without notice. se iko epson does not assume any liability of a ny kind arising out of any inaccuracies contained in this material or due to its application or use in any product or circuit and, furt her, there is no representation that this material is app licable to products requiring high level reliab ility, such as, medical products. moreo ver, no license to any intellectual property rights is granted by implication or otherwise, and there is no representation or warranty that any thing made in accordance with this material will be free from any patent or copy right infringement of a third party. this material or portio ns thereof may contain technology or the subject relati ng to strategic products under the control of the foreign exchange and foreign trade la w of japan and may require an export license from the ministry of economy, trade and industry or other approval from another government ag ency. all brands or product names mentioned herein are trademarks and/ or registered trademarks of t heir respective companies. ?seiko epson corporation 2010, all rights reserved. http://www.epson.jp/device/semicon_e/ ? epson semiconductor website document code: 411826701 first issue oct, 2009 revised feb, 2010 in japa cpu c ore s1c 17 internal ram (4k by tes) mask rom (64k byt es) test circuit reset ci rcu it i/o 1 ( 0x4000-) in ter r upt co ntr ol ler prescaler 8-bit timer 16-bit timer uar t (2ch) spi i 2 c mast er ( 1ch) i 2 c slav e (1ch) i/o 2 (0x5000-) a/d converter misc register oscillator/ clock generator 8-bit osc1 pwm timer clock timer stop watch timer watchdog timer 16-bit pwm timer remote controller i/o port/ i/o mux test1-3 test #reset excl0-2 (p02, p13, p14) sin0, sout0, sclk0( p1 2-1 0), sin1, sout1, sclk1(p30-29, p16) sdi, sdo, spiclk(p06-04) #spiss( p07) sda0, scl0(p32-31) or (p34-33) sda1, scl1( p34-33) # bfr(p35) p00-07, p10-17, p20-24, p27, p30-37, p40-43 remi(p01), remo(p00) excl3( p15), tout3(p36), tout n3(p37) tout4(p37) fout1(p35), fout h( p40) osc1-2, osc3-4 ai n0-3, # adt rg (p22-20, p17) dcl k, d st2, dsio( p41-4 3) 32 bits 1 c ycle 8/16 bit s 1 cycle 16 bits 1-5 cyc les 8/16 bits 1 c ycle interrupt s ystem cpu c ore s1c 17 internal ram (4k by tes) mask rom (64k byt es) test circuit reset ci rcu it i/o 1 ( 0x4000-) in ter r upt co ntr ol ler prescaler 8-bit timer 16-bit timer uar t (2ch) spi i 2 c mast er ( 1ch) i 2 c slav e (1ch) i/o 2 (0x5000-) a/d converter misc register oscillator/ clock generator 8-bit osc1 pwm timer clock timer stop watch timer watchdog timer 16-bit pwm timer remote controller i/o port/ i/o mux test1-3 test #reset excl0-2 (p02, p13, p14) sin0, sout0, sclk0( p1 2-1 0), sin1, sout1, sclk1(p30-29, p16) sdi, sdo, spiclk(p06-04) #spiss( p07) sda0, scl0(p32-31) or (p34-33) sda1, scl1( p34-33) # bfr(p35) p00-07, p10-17, p20-24, p27, p30-37, p40-43 remi(p01), remo(p00) excl3( p15), tout3(p36), tout n3(p37) tout4(p37) fout1(p35), fout h( p40) osc1-2, osc3-4 ai n0-3, # adt rg (p22-20, p17) dcl k, d st2, dsio( p41-4 3) 32 bits 1 c ycle 8/16 bit s 1 cycle 16 bits 1-5 cyc les 8/16 bits 1 c ycle interrupt s ystem


▲Up To Search▲   

 
Price & Availability of S1C17003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X