Part Number Hot Search : 
836916 02010 SM6150S A3214EUA EDZ16 06031 PC1006 TC186
Product Description
Full Text Search
 

To Download RY531012R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  05-2013, rev. 0513 www.te.com ? 2013 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 1 general purpose relays pcb relays miniature power pcb ryii & ryii refow solderable n 1 pole 8a, 1 form c (co) or 1 form a (no) or 1 form b (nc) contact n low component height 12.3mm n 5kv/8mm coil-contact n reinforced insulation (protection class ii) n pinnings: 3.2mm and 5mm n refow-solderable version n especially suitable for resistive and inductive loads on form a (no) and form b (nc) contacts n plastic materials according to iec 60335-1 1) (domestic appliances) typical applications heating control, interface technology, domestic appliances, timers, temperature control 1) not available as refow-solderable version approvals vde reg.-nr. 5358, ul e214025 technical data of approved types on request contact data contact arrangement 1 form c (co) or 1 form a (no) or 1 form b (nc) rated voltage 250vac max. switching voltage 400vac rated current 8a breaking capacity max. 2000va contact material agni0.15, agsno 2 frequency of operation, with/without load 6/1200min -1 operate/release time max. 9/5ms bounce time max., form a/form b 6/10ms contact ratings type contact load cycles iec61810 ry531 a (no) 8a, 250vac, 70c 100x10 3 ry211 a (no) 8a, 250vac, 70c 75x10 3 ry211 b (nc) 8a, 250vac, 70c 50x10 3 ul508 ry211 a/b (no/nc) 10a, 250vac, general purpose, 70c 30x10 3 ry211 a (no) 1/2hp, 240vac, 85c 30x10 3 ry211 a/b (no/nc) b300, 70c 6x10 3 en60730-1 ry211 a/b (no/nc) 6(4)a, 250vac, 85c 100x10 3 ry211 a (no) 8(4)a, 250vac, 75c 100x10 3 mechanical endurance, dc coil 30x10 6 operations coil data coil voltage range 5 to 60vdc operative range, iec 61810 2 coil versions, dc coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% mw 005 5 3.5 0.5 112 223 006 6 4.2 0.6 162 222 009 9 6.3 0.9 320 253 012 12 8.4 1.2 627 230 024 24 16.8 2.4 2350 245 048 48 33.6 4.8 9391 245 060 60 42.0 6.0 14000 257 all fgures are given for coil without pre-energization, at ambient temperature +23c other coil voltages on request insulation data initial dielectric strength between open contacts 1000v rms between contact and coil 5000v rms clearance/creepage between contact and coil 8/8mm material group of insulation parts iiia tracking index of relay base pti250 refow-solderable version pti175 f0142-e z schrack
05-2013, rev. 0513 www.te.com ? 2013 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 2 general purpose relays pcb relays miniature power pcb ryii & ryii refow solderable (continued) other data material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.te.com/customersupport/rohssupportcenter ambient temperature -40 to +70c +85c at 6a category of environmental protection iec 61810 rtii - fux proof rtiii - wash tight 1) vibration resistance (functional), form a (no)/form b (nc) 20/5g shock resistance (functional) form a (no)/form b (nc) 20/5g shock resistance (destructive) 100g terminal type pcb-tht, pcb-thr weight 8g resistance to soldering heat tht iec 60068-2-20 rtii : 270c/10s rtiii : 260c/5s resistance to soldering heat thr iec 60068-2-58 250c, no infrared heating allowed packaging/unit standard version tube/20 pcs., box/500 pcs. refow version reel/280 pcs. box/1120 pcs. (4 reels) 1) not available as refow-solderable version accessories for details see datasheet accessories miniature pcb relay ry pcb layout / terminal assignment bottom view on solder pins 1 form c (co) contact, 3.2 mm 1 form a (no), 1 form b (nc) contact 5 mm s0254-aa s0254-ab s0254-ac s0254-ad s0254-af s0254-ae s0274-cb dimensions pinning 3.2 mm 2) values in brakets are valid for refow-solderable version pinning 5 mm s0274_ca schrack
05-2013, rev. 0513 www.te.com ? 2013 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 3 general purpose relays pcb relays miniature power pcb ryii & ryii refow solderable (continued) product code structure typical product code ry 6 1 1 012 type ry miniature power pcb ryii & ryii refow solderable version 2 pinning 3.2mm, fux proof 6 pinning 3.2mm, wash tight 2) 5 pinning 5mm, fux proof a pinning 5mm, wash tight 2) contact arrangement 1 1 form c (1 co), pinning 3.2mm 3 1 form a (1 no), pinning 5mm 5 1 form b (1 nc), pinning 5mm contact material 1 agni 0.15 2 agni 0.15 gold plated 3 agsno 2 coil coil code: please refer to coil versions table version blank standard version r refow-solderable 2) not available as refow-solderable version soldering profle for refow-solderable version reel dimensions tape dimensions schrack
05-2013, rev. 0513 www.te.com ? 2013 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 4 miniature power pcb ryii & ryii refow solderable (continued) general purpose relays pcb relays product code version contacts contact material coil part number ry211005 pinning 3.2 mm 1 form c, agni 0.15 5vdc 4-1393224-2 ry211012 fux proof 1 co contact 12vdc 4-1393224-6 ry211024 24vdc 4-1393224-9 ry211048 48vdc 5-1393224-1 ry212005 agni 0.15 5vdc 5-1393224-2 ry212012 gold plated 12vdc 5-1393224-5 ry212024 24vdc 5-1393224-8 ry212048 48vdc 5-1393224-9 ry213005 agsno 2 5vdc 6-1393224-0 ry213012 12vdc 6-1393224-1 ry213024 24vdc 6-1393224-2 ry213048 48vdc 6-1393224-3 ry531005 pinning 5 mm 1 form a, agni 0.15 5vdc 7-1393224-6 ry531012 fux proof 1 no contact 12vdc 7-1393224-9 ry531024 24vdc 8-1393224-2 ry531048 48vdc 8-1393224-3 ry532012 agni 0.15 12vdc 8-1393224-4 ry532024 gold plated 24vdc 8-1393224-5 ry533012 agsno 2 12vdc 8-1393224-8 ry533024 24vdc 8-1393224-9 ry533048 48vdc 9-1393224-0 ry611005 pinning 3.2 mm 1 form c, agni 0.15 5vdc 1-1393225-7 ry611012 wash tight 1 co contact 12vdc 1-1393225-9 ry611024 24vdc 2-1393225-1 ry611048 48vdc 2-1393225-2 ry612005 agni 0.15 5vdc 2-1393225-3 ry612012 gold plated 12vdc 2-1393225-6 ry612024 24vdc 2-1393225-9 ry612048 48vdc 3-1393225-0 ry613005 agsno 2 5vdc 5-1419136-2 ry613012 12vdc 3-1393225-1 ry613024 24vdc 3-1393225-3 ry613048 48vdc 3-1393225-4 ry631024 1 form a, agni 0.15 24vdc 4-1415400-1 rya31005 pinning 5 mm 1 no contact 5vdc 1393224-7 rya31012 wash tight 12vdc 1393224-9 rya31024 24vdc 1-1393224-2 rya31048 48vdc 1-1393224-3 rya32005 agni 0.15 5vdc 1-1393224-4 rya32012 gold plated 12vdc 1-1393224-6 rya32024 24vdc 1-1393224-8 rya33005 agsno 2 5vdc 1-1393224-9 rya33024 24vdc 2-1393224-1 product code version contacts contact material coil part number ry211005r pinning 3.2mm 1 form c, agni 0.15 5vdc 1-1956170-2 ry211012r fux proof 1 co contact 12vdc 1-1956170-6 ry211024r refow solderable 24vdc 1956164-1 ry531005r pinning 5.0mm 1 form a, 5vdc 1-1956171-1 RY531012R fux proof 1 no contact 12vdc 1-1956171-4 ry531024r refow solderable 24vdc 1-1956171-7 schrack


▲Up To Search▲   

 
Price & Availability of RY531012R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X