Part Number Hot Search : 
HD74LS55 D120LC40 LM144 91J4K5E EL5724 ENA0963A SA101 BAT43WS
Product Description
Full Text Search
 

To Download RN2969FS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rn2967fs~RN2969FS 2007-11-01 1 toshiba transistor silicon pnp epitaxial type (pct process) (bias resi stor built-in transistor) rn2967fs,rn2968fs,RN2969FS switching, inverter circuit, interface circuit and driver circuit applications ? two devices are incorporated into a fine pitch small mold (6 pin) package. ? incorporating a bias resistor into a transistor reduces parts count. reducing the parts count enable t he manufacture of ever more compact equipment and save assembly cost. ? complementary to rn1967fs~rn1969fs equivalent circuit and bias resistor values absolute maximum ratings (ta = 25c) (q1, q2 common) note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc. ) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 1: total rating unit: mm fs6 1.emiitter1 2.emitter2 3.base2 4.collector2 5.base1 6.collector1 0.150.0 5 0.10.05 6 0.80.05 1.00.05 0.70.0 5 1 2 0.10.05 0.3 5 0.3 5 3 1.00.05 0.10.05 5 4 0.4 8 +0.02 -0.0 4 (e1) (e2) (b2) (c2) (b1) (c1) jedec D jeita D toshiba 2-1f1c weight: 0.001 g (typ.) characteristics symbol rating unit collector-base voltage v cbo ?20 v collector-emitter voltage rn2967fs~ RN2969FS v ceo ?20 v rn2967fs ?6 rn2968fs ?7 emitter-base voltage RN2969FS v ebo ?15 v collector current i c ?50 ma collector power dissipation p c (note 1) 50 mw junction temperature t j 150 c storage temperature range rn2967fs~ RN2969FS t stg ? 55~150 c r1 r2 b c e type no. r1 (k ) r2 (k ) rn2967fs 10 47 rn2968fs 22 47 RN2969FS 47 22 6 5 4 1 2 3 q1 q2 equivalent circuit (top view)
rn2967fs~RN2969FS 2007-11-01 2 electrical characteristics (ta = 25c) (q1, q2 common) characteristics symbol test condition min typ. max unit i cbo v cb = ?20 v, i e = 0 ? ? ?100 collector cut-off current rn2967fs~2969fs i ceo v ce = ?20 v, i b = 0 ? ? ?500 na rn2967fs v eb = ?6 v, i c = 0 ?0.088 ? ?0.131 rn2968fs v eb = ?7 v, i c = 0 ?0.085 ? ?0.126 emitter cut-off current RN2969FS i ebo v eb = ?15 v, i c = 0 ?0.182 ? ?0.271 ma rn2967fs 120 ? ? rn2968fs 120 ? ? dc current gain RN2969FS h fe v ce = ? 5 v, i c = ?10 ma 100 ? ? collector-emitter saturation voltage rn2967fs~2969fs v ce (sat) i c = ? 5 ma, i b = ?0.25 ma ? ? ?0.15 v rn2967fs ?0.7 ? ?1.5 rn2968fs ?0.8 ? ?2.2 input voltage (on) RN2969FS v i (on) v ce = ? 0.2 v, i c = ?5ma ?1.6 ? ?5.0 v rn2967fs ?0.5 ? ?1.0 rn2968fs ?0.6 ? ?1.1 input voltage (off) RN2969FS v i (off) v ce = ? 5 v, i c = ?0.1ma, ?1.3 ? ?2.6 v collector output capacitance rn2967fs~2969fs c ob v cb = ?10 v, i e = 0, f = 1 mhz ? 1.2 ? pf rn2967fs 8 10 12 rn2968fs 17.6 22 26.4 input resistor RN2969FS r1 ? 37.6 47 56.4 k rn2967fs 0.17 0.213 0.255 rn2968fs 0.374 0.468 0.562 resistor ratio RN2969FS r1/r2 ? 1.71 2.14 2.56
rn2967fs~RN2969FS 2007-11-01 3 (q1,q2 common) ic - vi(on) -0.1 -1 -10 -100 -0.1 -1 -10 -100 input voltage vi(on) ( v) collector current ic (ma) emitter common vce= -0.2v 25 -25 rn2967fs ic - vi(on) -0.1 -1 -10 -100 -0.1 -1 -10 -100 input voltage vi(on) ( v) collector current ic (ma) emitter common vce= -0.2v 25 -25 rn2968fs ic - vi(on) -0.1 -1 -10 -100 -0.1 -1 -10 -100 input voltage vi(on) ( v) collector current ic (ma) emitter common vce= -0.2v 25 -25 RN2969FS ic - vi(off) -10 -100 -1000 -10000 -0.2 -0.4 -0.6 -0.8 -1 -1.2 -1.4 input voltage vi(off) ( v) collector current ic ( a) emitter common vce= -5v 25 -25 rn2967fs ic - vi(off) -10 -100 -1000 -10000 -0.2 -0.4 -0.6 -0.8 -1 -1.2 -1.4 -1.6 input voltage vi(off) ( v) collector current ic ( a) emitter common vce= -5v 25 -25 rn2968fs ic - vi(off) -10 -100 -1000 -10000 -0.6 -1 -1.4 -1.8 -2.2 -2.6 -3 input voltage vi(off) ( v) collector current ic ( a) emitter common vce= -5v 25 -25 RN2969FS ta=100c ta=100c ta=100c ta=100c ta=100c ta=100c
rn2967fs~RN2969FS 2007-11-01 4 (q1,q2 common) hfe - ic 10 100 1000 -1 -10 -100 collector current ic (ma) dc current gain hfe emitter common vce= -5v 25 -25 rn2967fs hfe - ic 10 100 1000 -1 -10 -100 collector current ic (ma) dc current gain hfe emitter common vce= -5v 25 -25 rn2968fs hfe - ic 10 100 1000 -1 -10 -100 collector current ic (ma) dc current gain hfe emitter common vce= -5v 25 -25 RN2969FS vce(sat) - ic -10 -100 -1000 -1 -10 -100 collector current ic (ma) collector-emmiter saturation voltage vce(sat) (mv) emitter common ic / ib=20 25 -25 rn2967fs vce(sat) - ic -10 -100 -1000 -1 -10 -100 collector current ic (ma) collector-emitter saturation voltage vce(sat) (mv) emitter common ic / ib=20 25 -25 rn2968fs vce(sat) - ic -10 -100 -1000 -1 -10 -100 collector current ic (ma) collector-emitter saturation voltage vce(sat) (mv) emitter common ic / ib=20 25 -25 RN2969FS ta=100c ta=100c ta=100c ta=100c ta=100c ta=100c
rn2967fs~RN2969FS 2007-11-01 5 type name marking rn2967fs rn2968fs RN2969FS handling precaution when handling individual devices (which are not yet mount ed on a circuit board), be sure that the environment is protected against electrostatic electricit y. operators should wear anti-static cl othing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. type name k6 1 2 3 4 5 6 type name k7 1 2 3 4 5 6 type name k8 1 2 3 4 5 6
rn2967fs~RN2969FS 2007-11-01 6 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba?s written permission, reproduc tion is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product?s quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before creating and producing des igns and using, customers mus t also refer to and comply with (a) the latest versions of all re levant toshiba information, including without limitation, this d ocument, the specifications, the data sheets and applic ation notes for product and the precautions and conditions set forth in the ?tosh iba semiconductor reliability handbook? and (b) t he instructions for the application that product will be used with or for. custome rs are solely responsible for all aspects of t heir own product design or applications, incl uding but not limited to (a) determining th e appropriateness of the use of this product in such design or applications; (b) evaluating and det ermining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expre ssly stated in this document . product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or se rious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic s ignaling equipment, equipment used to control combustions or explosions, safety dev ices, elevators and escalato rs, devices related to el ectric power, and equipment used in finance-related fields. do not use product for unintended use unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? a bsent a written signed agreement, except as provid ed in the relevant terms and conditions of sale fo r product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. expor t administration regulations. ex port and re-export of product or related software or technology are strictly prohibited exc ept in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of RN2969FS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X