Part Number Hot Search : 
01M94VLB C2012 SRM2016 XF4664S2 74LS95N 2SD19 UR480 0805LWCT
Product Description
Full Text Search
 

To Download RC0031E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subjec t to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: RC0031E doc solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com designer?s data sheet part number/ordering information 1 / sdr620 __ __ __ __ screening 2/ __ = not screened tx = tx level txv = txv level s = s level leg bend option __ = straight (see figure 1) db = down bend ub = up bend package j = to-257 m = to-254 z = to-254z pin configuration __ = normal (see table 1) r = reverse family/voltage sdr620 = 100v sdr621 = 150v sdr622 = 200v sdr620j, m & z thru sdr622j, m & z 20 amp hyper fast rectifier 100 ? 200 volts 35 nsec features : ? hyper fast recovery: 35nsec maximum 3/ ? low reverse leakage current ? low junction capacitance ? hermetically sealed isolated package ? higher voltages available ? available in centertap versions ? replaces 1n5816 and 1n5816r ? tx, txv, and s-level screening available 2/ maximum ratings 4 / symbol value units peak repetitive reverse voltage sdr620j, m & z sdr621j, m & z sdr622j, m & z v rrm v rwm v r 100 150 200 volts average rectified forward current 5 / (resistive load, 60 hz sine wave, t a = 25c) i o 20 amps peak surge current 5 / (8.3 ms pulse, half sine wave, t a = 25c) j (to-257) m (to-254) & z (to-254z) i fsm 200 300 amps operating & storage temperature t op & t stg -65 to +200 oc maximum total thermal resistance 5 / junction to case r ? jc 1.7 oc/w notes: 1/ for ordering information, price, operating curves, and availability - contact factory. 2/ screening based on mil-prf- 19500. screening flows available on request. 3/ recovery conditions: i f = 500 ma, i r = 1 amp, i rr = 250 ma. 4/ unless otherwise specified, all maximum ratings / electrical characteristics @25c. 5/ pins 2 & 3 together. to-257 (j) to-254 (m) to-254z (z)
note: all specifications are subjec t to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: RC0031E doc solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com sdr620j, m & z thru sdr622j, m & z electrical character istics (per leg) 4 / symbol max units instantaneous forward voltage drop 300 sec pulse, i f = 10a, t a = 25oc 300 sec pulse, i f = 20a, t a = 25oc 300 sec pulse, i f = 10a, t a = 100oc 300 sec pulse, i f = 10a, t a = -55oc v f1 v f2 v f3 v f4 1.00 1.20 0.90 1.15 v dc reverse leakage current (rated v r , 300 sec pulse minimum) t a = 25oc t a = 100oc i r1 i r2 10 100 ? a ? a reverse recovery time (i f = 500 ma, i r = 1 amp, i rr = 250 ma) t rr 35 nsec junction capacitance (v r = 10v dc , t a = 25oc, f = 1mhz) c j 225 pf notes: 1/ for ordering information, price, operati ng curves, and availability - contact factory. 2/ screening based on mil-prf-19500. screening flows available on request. 3/ recovery conditions: i f = 500 ma, i r = 1 amp, i rr = 250 ma. 4/ unless otherwise specified, all maximum ra tings / electrical characteristics @25c. 5/ pins 2 & 3 together. case outline: to-257 (j) case outline: to-254 (m) case outline: to-254z (z) figure 1- optional lead bends suffix: jdb / jub suffix: mdb & zdb / mub & zub table 1- pin assignment code configuration pin 1 pin 2 pin 3 __ normal cathode anode anode r reverse cathode cathode anode


▲Up To Search▲   

 
Price & Availability of RC0031E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X