Part Number Hot Search : 
F1210 MSAU101 IDT74A 07010 UCLAMP12 0524S 0LL0A 13001
Product Description
Full Text Search
 

To Download PP150T120-ND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3-phase pow-r-pak? igbt assembly 150 amperes/1200 volts PP150T120-ND 1 01/14 rev. 0 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com description: the powerex pow-r-pak? is a configurable igbt based power assembly that may be used as a converter, chopper, half or full bridge, or three phase inverter for motor control, power supply, ups or other power conversion applications. the power assembly is mounted on a forced air-cooled heatsink and features state-of-the-art powerex igbts with low conduction and low switching losses for high efficiency operation. the pow-r-pak? includes a low inductance laminated bus structure, optically isolated gate drive interfaces, isolated gate drive power supplies, and a dc-link capacitor bank. the control board provides a simple user interface along with built-in protection features including overvoltage, undervoltage lockout, overcurrent, overtemperature, and short circuit detection. depending on application characteristics, the pow-r- pak? is suitable for operation with dc bus voltages up to 800vdc and switching frequencies below 20khz. features: high performance igbt inverter bridge integrated gate drive with fault monitoring and protection system status / troubleshooting leds to verify or monitor proper operation isolated gate drive power supplies low inductance laminated bus output current measurement and feedback superior short circuit detection & shoot through prevention outline drawing and circuit diagram dim. inches mm a 14.9 378.4 b 10.15 257.8 c 7.4 193.0 d 14.25 362.0 e 0.3 7.7 f 2.95 75.0 g 8.0 203.2 h 1.0 25.4 j 2.01 51.0 dim. inches mm k 0.79 20.0 l 7.20 183.0 m 5.4 137.2 n 4.33 110.0 p 0.256 dia. 6.5 dia. q m6 metric m6 r 0.32 8.2 s 0.51 12.9 t 14.32 363.6 t d a m s c n f f b r e l +dc k k p (4 places) h q (7 places) a c b ?dc j g pin 1 gate driver board customer interface (see table 1) p1 -dc +dc a b c c1 c1 c1 g1 g1 g1 e1 e1 e1 g2 g2 g2 e2 e2 e2 e2 e2 e2
PP150T120-ND 3-phase pow-r-pak? igbt assembly 150 amperes/1200 volts 2 01/14 rev. 0 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com absolute maximum ratings, t j = 25c unless otherwise specifed module characteristics symbol rating units igbt junction temperature t j -40 to +150 c storage temperature t stg -40 to +65 c operating temperature t op -20 to +60 c voltage applied to dc terminals v cc 900 volts isolation voltage, main terminals to heatsink v iso 2500 volts igbt part characteristics symbol rating units collector current (dc, t c' = 83c) i c 150 amperes peak collector current i cm 300 amperes emitter current (t c = 25c) i e 150 amperes peak emitter current i em 300 amperes maximum collector dissipation (t j < 150c per module) p c 960 watts interface board characteristics symbol rating units unregulated +24v power supply input 30 volts igbt command signal input voltage 20 volts fault output supply voltage 30 volts fault output current 50 ma
PP150T120-ND 3-phase pow-r-pak? igbt assembly 150 amperes/1200 volts 3 01/14 rev. 0 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com electrical characteristics, t j = 25c unless otherwise specifed igbt part characteristics symbol test conditions min. typ. max. units collector cutoff current i ces v ce = v ces , v ge = 0v 1.0 ma collector-emitter saturation voltage v ce(sat) i c = 150a, t j = 25c 2.1 3.0 volts i c = 150a, t j = 125c 2.4 volts emitter-collector voltage v ec i e = 150a 3.8 volts turn-on delay time t d(on) 130 ns rise time t r v cc = 600v, i c = 150a, v ge = 15v, 100 ns turn-off delay time t d(off) r g = 1.6?, inductive load 450 ns fall time t f 350 ns diode reverse recovery time t rr i e = 150a 150 ns diode reverse recovery charge q rr i e = 150a 9.0 c interface board characteristics min. typ. max. units unregulated +24v power supply input 20 24 30 volts power supply current consumption 800 ma igbt command signal on threshold 12 15 volts igbt command signal off threshold 0 2 volts igbt command signal input impedance 10 k? igbt command signal input capacitance 1 nf dead time 3.0 s feedback signal and fault characteristics characteristics min. typ. max. units output over current trip 250 amperes heatsink over temperature trip 95 c bus over voltage trip 920 volts power supply under voltage trip 18.9 volts fault reset time 9 s heatsink temperature feedback 0.1 v/c volts output current feedback (bipolar) 0.01 v/amp volts dc link feedback 0.01 v/v volts
PP150T120-ND 3-phase pow-r-pak? igbt assembly 150 amperes/1200 volts 4 01/14 rev. 0 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com electrical characteristics, t j = 25c unless otherwise specifed other electrical component specifications characteristics min. typ. max. units dc link capacitor bank total nominal capacitance 2300 f nominal ripple current rating per capacitor (@ 85c, 120hz) 11.6 a rms nominal total voltage rating 1000 volts minimum life @ nominal ripple current (80c) 10 khrs output current sensor primary current measuring range 200 amperes accuracy (@ i pn , 25c) < 1 % linearity error < 1 % response time < 5 s bandwidth (-3 db) dc 25 khz thermal characteristics, t j = 25c unless otherwise specifed characteristics symbol test conditions min. typ. max. units igbt thermal resistance, junction-to-case r th(j-c) q per igbt, 1/2 module 0.13 c/w fwd thermal resistance, junction-to-case r th(j-c) d per fwd, 1/2 module 0.23 c/w contact thermal resistance r th(c-f) per 1/2 module 0.022 c/w heatsink thermal resistance r th(f-a) 286 cfm airflow 0.037 c/w mechanical characteristics, t j = 25c unless otherwise specifed characteristics min. typ. max. units mounting torque, output power terminals 75 90 in-lb mounting torque, dc bus terminals 130 150 in-lb weight 39 lb relevant standards ul508c: power conversion equipment en50178: electronic equipment for use in power installations
PP150T120-ND 3-phase pow-r-pak? igbt assembly 150 amperes/1200 volts 5 01/14 rev. 0 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com interface board signal defintions (table 1) pin signal name description 1 shield internally conected to pgnd 2 gate 1 neg. 0-15v signal controlling, lower igbt, high = igbt on 3 leg 1 error 1 open collector output, external pull-up resistor required low = no error; high = phase a over current or short circuit or power supply uv 4 gate 1 pos. 0-15v signal controlling, upper igbt, high = igbt on 5 gate 2 neg. 0-15v signal controlling, lower igbt, high = igbt on 6 leg 2 error 1 open collector output, external pull-up resistor required low = no error; high = phase a over current or short circuit or power supply uv 7 gate 2 pos. 0-15v signal controlling, upper igbt, high = igbt on 8 gate 3 neg. 0-15v signal controlling, lower igbt, high = igbt on 9 leg 3 error 1 open collector output, external pull-up resistor required low = no error; high = phase a over current or short circuit or power supply uv 10 gate 3 pos. 0-15v signal controlling, upper igbt, high = igbt on 11 over temperature 1 open collector output, external pull-up resistor required low = no error; high = heatsink ot 12 external fault reset active low: must be high for operation; low for 10microseconds to reset faults 3 13 dc link voltage analog voltage feedback of dc link voltage 14 24 vdc input power 20-30 vdc input power supply 15 24 vdc input power 20-30 vdc input power supply 16 n/c no connect - do not ground 17 n/c no connect - do not ground 18 pgnd ground reference for 24 vdc power supply 19 pgnd ground reference for 24 vdc power supply 20 heatsink temperature analog voltage representation of heatsink temperature 21 agnd 2 tied to pins 10 and 11 22 i out phase a analog voltage representation of output current 23 agnd 2 tied to pins 10 and 11 24 i out phase b analog voltage representation of output current 25 agnd 2 tied to pins 10 and 11 25 i out phase c analog voltage representation of output current 1. open collectors can be pulled up to 30v max. and sink 50ma continuous. 2. agnd signals to be used for analog feedback signals (i.e. twisted pair with i out phase a). 3. on the board is a jumper that enables fault reset by bringing all leg control signals low for 10 microseconds (default). interface board connector description symbol type manufacturer gate drive board interface header p1 0.100" x 0.100" latching header, 26 pin 3m# 3429-6002 or equivalent recommended mating socket 0.100" x 0.100" idc socket, 26 pin 3m# 3499-7600 or equivalent recommended strain relief plastic strain relief 3m# 3448-3026 or equivalent


▲Up To Search▲   

 
Price & Availability of PP150T120-ND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X