Part Number Hot Search : 
MIC61150 KBPC101 KN4A4M MMBZ5235 WT5081 DB104G CX209 BD675
Product Description
Full Text Search
 

To Download PHP143NQ04T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  php/phb143nq04t n-channel trenchmos? standard level fet rev. 01 13 may 2004 product data 1. product pro?le 1.1 description n-channel enhancement mode ?eld-effect transistor in a plastic package using trenchmos? technology. 1.2 features 1.3 applications 1.4 quick reference data 2. pinning information [1] it is not possible to make connection to pin 2 of the sot404 package n standard level threshold n very low on-state resistance. n motors, lamps, solenoids n uninterruptible power supplies n dc-to-dc converters n general industrial applications. n v ds 40 v n i d 75 a n p tot 200 w n r dson 5.2 m w . table 1: pinning - sot78 (to-220ab) and sot404 (d 2 -pak), simpli?ed outline and symbol pin description simpli?ed outline symbol 1 gate (g) sot78 (to-220ab) sot404 (d 2 -pak) 2 drain (d) [1] 3 source (s) mb mounting base; connected to drain (d) mbk106 12 mb 3 13 2 mbk116 mb s d g mbb076
philips semiconductors php/phb143nq04t n-channel trenchmos? standard level fet product data rev. 01 13 may 2004 2 of 13 9397 750 13165 ? koninklijke philips electronics n.v. 2004. all rights reserved. 3. ordering information 4. limiting values table 2: ordering information type number package name description version PHP143NQ04T to-220ab plastic single-ended package; heatsink mounted; 1 mounting hole; 3 leads sot78 phb143nq04t d 2 -pak plastic single-ended surface mounted package; 3 leads (one lead cropped) sot404 table 3: limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v ds drain-source voltage (dc) 25 c t j 175 c - 40 v v dgr drain-gate voltage (dc) 25 c t j 175 c; r gs =20k w -40v v gs gate-source voltage (dc) - 20 v i d drain current (dc) t mb =25 c; v gs =10v; figure 2 and 3 -75a t mb = 100 c; v gs =10v; figure 2 -75a i dm peak drain current t mb =25 c; pulsed; t p 10 m s; figure 3 - 240 a p tot total power dissipation t mb =25 c; figure 1 - 200 w t stg storage temperature - 55 +175 c t j junction temperature - 55 +175 c source-drain diode i s source (diode forward) current (dc) t mb =25 c - 75 a i sm peak source (diode forward) current t mb =25 c; pulsed; t p 10 m s - 240 a avalanche ruggedness e ds(al)s non-repetitive drain-source avalanche energy unclamped inductive load; i d =69a; t p = 0.27 ms; v dd 40 v; r gs =50 w ; v gs = 10 v; starting at t j =25 c - 475 mj
philips semiconductors php/phb143nq04t n-channel trenchmos? standard level fet product data rev. 01 13 may 2004 3 of 13 9397 750 13165 ? koninklijke philips electronics n.v. 2004. all rights reserved. fig 1. normalized total power dissipation as a function of mounting base temperature. fig 2. normalized continuous drain current as a function of mounting base temperature. t mb =25 c; i dm is single pulse; v gs =10v. fig 3. safe operating area; continuous and peak drain currents as a function of drain-source voltage. 03aa16 0 40 80 120 0 50 100 150 200 t mb ( c) p der (%) 03aq60 0 40 80 120 0 50 100 150 200 t mb ( c) i der (%) p der p tot p tot 25 c () ----------------------- 100 % = i der i d i d25c () ------------------- 100 % = 03aq53 1 10 10 2 10 3 1 10 10 2 v ds (v) i d (a) dc 100 ms 10 ms limit r dson = v ds / i d 1 ms t p = 10 m s 100 m s
philips semiconductors php/phb143nq04t n-channel trenchmos? standard level fet product data rev. 01 13 may 2004 4 of 13 9397 750 13165 ? koninklijke philips electronics n.v. 2004. all rights reserved. 5. thermal characteristics 5.1 transient thermal impedance table 4: thermal characteristics symbol parameter conditions min typ max unit r th(j-mb) thermal resistance from junction to mounting base figure 4 - - 0.75 k/w r th(j-a) thermal resistance from junction to ambient sot78 vertical in still air - 60 - k/w sot404 mounted on a printed-circuit board; minimum footprint. - 50 - k/w fig 4. transient thermal impedance from junction to mounting base as a function of pulse duration. 03aq52 10 -2 10 -1 1 10 -4 10 -3 10 -2 10 -1 1 t p (s) z th(j-mb) (k/w) single pulse d = 0.5 0.2 0.1 0.05 0.02 t p t p t p t t d =
philips semiconductors php/phb143nq04t n-channel trenchmos? standard level fet product data rev. 01 13 may 2004 5 of 13 9397 750 13165 ? koninklijke philips electronics n.v. 2004. all rights reserved. 6. characteristics table 5: characteristics t j =25 c unless otherwise speci?ed. symbol parameter conditions min typ max unit static characteristics v (br)dss drain-source breakdown voltage i d = 250 m a; v gs =0v t j =25 c 40--v t j = - 55 c 36--v v gs(th) gate-source threshold voltage i d = 1 ma; v ds =v gs ; figure 9 and 10 t j =25 c 234v t j = 175 c 1--v t j = - 55 c - - 4.4 v i dss drain-source leakage current v ds = 40 v; v gs =0v t j =25 c --1 m a t j = 175 c - - 500 m a i gss gate-source leakage current v gs = 20 v; v ds = 0 v - 2 100 na r dson drain-source on-state resistance v gs =10v; i d =25a; figure 7 and 8 t j =25 c - 4.4 5.2 m w t j = 175 c - - 9.9 m w dynamic characteristics q g(tot) total gate charge i d = 25 a; v dd =32v; v gs =10v; figure 13 -52-nc q gs gate-source charge - 12 - nc q gd gate-drain (miller) charge - 16 - nc c iss input capacitance v gs =0v; v ds = 25 v; f = 1 mhz; figure 11 -2840-pf c oss output capacitance - 710 - pf c rss reverse transfer capacitance - 295 - pf t d(on) turn-on delay time v dd = 30 v; r l = 1.2 w ; v gs =10v;r g =10 w -15-ns t r rise time -51-ns t d(off) turn-off delay time - 81 - ns t f fall time -56-ns source-drain diode v sd source-drain (diode forward) voltage i s = 25 a; v gs =0v; figure 12 - 0.85 1.2 v t rr reverse recovery time i s = 20 a; di s /dt = - 100 a/ m s; v gs = 0 v - 85 - ns q r recovered charge - 38 - nc
philips semiconductors php/phb143nq04t n-channel trenchmos? standard level fet product data rev. 01 13 may 2004 6 of 13 9397 750 13165 ? koninklijke philips electronics n.v. 2004. all rights reserved. t j =25 ct j =25 c and 175 c; v ds > i d xr dson fig 5. output characteristics: drain current as a function of drain-source voltage; typical values. fig 6. transfer characteristics: drain current as a function of gate-source voltage; typical values. t j =25 c fig 7. drain-source on-state resistance as a function of drain current; typical values. fig 8. normalized drain-source on-state resistance factor as a function of junction temperature. 03aq54 0 80 160 240 0 0.5 1 1.5 2 v ds (v) i d (a) t j = 25 c v gs = 4.5 v 10 v 8 v 7 v 6 v 8.5 v 5 v 5.5 v 6.5 v 7.5 v 03aq56 0 20 40 60 80 0246 v gs (v) i d (a) v ds > i d x r dson t j = 175 c 25 c 03aq55 0 2 4 6 8 10 0 80 160 240 i d (a) r dson (m w ) v gs = 7 v t j = 25 c 10 v 8.5 v 7.5 v 8 v 03aa27 0 0.5 1 1.5 2 -60 0 60 120 180 t j ( c) a a r dson r dson 25 c () ---------------------------- - =
philips semiconductors php/phb143nq04t n-channel trenchmos? standard level fet product data rev. 01 13 may 2004 7 of 13 9397 750 13165 ? koninklijke philips electronics n.v. 2004. all rights reserved. i d = 1 ma; v ds =v gs t j =25 c; v ds =5v fig 9. gate-source threshold voltage as a function of junction temperature. fig 10. sub-threshold drain current as a function of gate-source voltage. v gs = 0 v; f = 1 mhz fig 11. input, output and reverse transfer capacitances as a function of drain-source voltage; typical values. 03aa32 0 1 2 3 4 5 -60 0 60 120 180 t j ( c) v gs(th) (v) max min typ 03aa35 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 0246 v gs (v) i d (a) max typ min 03aq58 10 2 10 3 10 4 10 -1 1 10 10 2 v ds (v) c (pf) c iss c oss c rss
philips semiconductors php/phb143nq04t n-channel trenchmos? standard level fet product data rev. 01 13 may 2004 8 of 13 9397 750 13165 ? koninklijke philips electronics n.v. 2004. all rights reserved. t j =25 c and 175 c; v gs =0v i d = 25 a; v dd = 14 v and 32 v fig 12. source (diode forward) current as a function of source-drain (diode forward) voltage; typical values. fig 13. gate-source voltage as a function of gate charge; typical values. 03aq57 0 20 40 60 80 0 0.3 0.6 0.9 1.2 v sd (v) i s (a) t j = 25 c 175 c v gs = 0 v 03aq59 0 2 4 6 8 10 0204060 q g (nc) v gs (v) i d = 25 a t j = 25 c v dd = 32 v 14 v
philips semiconductors php/phb143nq04t n-channel trenchmos? standard level fet product data rev. 01 13 may 2004 9 of 13 9397 750 13165 ? koninklijke philips electronics n.v. 2004. all rights reserved. 7. package outline fig 14. sot78 (to-220ab). references outline version european projection issue date iec jedec eiaj sot78 sc-46 3-lead to-220ab d d 1 q p l 123 l 1 (1) b 1 e e b 0 5 10 mm scale plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead to-220ab sot78 dimensions (mm are the original dimensions) a e a 1 c note 1. terminals in this zone are not tinned. q l 2 unit a 1 b 1 d 1 e p mm 2.54 qq a b d c l 2 max. 3.0 3.8 3.6 15.0 13.5 3.30 2.79 3.0 2.7 2.6 2.2 0.7 0.4 15.8 15.2 0.9 0.7 1.3 1.0 4.5 4.1 1.39 1.27 6.4 5.9 10.3 9.7 l 1 (1) e l 00-09-07 01-02-16 mounting base
philips semiconductors php/phb143nq04t n-channel trenchmos? standard level fet product data rev. 01 13 may 2004 10 of 13 9397 750 13165 ? koninklijke philips electronics n.v. 2004. all rights reserved. fig 15. sot404 (d 2 -pak). unit a references outline version european projection issue date iec jedec eiaj mm a 1 d 1 d max. e el p h d q c 2.54 2.60 2.20 15.80 14.80 2.90 2.10 11 1.60 1.20 10.30 9.70 4.50 4.10 1.40 1.27 0.85 0.60 0.64 0.46 b dimensions (mm are the original dimensions) sot404 0 2.5 5 mm scale plastic single-ended surface mounted package (philips version of d 2 -pak); 3 leads (one lead cropped) sot404 e e e b d 1 h d d q l p c a 1 a 13 2 mounting base 99-06-25 01-02-12
philips semiconductors php/phb143nq04t n-channel trenchmos? standard level fet product data rev. 01 13 may 2004 11 of 13 9397 750 13165 ? koninklijke philips electronics n.v. 2004. all rights reserved. 8. revision history table 6: revision history rev date cpcn description 01 20040513 - product data (9397 750 13165).
9397 750 13165 philips semiconductors php/phb143nq04t n-channel trenchmos? standard level fet ? koninklijke philips electronics n.v. 2004. all rights reserved. product data rev. 01 13 may 2004 12 of 13 9397 750 13165 philips semiconductors php/phb143nq04t n-channel trenchmos? standard level fet ? koninklijke philips electronics n.v. 2004. all rights reserved. product data rev. 01 13 may 2004 12 of 13 contact information for additional information, please visit http://www.semiconductors.philips.com . for sales of?ce addresses, send e-mail to: sales.addresses@www.semiconductors.philips.com . fax: +31 40 27 24825 9. data sheet status [1] please consult the most recently issued data sheet before initiating or completing a design. [2] the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the l atest information is available on the internet at url http://www.semiconductors.philips.com. [3] for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. 10. de?nitions short-form speci?cation the data in a short-form speci?cation is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values de?nition limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. 11. disclaimers life support these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change noti?cation (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise speci?ed. 12. trademarks trenchmos is a trademark of koninklijke philips electronics n.v. level data sheet status [1] product status [2][3] de?nition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn).
? koninklijke philips electronics n.v. 2004. printed in the netherlands all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. date of release: 13 may 2004 document order number: 9397 750 13165 contents philips semiconductors php/phb143nq04t n-channel trenchmos? standard level fet 1 product pro?le . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 description . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data. . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 thermal characteristics. . . . . . . . . . . . . . . . . . . 4 5.1 transient thermal impedance . . . . . . . . . . . . . . 4 6 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 7 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 8 revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 9 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 12 10 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 11 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 12 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 12


▲Up To Search▲   

 
Price & Availability of PHP143NQ04T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X