Part Number Hot Search : 
MJE2955 HV9982 5ACD2T TS7022CM NJU25006 GW30N RC0805 FARM2CN1
Product Description
Full Text Search
 

To Download PE4352 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 technical data sheet gr874 sexless connector crimp/solder attachment for rg214, rg9, rg225, rg393 confguration connector gr874 sexless connector specifcation mil-c-39012 connector interface type rg214,rg9,rg225,rg393 cable attachment method (shield/contact) crimp/solder body style straight electrical specifcations impedance, ohms 50 mechanical specifcations temperature operating range, deg c -65 to +165 size length, in [mm] 1.95 [49.53] width/dia., in [mm] 0.81 [20.57] . weight, lbs [g] 0.068 [30.84] connector type gr874 sexless contact material and plating silver contact plating specifcation qq-s-365 body material and plating brass, nickel dielectric type t efon compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es plotted and other data notes: v alues at 25 c, sea level gr874 sexless connector crimp/solder attachment for rg214, rg9, rg225, rg393 from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry. click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: gr874 sexless connector crimp/solder attachment for rg214, rg9, rg225, rg393 PE4352 url: http://www.pasternack.com/gr874-sexless-standard-rg214-rg9-rg225-rg393-connector-PE4352-p.aspx PE4352 PE4352 rev gr874 sexless connector crimp/solder attachment for rg214, rg9, rg225, rg393
? 2013 pasternack enterprises all rights reserved 2 PE4352 rev scale n/a dwg title cad file 2233 fscm no. 53919 rev. - 050802 size a PE4352 notes: 1. unless otherwise specified all dimensions are nominal. 2. all specifications are subject to change without notice at any time. 3. dimensions are in inches [mm]. 4. fits mil-c-17 and equivalent cables. 1. strip cable to dimension shown slide ferrule (1) & nut (2) over cable. 2. solder contact (3) to center conductor. flair braid back, insert extension (4) over contact (3) & dielectric. slide ferrule (1) over braid against extension (4). 3. install ring (5) on extension (4) insert contact (7) thru ptfe (6) together screw in to contact (3) align slotted, push body (8) over assembly until ptfe (6) bottoms on to body shoulder. screw nut (2) securely then crimp ferrule (1). assembly procedures contact: solder ferrule: .429" hex crimp tool crimp size required gr874 sexless connector crimp/solder attachment for rg214, rg9, rg225, rg393 PE4352 cad drawing


▲Up To Search▲   

 
Price & Availability of PE4352

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X