Part Number Hot Search : 
A1314BS2 1003A DDTC114 40N65 SM7181 1N5247B PTB20239 X2004
Product Description
Full Text Search
 

To Download PD0810J5050S214 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model pd0810j5050s2 rev c ultra low profile 0805 power divider 50 ? to 50 ? description the pd0810j5050s2 is a low profile, sub- miniature wilkinson power divider in an easy to use surface mount package. the pd0810j5050s2 is ideal for high volume manufacturing and delivers higher performances than traditional printed and lumped element solutions. the pd0810j5050s2 is matched to 50 ? and has a height profile of 0.5 mm which is ideal for high le vel integrations in the following markets: gsm, wcdma, home cordless, and rfid. the pd0810j5050s2 does not include the resistive element and ther efore, requires an external resistor for operation. the pd0810j5050s2 is available on tape and reel for high volume manufacturing pick and place. detailed electrical specifications: specifications subject to change without notice. room (25 c) parameter min. typ. max unit frequency 800 1000 mhz input port impedance 50 ? output port impedance 50 ? return loss 14 19 db insertion loss* 0.5 0.6 db amplitude balance 0.3 0.8 db phase balance 1 4 degrees isolation (output ports) 17 21 db power handling 2 watts features: ? 800-1000 mhz ? 21 db isolation (output ports) ? 0.5mm height profile ? 50 ? input / 50 ? outputs ? low insertion loss ? surface mountable ? tape & reel ? non-conductive surface ? rohs compliant ? external resistor required operating temperature -55 +85 oc * insertion loss stated at room temperature (insertion loss is approximately 0.1 db higher at +85 oc) outline drawing mechanical outline dimensions are in inches [millimeters] tolerances are non-cumulative 1 2 3 6 5 4 bottom view (far-side) side view top view (near-side) 6x .009 [0.22] 6x .012 [0.30] 2x .026 [0.65] orientation marker denotes pin location orientation marker denotes pin location .021 .002 [0.53 0.05 ] .049 .004 [1.25 0.10 ] .079 .004 [2.00 0.10 ] .039 [0.98] gnd gnd output 2 output 1 input gnd designation 5 4 2 1 6 3 pin
usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. model pd0810j5050s2 rev c typical broadband performance: 500 mhz. to 8.0 ghz. return loss - input -36 -33 -30 -27 -24 -21 -18 -15 -12 -9 -6 -3 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 frequency [mhz] [db] insertion loss -36 -33 -30 -27 -24 -21 -18 -15 -12 -9 -6 -3 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 frequency [mhz] [db] amplitude balance -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 frequency [mhz] [db] phase balance -20 -15 -10 -5 0 5 10 15 20 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 frequency [mhz] deg isolation -36 -33 -30 -27 -24 -21 -18 -15 -12 -9 -6 -3 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 frequency [mhz] [db]
available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model pd0810j5050s2 rev c typical performance: 700 mhz. to 1100 mhz. return loss - input -36 -33 -30 -27 -24 -21 -18 -15 -12 -9 -6 -3 0 700 750 800 850 900 950 1000 1050 1100 frequency [mhz] [db] insertion loss -3.6 -3.3 -3.0 -2.7 -2.4 -2.1 -1.8 -1.5 -1.2 -0.9 -0.6 -0.3 0.0 700 750 800 850 900 950 1000 1050 1100 frequency [mhz] [db] amplitude balance -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 700 750 800 850 900 950 1000 1050 1100 frequency [mhz] [db] phase balance -20 -15 -10 -5 0 5 10 15 20 700 750 800 850 900 950 1000 1050 1100 frequency [mhz] deg isolation -36 -33 -30 -27 -24 -21 -18 -15 -12 -9 -6 -3 0 700 750 800 850 900 950 1000 1050 1100 frequency [mhz] [db]
usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. model pd0810j5050s2 rev c mounting configuration: in order for xinger surface mount components to work opti mally, the proper impedance transmission lines must be used to connect to the rf ports. if this condition is not satisfied, insertion loss, isolation and vswr may not meet published specifications. an example of the pcb footprint used in the testing of these parts is shown below. in specific designs, the transmission line widths need to be adjusted to the unique di electric coefficients and thicknesses as well as varying pick and place equipment tolerances. in addition, since the pd0810j5050s2 is a wilkinson power divider, an external 0603 100 ? resistor must be mounted in locations r1 as shown in the figure below. all of the xinger components are constructed from ceramic filled ptfe composites which possess excellent electrical and mechanical stability having x and y thermal coefficient of expansion (cte) of 17 ppm/ o c. pad footprint w/ 0603 resistor locations circuit pattern footprint pad (s) solder resist mounting footprint dimensions are in inches [millimeters] .033 [0.85] 6x .002 [0.05] 6x .010 [0.25] 6x .014 [0.35] 4x .012 [0.30] plated thru holes to ground 3x transmission line r1
available on tape and reel for pick and place manufacturing. usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model pd0810j5050s2 rev c packaging and ordering information parts are available in reels and are packaged per eia 481-2. part s are oriented in tape and reel as shown below. minimum orde r quantities are 4000 per reel. see model num bers below for further ordering information . b ?a ?c reel dimensions (inches [mm]) ?a b ?c 0.32 [8.0] 2.0 [50.8] 7.00 [177.8] 4000 quantity/reel table 1 ?d 0.512 [13.0] ?d
usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 available on tape and reel for pick and place manufacturing. model pd0810j5050s2 rev c
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: anaren: ? pd0810j5050s2hf


▲Up To Search▲   

 
Price & Availability of PD0810J5050S214

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X