Part Number Hot Search : 
71024 TC58F ST2SA MAX2623 MCZ33 26000 00ELT MCZ33
Product Description
Full Text Search
 

To Download P44WG-247R2E21LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pm7-series ? p44wg-xxxxe/z2:1(h35)lf ? single and d ual output ? 2?x1? - metal case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 1/4 p44wg-xxxxe/z2:1(h35)lf all specifications typical at ta=25c, nominal inpu t voltage and full load unless otherwise specified input specifications voltage range 2:1 wide input (see table) input filter capacitors input reflected ripple current1 35 ma pk-pk start up time (nom. vin and constant resistive load) 20ms, typ. output specifications voltage accuracy 1% short circuit protection indefinite (automatic recovery) over current protection 140% of max. iout line regulation 0.5% load regulation (10% - 100%) 0.5% ripple and noise (20mhz bandwidth) 100 mv pk-pk temperature coefficient 0.02% / c general specifications efficiency see table i/o isolation voltage (3 sec.) 1500 vdc (3000 vdc optional)* i/o isolation capacitance 470 pf, typ. i/o isolation resistance 1000 m ohm switching frequency 200 khz, typ. humidity 95% rel h reliability calculated mtbf (mil-hdbk-217f) > 1.121 mhrs physical specifications case material nickel coated brass potting material epoxy (ul94v-0 rated) weight ~ 30g, typ. environment specifications operating temperature -40 to +85c (ambient) maximum case temperature 100c storage temperature -40 to +125c cooling free air convection rohs conform soldering 260c, max. (1.5mm from case 10s.) mainzer stra?e 151?153 d-55299 nackenheim tel. +49 6135 7026-0 fax: +49 6135 931070 www.peak-electronics.de peak@peak-electronics.de the pm7 series p44wg - xxxxe/z2:1 (h35) lf is a family of cost effective 12w, single & dual output dc-dc converters with a w ide input range of 2:1. these converters are encapsulated in nickel coated brass 2x1 case with high performance features: 1500vdc up to 3500vdc in put/output isolation voltage, continuous short circuit protection with a utomatic restart and tight line / load regulation, high efficiency operation a nd output voltage accuracy of 1% maximum. pm7-series  12 watt  2:1 wide input  2? x 1? case  1.5 - 3.5 kv dc i/o isolation  regulated output  single and dual output  continuous short circuit prot. rev.03-2009
pm7-series ? p44wg-xxxxe/z2:1(h35)lf ? single and d ual output ? 2?x1? - metal case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 2/4 selection guide single output order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t m i n . l o a d ( m a ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 single output p44wg-123r3e2:1lf 9-18 30 835 3.3 240 2400 79 3300 p44wg-1205e2:1lf 9-18 30 1219 5 240 2400 82 3300 p44wg-127r2e2:1lf 9-18 30 1204 7.2 166 1666 83 2200 p44wg-1209e2:1lf 9-18 30 1204 9 133 1333 83 1000 p44wg-1212e2:1lf 9-18 30 1190 12 100 1000 84 1000 p44wg-1215e2:1lf 9-18 30 1190 15 80 800 84 680 p44wg-1218e2:1lf 9-18 30 1176 18 66 666 85 470 p44wg-1224e2:1lf 9-18 30 1176 24 50 500 85 470 p44wg-243r3e2:1lf 18-36 25 417 3.3 240 2400 79 3300 p44wg-2405e2:1lf 18-36 25 609 5 240 2400 82 3300 p44wg-247r2e2:1lf 18-36 25 602 7.2 166 1666 83 2200 p44wg-2409e2:1lf 18-36 25 595 9 133 1333 84 1000 p44wg-2412e2:1lf 18-36 25 595 12 100 1000 84 1000 p44wg-2415e2:1lf 18-36 25 588 15 80 800 85 680 p44wg-2418e2:1lf 18-36 25 588 18 66 666 85 470 p44wg-2424e2:1lf 18-36 25 581 24 50 500 86 470 p44wg-483r3e2:1lf 36-72 20 208 3.3 240 2400 79 3300 p44wg-4805e2:1lf 36-72 20 301 5 240 2400 83 3300 p44wg-487r2e2:1lf 36-72 20 301 7.2 166 1666 83 2200 p44wg-4809e2:1lf 36-72 20 297 9 133 1333 84 1000 p44wg-4812e2:1lf 36-72 20 297 12 100 1000 84 1000 p44wg-4815e2:1lf 36-72 20 297 15 80 800 84 680 p44wg-4818e2:1lf 36-72 20 294 18 66 666 85 470 p44wg-4824e2:1lf 36-72 20 294 24 50 500 86 470 if you need other specifications, please enquire. * for optional 3.5kv dc i/o isolation, please add ? h35? before lf!  example: p44wg-2409e2:1h35 lf for 3.5kv notes:
pm7-series ? p44wg-xxxxe/z2:1(h35)lf ? single and d ual output ? 2?x1? - metal case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 3/4 selection guide dual output order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t m i n . l o a d ( m a ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 dual output p44wg-123r3z2:1lf 9-18 30 835 3.3 120 1200 79 1000 p44wg-1205z2:1lf 9-18 30 1219 5 120 1200 82 1000 p44wg-127r2z2:1lf 9-18 30 1204 7.2 83 833 83 680 p44wg-1209z2:1lf 9-18 30 1190 9 66 666 84 470 p44wg-1212z2:1lf 9-18 30 1190 12 50 500 84 470 p44wg-1215z2:1lf 9-18 30 1176 15 40 400 85 330 p44wg-1218z2:1lf 9-18 30 1176 18 33 333 85 220 p44wg-1224z2:1lf 9-18 30 1176 24 25 250 85 220 p44wg-243r3z2:1lf 18-36 25 417 3.3 120 1200 79 1000 p44wg-2405z2:1lf 18-36 25 609 5 120 1200 82 1000 p44wg-247r2z2:1lf 18-36 25 602 7.2 83 833 83 680 p44wg-2409z2:1lf 18-36 25 602 9 66 666 83 470 p44wg-2412z2:1lf 18-36 25 595 12 50 500 84 470 p44wg-2415z2:1lf 18-36 25 595 15 40 400 84 330 p44wg-2418z2:1lf 18-36 25 588 18 33 333 85 220 p44wg-2424z2:1lf 18-36 25 588 24 25 250 85 220 p44wg-483r3z2:1lf 36-72 20 208 3.3 120 1200 79 1000 p44wg-4805z2:1lf 36-72 20 304 5 120 1200 82 1000 p44wg-487r2z2:1lf 36-72 20 297 7.2 83 833 84 680 p44wg-4809z2:1lf 36-72 20 297 9 66 666 84 470 p44wg-4812z2:1lf 36-72 20 294 12 50 500 85 470 p44wg-4815z2:1lf 36-72 20 294 15 40 400 85 330 p44wg-4818z2:1lf 36-72 20 290 18 33 333 86 220 p44wg-4824z2:1lf 36-72 20 290 24 25 250 86 220 if you need other specifications, please enquire. * for optional 3.5kv dc i/o isolation, please add ? h35? before lf!  example: p44wg-2409z2:1h35 lf for 3.5kv notes:
pm7-series ? p44wg-xxxxe/z2:1(h35)lf ? single and d ual output ? 2?x1? - metal case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 4/4 package / pinning / derating pe a k modelcode datecode 50.80 (2.00) 10.16 (0.40) 5.08 (0.20) min. bottom view 3 5 4 10.16 (0.40) 1 2 10.16 (0.40) 5.08 (0.20) 15.24 (0.60) 15.24 (0.60) 20.32 (0.80) 10.16 (0.40) 10.16 (0.40) 2.54 (0.10) 2.54 (0.10) 25.40 (1.00) vin: vout: iout: vin -vout com (if dual) +vout - + dia. 1.00 (0.04) all dimensions are typical in millimeters (inches). - pin diameter: 1.0 +/-0.05 (0.04 +/-0.002) - pin pitch tolerance: +/-0.35 (+/-0.014) - case tolerance +/-0.5 (+/-0.02) specification may change without notice. 2" x 1" C metal case # single dual 1 +vin +vin 2 - vin - vin 3 +vout +vout 4 omitted common 5 - vout - vout same pinning for 3.5 kv isolation pin connections app notes: 1 = measured input reflected ripple current with a simu lated source inductance of 12uh. 2 = tested by minimal vin and constant resistive load. - operation under no-load conditions will not damag e these devices, but they will not observe the list ed specifications. - suggest adding input external filter ( c1 , c2 , l ) to meet conducted emissions (en55022 class a). emc specifications radiated emissions en 55022 fcc 47cfr part 15/a class a class a esd iec 61000-4-2 perf. criteria b rs iec 61000-4-3 perf. criteria a


▲Up To Search▲   

 
Price & Availability of P44WG-247R2E21LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X