Part Number Hot Search : 
BM29F PDC3015C G6841SZ SSF1016 00ETT EER40C MS6334TR ON2724
Product Description
Full Text Search
 

To Download P42WG-127R2E21LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pm7-series ? p42wg-xxxxe/z2:1(h35)lf ? single and d ual output ? 2?x1? - metal case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 1/4 p42wg-xxxxe/z2:1(h35)lf all specifications typical at ta=25c, nominal inpu t voltage and full load unless otherwise specified input specifications voltage range 2:1 wide input (see table) input filter capacitors input reflected ripple current1 35 ma pk-pk start up time (nom. vin and constant resistive load) 20ms, typ. output specifications voltage accuracy 1% short circuit protection indefinite (automatic recovery) over current protection 140% of max. iout line regulation 0.5% load regulation (10% - 100%) 0.5% ripple and noise (20mhz bandwidth) 100 mv pk-pk temperature coefficient 0.02% / c general specifications efficiency see table i/o isolation voltage (3 sec.) 1500 vdc (3000 vdc optional)* i/o isolation capacitance 500 pf, typ. i/o isolation resistance 1000 m ohm switching frequency 200 khz, typ. humidity 95% rel h reliability calculated mtbf (mil-hdbk-217f) > 1.121 mhrs physical specifications case material nickel coated brass potting material epoxy (ul94v-0 rated) weight ~ 30g, typ. environment specifications operating temperature -40 to +85c (ambient) maximum case temperature 100c storage temperature -40 to +125c cooling free air convection rohs conform soldering 260c, max. (1.5mm from case 10s.) mainzer stra?e 151?153 d-55299 nackenheim tel. +49 6135 7026-0 fax: +49 6135 931070 www.peak-electronics.de peak@peak-electronics.de the pm7 series p42wg - xxxxe/z2:1 (h35) lf is a family of cost effective 10w, single & dual output dc-dc converters with a w ide input range of 2:1. these converters are encapsulated in nickel coated brass 2x1 case with high performance features: 1500vdc up to 3500vdc in put/output isolation voltage, continuous short circuit protection with a utomatic restart and tight line / load regulation, high efficiency operation a nd output voltage accuracy of 1% maximum. pm7-series  10 watt  2:1 wide input  2? x 1? case  1.5 - 3.5 kv dc i/o isolation  regulated output  single and dual output  continuous short circuit prot. rev.03-2009
pm7-series ? p42wg-xxxxe/z2:1(h35)lf ? single and d ual output ? 2?x1? - metal case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 2/4 selection guide single output order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t m i n . l o a d ( m a ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 single output p42wg-123r3e2:1lf 9-18 30 705 3.3 200 2000 78 2200 p42wg-1205e2:1lf 9-18 30 1016 5 200 2000 82 2200 p42wg-127r2e2:1lf 9-18 30 1004 7.2 138 1388 83 1000 p42wg-1209e2:1lf 9-18 30 1004 9 111 1111 83 1000 p42wg-1212e2:1lf 9-18 30 992 12 83 833 84 680 p42wg-1215e2:1lf 9-18 30 992 15 66 666 84 470 p42wg-1218e2:1lf 9-18 30 980 18 55 555 85 470 p42wg-1224e2:1lf 9-18 30 980 24 41 416 85 330 p42wg-243r3e2:1lf 18-36 25 352 3.3 200 2000 78 2200 p42wg-2405e2:1lf 18-36 25 508 5 200 2000 82 2200 p42wg-247r2e2:1lf 18-36 25 502 7.2 138 1388 83 1000 p42wg-2409e2:1lf 18-36 25 496 9 111 1111 84 1000 p42wg-2412e2:1lf 18-36 25 496 12 83 833 84 680 p42wg-2415e2:1lf 18-36 25 490 15 66 666 85 470 p42wg-2418e2:1lf 18-36 25 490 18 55 555 85 470 p42wg-2424e2:1lf 18-36 25 484 24 41 416 86 330 p42wg-483r3e2:1lf 36-72 20 176 3.3 200 2000 78 2200 p42wg-4805e2:1lf 36-72 20 251 5 200 2000 83 2200 p42wg-487r2e2:1lf 36-72 20 251 7.2 138 1388 83 1000 p42wg-4809e2:1lf 36-72 20 248 9 111 1111 84 1000 p42wg-4812e2:1lf 36-72 20 248 12 83 833 84 680 p42wg-4815e2:1lf 36-72 20 248 15 66 666 84 470 p42wg-4818e2:1lf 36-72 20 245 18 55 555 85 470 p42wg-4824e2:1lf 36-72 20 245 24 41 416 86 330 if you need other specifications, please enquire. * for optional 3.5kv dc i/o isolation, please add ? h35? before lf!  example: p42wg-2409e2:1h35 lf for 3.5kv notes:
pm7-series ? p42wg-xxxxe/z2:1(h35)lf ? single and d ual output ? 2?x1? - metal case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 3/4 selection guide dual output order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t m i n . l o a d ( m a ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 dual output p42wg-123r3z2:1lf 9-18 30 1068 3.3 100 1000 78 1000 p42wg-1205z2:1lf 9-18 30 1016 5 100 1000 82 1000 p42wg-127r2z2:1lf 9-18 30 1004 7.2 69 694 83 680 p42wg-1209z2:1lf 9-18 30 992 9 55 555 84 470 p42wg-1212z2:1lf 9-18 30 992 12 41 416 84 470 p42wg-1215z2:1lf 9-18 30 980 15 33 333 85 330 p42wg-1218z2:1lf 9-18 30 980 18 27 277 85 220 p42wg-1224z2:1lf 9-18 30 980 24 20 208 85 220 p42wg-243r3z2:1lf 18-36 25 352 3.3 100 1000 78 1000 p42wg-2405z2:1lf 18-36 25 508 5 100 1000 82 1000 p42wg-247r2z2:1lf 18-36 25 502 7.2 69 694 83 680 p42wg-2409z2:1lf 18-36 25 502 9 55 555 83 470 p42wg-2412z2:1lf 18-36 25 496 12 41 416 84 470 p42wg-2415z2:1lf 18-36 25 496 15 33 333 84 330 p42wg-2418z2:1lf 18-36 25 490 18 27 277 85 220 p42wg-2424z2:1lf 18-36 25 490 24 20 208 85 220 p42wg-483r3z2:1lf 36-72 20 176 3.3 100 1000 78 1000 p42wg-4805z2:1lf 36-72 20 254 5 100 1000 82 1000 p42wg-487r2z2:1lf 36-72 20 248 7.2 69 694 84 680 p42wg-4809z2:1lf 36-72 20 248 9 55 555 84 470 p42wg-4812z2:1lf 36-72 20 245 12 41 416 85 470 p42wg-4815z2:1lf 36-72 20 245 15 33 333 85 330 p42wg-4818z2:1lf 36-72 20 242 18 27 277 86 220 p42wg-4824z2:1lf 36-72 20 242 24 20 208 86 220 if you need other specifications, please enquire. * for optional 3.5kv dc i/o isolation, please add ? h35? before lf!  example: p42wg-2409z2:1h35 lf for 3.5kv notes:
pm7-series ? p42wg-xxxxe/z2:1(h35)lf ? single and d ual output ? 2?x1? - metal case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 4/4 package / pinning / derating pe a k modelcode datecode 50.80 (2.00) 10.16 (0.40) 5.08 (0.20) min. bottom view 3 5 4 10.16 (0.40) 1 2 10.16 (0.40) 5.08 (0.20) 15.24 (0.60) 15.24 (0.60) 20.32 (0.80) 10.16 (0.40) 10.16 (0.40) 2.54 (0.10) 2.54 (0.10) 25.40 (1.00) vin: vout: iout: vin -vout com (if dual) +vout - + dia. 1.00 (0.04) all dimensions are typical in millimeters (inches). - pin diameter: 1.0 +/-0.05 (0.04 +/-0.002) - pin pitch tolerance: +/-0.35 (+/-0.014) - case tolerance +/-0.5 (+/-0.02) specification may change without notice. 2" x 1" C metal case # single dual 1 +vin +vin 2 - vin - vin 3 +vout +vout 4 omitted common 5 - vout - vout same pinning for 3.5 kv isolation pin connections app notes: 1 = measured input reflected ripple current with a simu lated source inductance of 12uh. 2 = tested by minimal vin and constant resistive load. - operation under no-load conditions will not damag e these devices, but they will not observe the list ed specifications. - suggest adding input external filter (c1 , c2 , l ) to meet conducted emissions (en 55022 class a). emc specifications radiated emissions en 55022 fcc 47cfr part 15/a class a class a esd iec 61000-4-2 perf. criteria b rs iec 61000-4-3 perf. criteria a


▲Up To Search▲   

 
Price & Availability of P42WG-127R2E21LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X