Part Number Hot Search : 
F38076 MAX6373 MA28TAG MPL031 AK3713 6256A 6256A 10PF06
Product Description
Full Text Search
 

To Download P0642SB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thyristor surge suppressors (tss) revision september 25, 2013 1 / 5 @socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. P0642SB C p6002sb series - do-214aa(smb) @10/700 s, 4kv socay electronics co., ltd. www.socay.com P0642SB-p6002sb series are very low capacitance devices designed to protect broadband equipment such as voip, dsl modems and dslams from damaging over-voltage transients. this series provides a surface mount solution that enables equipment to comply with global regulatory standards, while limiting the impact to broadband signals. u low voltage overshoot u low on-state voltage u does not degrade with use u fails short circuit when surged in excess of ratings u low distortion u 40% lower capacitance than comparable product u tia-968-a u itu k.20/21 enhanced level u itu k.20/21 basic level u gr 1089 inter building u iec 6100-4-5 u yd/t 1082 u yd/t 993 u yd/t 950 parameter definition i s switching current - maximum current required to switch to on state i drm leakage current - maximum peak off-state current measured at vdrm i h holding current - minimum current required to maintain on state i t on-state current - maximum rated continuous on-state current v s switching voltage - maximum voltage prior to switching to on stat v drm peak off-state voltage - maximum voltage that can be applied while maintaining off state v t on-state voltage - maximum voltage measured at rated on-state current c 0 off-state capacitance - typical capacitance measured in off state i t i s i h i drm v t v drm v s + i - i - v +v description features and benefits applicable global standards schematic symbol electrical parameters
thyristor surge suppressors (tss) revision september 25, 2013 2 / 5 @socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. P0642SB C p6002sb series - do-214aa(smb) @10/700 s, 4kv socay electronics co., ltd. www.socay.com v drm @i drm =5 a v s @100v/ s v t @i t =2.2a i s i t i h c 0 @1mhz part number marking v min v max v max ma max a max ma min pf min pf max P0642SB p06b 58 77 4 800 2.2 120 25 45 p0722sb p07b 65 88 4 800 2.2 120 20 45 p0902sb p09b 75 98 4 800 2.2 120 20 40 p1102sb p11b 90 130 4 800 2.2 120 15 35 p1302sb p13b 120 160 4 800 2.2 120 15 35 p1502sb p15b 140 180 4 800 2.2 120 15 30 p1802sb p18b 170 220 4 800 2.2 120 10 30 p2302sb p23b 190 260 4 800 2.2 120 10 25 p2602sb p26b 220 300 4 800 2.2 120 10 25 p3002sb p30b 280 360 4 800 2.2 120 10 25 p3502sb p35b 320 400 4 800 2.2 120 10 20 p4202sb p42b 380 500 4 800 2.2 120 10 20 p4802sb p48b 440 600 4 800 2.2 120 5 20 p6002sb p60b 550 700 4 800 2.2 120 5 20 notes: - absolute maximum ratings measured at t a = 25 o c (unless otherwise noted). - devices are bi-directional. 2/10 s 1 8/20 s 1 10/160 s 1 10/560 s 1 10/1000 s 1 5/310 s 1 2/10 s 2 1.2/50 s 2 10/160 s 2 10/560 s 2 10/1000 s 2 10/700 s 2 i tsm 50/60 hz di/dt series a min a min a min a min a min a min a min amps/ s max b 250 250 150 100 80 100 30 500 notes: 1. current waveform in s 2. voltage waveform in s - peak pulse current rating (i pp ) is repetitive and guaranteed for the life of the product. - i pp ratings applicable over temperature range of -40 o c to +85 o c - the device must initially be in thermal equilibrium with -40 c < t j < +150 c package symbol parameter value unit t j operating junction temperature range - 40 to + 150 c t s storage temperature range - 40 to +150 c r ja thermal resistance: junction to ambient 90 c/w electrical characteristics surge ratings thermal considerations do - 214aa
thyristor surge suppressors (tss) revision september 25, 2013 3 / 5 @socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. P0642SB C p6002sb series - do-214aa(smb) @10/700 s, 4kv socay electronics co., ltd. www.socay.com peak value waveform=t r t d t r =rise time to peak value t d =decay time to half value half value 100 5 0 5 0 t r t d 0 t C time ( s) i pp C peak pulse current - % i pp -40 -20 0 20 40 60 80 100 120 140 160 junction temperature (t j ) - 14 12 10 8 6 4 2 9 -4 -6 -8 percent of v s change - % 25 - 40 - 20 0 20 40 60 80 100 120 140 160 case temperature (tc) - 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 25 ration of i h i h (t c =25 ) i t i s i h i drm v t v drm v s + i - i - v +v characteristic curves figure 1 - v - i characteristics figure 3 - normalized v s change versus junction temperature figure 2 - t r t d pulse waveform figure 4 - normalized dc holding current versus case temperature
thyristor surge suppressors (tss) revision september 25, 2013 4 / 5 @socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. P0642SB C p6002sb series - do-214aa(smb) @10/700 s, 4kv socay electronics co., ltd. www.socay.com lead material copper alloy high temp voltage blocking 80% rated vdrm (vac peak ) +125 c or +150 c, lead material copper alloy high temp voltage blocking 504 or 1008 hrs. mil-std-750 (method 1040) jedec, jesd22-a-101 terminal finish 100% matte-tin plated body material ul recognized epoxy meeting flammability classification 94v-0 temp cycling - 65 c to +150 c, 15 min. dwell, 10 up to 100 cycles. mil-std-750 (method 1051) eia/jedec, jesd22-a104 biased temp & humidity 52 vdc (+85 c) 85%rh, 504 up to 1008 hrs. eia/ jedec, jesd22-a-101 high temp storage +150 c 1008 hrs. mil-std-750 (method 1031) jedec, jesd22-a-101 low temp storage -65 c, 1008 hrs. thermal shock 0 c to +100 c, 5 min. dwell, 10 sec. transfer, thermal shock 10 cycles. mil-std-750 (method 1056) jedec, jesd22-a-106 autoclave (pressure cooker test) +121 c, 100%rh, 2atm, 24 up to 168 hrs. eia/cooker test) jedec, jesd22-a-102 resistance to solder heat +260 c, 30 secs. mil-std-750 (method 2031 moisture sensitivity level 85%rh, +85 c, 168 hrs., 3 reflow cycles level (+260 c peak). jedec-j-std-020, level 1 reflow condition lead C free assembly -temperature min (t s(min) ) +150 c -temperature max (t s(max) ) +200 c pre heat -time (min to max) (t s ) 60 -180 seconds average ramp up rate ( liquidus temp t l ) to peak 3 c/second max t s(max) to t l - ramp-up rate 3 c/second max - temperature (t l ) (liquidus) +217 c reflow - time (min to max) (t s ) 60 -150 seconds peak temperature (t p ) 260 +0/-5 c time within 5 c of actual peak temperature (t p ) 30 seconds max ramp-down rate 6 c/second max time 25 c to peak temperature (t p ) 8 minutes max do not exceed +260 c ramp-down preheat critical zone t l to t p time to peak temperature (t 25 to peak) t p t l t s(max) t s(min) 25 temperature ramp-up time environmental specifications physical specifications soldering parameters
thyristor surge suppressors (tss) revision september 25, 2013 5 / 5 @socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. P0642SB C p6002sb series - do-214aa(smb) @10/700 s, 4kv socay electronics co., ltd. www.socay.com inches millimeters dimensions min max min max a 0.130 0.156 3.30 3.95 b 0.201 0.220 5.10 5.60 c 0.077 0.087 1.95 2.20 d 0.159 0.181 4.05 4.60 e 0.030 0.063 0.76 1.60 f 0.076 0.096 1.90 2.45 g 0.002 0.008 0.05 0.20 h 0.077 0.104 1.95 2.65 k 0.006 0.016 0.15 0.41 part number component package quantity packaging option packaging specification pxxx2sb do-214aa 2500 tape & reel -12mm/13 tape eia -481 - d part n umbering part marking inch (millimeter) pad outline dimensions do - 214a a packaging date code part marking code (refer to electrical characteristics table) dimensions are in inches (and millimeters) d irection of feed 0.49 (12.4) 0.512(13.0) arbor hole diameter 12.99 (330.0) 0. 36 (9.2) 0. 157 (4.0) 0.059 (1.5) diameter 0. 315 (8.0) cover tape 0. 472 (12.0) tape and reel s pecifications


▲Up To Search▲   

 
Price & Availability of P0642SB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X