Part Number Hot Search : 
XLUGR2 DTQS3 AG668FT MC145 ST72C216 DTQS3 M215FAN SMAJ4480
Product Description
Full Text Search
 

To Download NSR1030MW2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 december, 2006 ? rev. p1 publication order number: NSR1030MW2/d NSR1030MW2t1g product preview schottky barrier diodes this schottky barrier diode in the sod?323 package offers extremely low vf performance. the low forward voltage makes them capable of handling high current in a very small package. the resulting device is ideally suited for application as a blocking diode in charging applications or as part of discrete buck converter or discrete boost converter. as part of a buck conversion circuit, a boost conversion circuit or a charging circuit the low vf drop of the schottky improves the efficiency of the overall device by consuming less power in the forward mode. features ? low forward voltage ? 0.24 v (typ) @ i f = 10 madc ? high current capability ? esd rating ? human body model: class 3b ? machine model: c ? these are pb?free devices maximum ratings (t j = 125 c unless otherwise noted) rating symbol value unit reverse voltage v r 30 vdc peak revese voltage v rm 30 v forward power dissipation @ t a = 25 c derate above 25 c p f 200 2.0 mw mw/ c forward current (dc) continuous i f 1 a forward current t = 8.3 ms half sinewave i f 5 a junction temperature t j 125 max c storage temperature range t stg ?55 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. this document contains information on a product under development. on semiconductor reserves the right to change or discontinue this product without notice. rf = specific device code m = date code  = pb?free package (note: microdot may be in either location) marking diagram high current schottky barrier diode 1 cathode 2 anode device package shipping ? ordering information sod?323 case 477 style 1 http://onsemi.com m ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d. NSR1030MW2t1g sod?323 (pb?free) 3000/tape & reel NSR1030MW2t3g sod?323 (pb?free) 10,000/tape & ree l 1 2 rf m  
NSR1030MW2t1g http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit total capacitance (v r = 5.0 v, f = 1.0 mhz) c t ? ? 25 pf reverse leakage (v r = 10 v) i r ? ? 30  adc forward voltage (i f = 1 madc) v f ? ? 0.250 vdc forward voltage (i f = 10 madc) v f ? ? 0.310 vdc forward voltage (i f = 100 madc) v f ? ? 0.395 vdc forward voltage (i f = 500 madc) v f ? ? 0.495 vdc forward voltage (i f = 1000 madc) v f ? ? 0.595 vdc 0.001 0.01 0.1 1 0.0 0.1 0.2 0.3 0.4 0.5 0.6 figure 1. forward voltage 1 10 100 1000 100000 0 5 10 15 20 25 figure 2. leakage current i r , reverse current (  a) 125 c 85 c ?45 c ?55 c 25 c 150 c 85 c 25 c 125 c 0 10 20 30 40 50 60 70 0 5 10 15 20 figure 3. total capacitance 30 10000 v r , reverse voltage (v) i f , forward current (a) 25 30 80 90 100 c t , capacitance (pf) 25 30 80 90 v r , reverse voltage (v) v f , forward voltage (v)
NSR1030MW2t1g http://onsemi.com 3 package dimensions sod?323 case 477?02 issue g style 1: pin 1. cathode 2. anode *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 1.60 0.063 0.63 0.025  mm inches  scale 10:1 0.83 0.033 2.85 0.112 h e notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeters. 3. lead thickness specified per l/f drawing with solder plating. 4. dimensions a and b do not include mold flash, protrusions or gate burrs. 5. dimension l is measured from end of radius. note 3 d 1 2 b e a3 a1 a c note 5 l h e dim min nom max millimeters a 0.80 0.90 1.00 a1 0.00 0.05 0.10 a3 0.15 ref b 0.25 0.32 0.4 c 0.089 0.12 0.177 d 1.60 1.70 1.80 e 1.15 1.25 1.35 0.08 2.30 2.50 2.70 l 0.031 0.035 0.040 0.000 0.002 0.004 0.006 ref 0.010 0.012 0.016 0.003 0.005 0.007 0.062 0.066 0.070 0.045 0.049 0.053 0.003 0.090 0.098 0.105 min nom max inches on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. NSR1030MW2/d publication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5773?3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NSR1030MW2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X