Part Number Hot Search : 
BYC10 BRB10 270251B 32S64 7106CPL S14020G B23P06E LTC1606
Product Description
Full Text Search
 

To Download NL17SG08P5T5G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 april, 2013 ? rev. 3 1 publication order number: nl17sg08/d nl17sg08 single 2-input and gate the nl17sg08 minigate  is an advanced high ? speed cmos 2 ? input and gate in ultra ? small footprint. the nl17sg08 input structures provides protection when voltages up to 4.6 v are applied. features ? wide operating v cc range: 0.9 v to 3.6 v ? high speed: t pd = 2.5 ns (typ) at v cc = 3.0 v, c l = 15 pf ? low power dissipation: i cc = 0.5  a (max) at t a = 25 c ? 4.6 v overvoltage tolerant (ovt) input pins ? ultra ? small packages ? these are pb ? free and halide ? free devices figure 1. sot ? 953 (top thru view) v cc in a in b out y & figure 2. logic symbol a gnd b y v cc b a gnd y figure 1. sc88a (top view) 1 2 3 5 4 1 2 3 5 4 figure 1. udfn (top view) 1 2 3 6 5 4 in b in a gnd vc out y v cc http://onsemi.com ordering information see detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet. l l h h l h l h function table inputs output ab l l l h y pin assignment 1 2 3in b in a gnd 4 5v cc out y marking diagrams sot ? 953 case 527ae y m 1 udfn6 1.0 x 1.0 case 517bx 1 m udfn6 1.45 x 1.0 case 517aq 1 m sc88a df suffix case 419a at m   m m = date code*  = pb ? free package (note: microdot may be in either location) *date code orientation and/or position may vary depending upon manufacturing location. l l
nl17sg08 http://onsemi.com 2 maximum ratings symbol parameter value unit v cc dc supply voltage ? 0.5 to +5.5 v v in dc input voltage ? 0.5 to +4.6 v v out dc output voltage output at high or low state power ? down mode (v cc = 0 v) ? 0.5 to v cc +0.5 ? 0.5 to +4.6 v i ik dc input diode current v in < gnd ? 20 ma i ok dc output diode current v out < gnd ? 20 ma i out dc output source/sink current 20 ma i cc dc supply current per supply pin 20 ma i gnd dc ground current per ground pin 20 ma t stg storage temperature range ? 65 to +150 c t l lead temperature, 1 mm from case for 10 seconds 260 c t j junction temperature under bias +150 c msl moisture sensitivity level 1 f r flammability rating oxygen index: 28 to 34 ul 94 v ? 0 @ 0.125 in v esd esd withstand voltage human body model (note 2) machine model (note 3) >2000 >100 v stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. measured with minimum pad spacing on an fr4 board, using 10 mm ? by ? 1 inch, 2 ? ounce copper trace with no air flow. 2. tested to eia/jesd22 ? a114 ? a. 3. tested to eia/jesd22 ? a115 ? a. recommended operating conditions symbol characteristics min max unit v cc positive dc supply voltage 0.9 3.6 v v in digital input voltage 0.0 3.6 v v out output voltage output at high or low state power ? down mode (v cc = 0 v) 0.0 0.0 v cc 3.6 v t a operating temperature range ? 55 +125 c  t /  v input transition rise or fail rate v cc = 3.3 v 0.3 v 0 10 ns/v
nl17sg08 http://onsemi.com 3 dc electrical characteristics symbol parameter conditions v cc (v) t a = 25  c t a = -55  c to +125  c min max min max unit v ih high-level input voltage 0.9 v cc v cc v 1.1 to 1.3 0.7xv cc 0.7xv cc 1.4 to 1.6 0.65xv cc 0.65xv cc 1.65 to 1.95 0.65xv cc 0.65xv cc 2.3 to 2.7 1.7 1.7 3.0 to 3.6 2.0 2.0 v il low-level input voltage 0.9 gnd gnd v 1.1 to 1.3 0.3xv cc 0.3xv cc 1.4 to 1.6 0.35xv cc 0.35xv cc 1.65 to 1.95 0.35xv cc 0.35xv cc 2.3 to 2.7 0.7 0.7 3.0 to 3.6 0.8 0.8 v oh high-level output voltage v in = v ih or v il i oh = ? 20  a 0.9 0.75 0.75 v i oh = -0.3 ma 1.1 to 1.3 0.75xv cc 0.75xv cc i oh = -1.7 ma 1.4 to 1.6 0.75xv cc 0.75xv cc i oh = -3.0 ma 1.65 to 1.95 vcc-0.45 vcc-0.45 i oh = -4.0 ma 2.3 to 2.7 2.0 2.0 i oh = -8.0 ma 3.0 to 3.6 2.48 2.48 v ol low-level output voltage v in = v ih or v il i ol = 20  a 0.9 0.1 0.1 v i ol = 1.1 ma 1.1 to 1.3 0.25xv cc 0.25xv cc i ol = 1.7 ma 1.4 to 1.6 0.25xv cc 0.25xv cc i ol = 3.0 ma 1.65 to 1.95 0.45 0.45 i ol = 4.0 ma 2.3 to 2.7 0.4 0.4 i ol = 8.0 ma 3.0 to 3.6 0.4 0.4 i in input leakage current 0 v in 3.6 v 0 to 3.6  0.1  1.0  a i cc quiescent supply current v in = v cc or gnd 3.6 0.5 10.0  a
nl17sg08 http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? input t r = t f = 3.0 ns symbol parameter test condition v cc (v) t a = 25  c t a = -55  c to +125  c min typ max min max unit t plh , t phl propagation delay, a or b to y c l = 10 pf, r l = 1 m  0.9 - 10.0 12.4 - 14.8 ns 1.1 to 1.3 - 8.0 10.7 - 13.6 1.4 to 1.6 - 5.9 9.6 - 11.3 1.65 to 1.95 - 4.5 7.0 - 7.5 2.3 to 2.7 - 2.9 4.4 - 4.9 3.0 to 3.6 - 2.2 3.5 - 4.1 c l = 15 pf, r l = 1 m  0.9 - 11.7 13.5 - 15.0 ns 1.1 to 1.3 - 8.8 10.2 - 13.7 1.4 to 1.6 - 6.5 9.5 - 12.6 1.65 to 1.95 - 5.0 7.7 - 8.0 2.3 to 2.7 - 3.2 4.9 - 5.6 3.0 to 3.6 - 2.5 3.8 - 4.4 c l = 30 pf, r l = 1 m  0.9 - 13.0 16.0 - 19.0 ns 1.1 to 1.3 - 10.0 12.4 - 17.2 1.4 to 1.6 - 8.9 11.8 - 14.9 1.65 to 1.95 - 6.9 10.3 - 10.8 2.3 to 2.7 - 4.4 6.4 - 6.8 3.0 to 3.6 - 3.5 4.9 - 5.4 c in input capacitance 0 to 3.6 3 - - - pf c pd power dissipation capacitance (note 4) f = 10 mhz 0.9 to 3.6 - 4 - - - pf 4. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc . c pd is used to determine the no ? load dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc .
nl17sg08 http://onsemi.com 5 figure 2. switching waveforms figure 3. test circuit gnd 50% 50% v cc input a or b output y t phl t plh 50% v cc v ol v oh *includes all probe and jig capacitance. a 1 ? mhz square input wave is recommended for propagation delay tests. c l* input v cc output ordering information device package shipping ? NL17SG08P5T5G sot ? 953 (pb ? free) 8000 / tape & reel nl17sg08dft2g* sc88a (pb ? free) 3000 / tape & reel nl17sg08amutcg* udfn6 1.45x1 mm (pb ? free) 3000 / tape & reel nl17sg08cmutcg* udfn6 1x1 mm (pb ? free) 3000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *in development
nl17sg08 http://onsemi.com 6 package dimensions sot ? 953 case 527ae issue e *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* e d c a h e 123 4 5 notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters 3. maximum lead thickness includes lead finish. minimum lead thickness is the minimum thickness of the base material. 4. dimensions d and e do not include mold flash, protrusions, or gate burrs. dim min nom max millimeters a 0.34 0.37 0.40 b 0.10 0.15 0.20 c 0.07 0.12 0.17 d 0.95 1.00 1.05 e 0.75 0.80 0.85 e 0.35 bsc l 0.95 1.00 1.05 h e x y pin one indicator b 5x x 0.08 y l 5x l3 l2 e 5x 5x l2 0.05 0.10 0.15 l3 ??? ??? 0.15 0.175 ref top view side view bottom view 1.20 dimensions: millimeters 0.20 5x 1 package outline 0.35 pitch 0.35 5x
nl17sg08 http://onsemi.com 7 package dimensions udfn6 1.0x1.0, 0.35p case 517bx issue o ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* recommended dim min max millimeters a 0.45 0.55 a1 0.00 0.05 a3 0.13 ref b 0.12 0.22 d 1.00 bsc e 1.00 bsc e 0.35 bsc l 0.25 0.35 l1 0.30 0.40 a b e d 0.10 c pin one reference top view 0.10 c a a1 0.05 c 0.05 c c seating plane side view 2x 2x a3 bottom view b e 6x 0.10 b 0.05 a c c l 5x note 3 l1 1 3 4 6 m m dimensions: millimeters 0.22 5x 0.48 6x 1.18 0.53 pitch 0.35 1 pkg outline
nl17sg08 http://onsemi.com 8 package dimensions udfn6 1.45x1.0, 0.5p case 517aq issue o notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b applies to plated terminal and is measured between 0.15 and 0.30 mm from the terminal tip. a b e d bottom view b e 6x 0.10 b 0.05 a c c l 6x note 3 0.10 c pin one reference top view 0.10 c 6x a a1 0.05 c 0.05 c c seating plane side view 1 3 4 6 dim min max millimeters a 0.45 0.55 a1 0.00 0.05 b 0.20 0.30 d 1.45 bsc e 1.00 bsc e 0.50 bsc l 0.30 0.40 l1 ??? 0.15 dimensions: millimeters 0.30 6x 1.24 0.53 pitch *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. 0.50 1 mounting footprint package outline l1 detail a l optional constructions l 0.07 ref 6x a2 detail b detail a
nl17sg08 http://onsemi.com 9 package dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 419a ? 01 obsolete. new standard 419a ? 02. 4. dimensions a and b do not include mold flash, protrusions, or gate burrs. dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h --- 0.10 --- 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 b 0.2 (0.008) mm 12 3 4 5 a g s d 5 pl h c n j k ? b ? sc ? 88a (sc ? 70 ? 5/sot ? 353) case 419a ? 02 issue l  mm inches  scale 20:1 0.65 0.025 0.65 0.025 0.50 0.0197 0.40 0.0157 1.9 0.0748 solder footprint* *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other inte llectual property. a listing of scillc?s pr oduct/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typical s? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 nl17sg08/d minigate is a trademark of semiconductor components industries, llc (scillc). literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NL17SG08P5T5G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X