Part Number Hot Search : 
TIP13 CO55B SYR02T HA5351IP F11N60 IRF234 CO55B SL1710
Product Description
Full Text Search
 

To Download NACY152M35V16X17TR15F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nacy series features ? cylindrical v-chip construction for surface mounting ? low impedance at 100khz (up to 20% lower than nacz) ? wide temperature range (-55 +105 o c) ? designed for automatic mounting and reflow .. soldering ? meets the requirements of aec-q200* *contact nic for supporting test data characteristics rated capacitance range 2.2 ~ 6800 f operating temperature range - 55c + 105c capacitance tolerance 20% (120hz/+20c) max. leakage current after 2 minutes at 20c 0.01cv or 3 a max. tan at 120hz & 20c w.v.(vdc) 6.3 10 16 25 35 50 63 80 100 s.v.(vdc) 8 13 20 32 44 63 80 100 125 tan 4 to 6.3 0.24 0.20 0.16 0.14 0.12 0.12 0.10 0.08 0.07 8 ~ 16 c<1500 f 0.28 0.24 0.20 0.16 0.14 0.14 0.12 0.10 0.08 c=2200 f - 0.26 - 0.18 - - - - - c=3300 f 0.32 - 0.24 ------ c=4700 f - 0.30 - ------ c=6800 f 0.36 - - ------ low temperature stability (impedance ratio at 120 hz) z -40c/z +20c 3 2 2 2 2 2 2 2 2 z -55c/z +20c 5 4 4 3 3 3 3 3 3 load life test at 105c 4 ~ 6.3mm dia 1,000 hours 8 ~ 12.5mm dia 2,000 hours capacitance change within 25% of initial measured value tan less than 200% of the speci ed value leakage current less than the speci ed maximum value denotes new values standard product and case size d xl (mm) cap ( f) code working voltage (vdc) 6.3 10 16 25 35 50 63 80 100 2.2 2r2 - - - - - - - - 6.3x6.3 3.3 3r3 - - - - - - - - 6.3x6.3 4.7 4r7 - - - - 4x6.3 4x6.3 5x6.3 6.3x6.3 6.3x6.3 10 100 - - - 4x6.3 5x6.3 6.3x6.3 6.3x6.3 6.3x8 6.3x8 15 150 - - 4x6.3 5x6.3 5x6.3 - - - - 22 220 - 4x6.3 5x6.3 5x6.3 5x6.3 6.3x6.3 6.3x8 8x10.5 8x10.5 27 270 4x6.3 - - - - - - - - 33 330 - 5x6.3 - 6.3x6.3 6.3x6.3 6.3x8 8x10.5 8x10.5 10x10.5 47 470 5x6.3 - 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 8x10.5 10x10.5 12.5x14 56 560 5x6.3 - - 6.3x6.3 - - - - - 68 680 - 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 - - 12.5x14 12.5x14 100 101 6.3x6.3 - 6.3x6.3 6.3x8 8x10.5 8x10.5 10x10.5 12.5x14 16x17 150 151 6.3x6.3 6.3x6.3 6.3x8 8x10.5 8x10.5 - - 12.5x14 16x17 220 221 6.3x6.3 6.3x8 6.3x8 8x10.5 8x10.5 10x10.5 12.5x14 - - 330 331 6.3x8 8x10.5 8x10.5 8x10.5 10x10.5 12.5x14 - 16x17 - 470 471 8x10.5 8x10.5 8x10.5 10x10.5 12.5x14 - 16x17 - - 680 681 8x10.5 - 10x10.5 - 12.5x14 - - - - 1000 102 8x10.5 10x10.5 - 12.5x14 16x17 16x17 - - - 1500 152 10x10.5 - 12.5x14 - 16x17 - - - - 2200 222 - 12.5x14 - 16x17 - - - - - 3300 332 12.5x14 - 16x17 - - - - - - 4700 472 - 16x17 - - - - - - - 6800 682 16x17 - - - - - - - - *see part number system for details pn b s fd il rohs compliant includes all homogeneous materials http://
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. ripple current (ma) +105c/100khz max. z ( ) +20c/100khz load life hours @ +105c nacy270m6.3v4x6.3tr13f 27 6.3 0.24 90 1.45 1,000 nacy470m6.3v5x6.3tr13f 47 0.24 170 0 . 7 1,000 nacy560m6.3v5x6.3tr13f 56 0.24 170 0 . 7 1,000 nacy101m6.3v6.3x6.3tr13f 100 0.24 250 0.39 1,000 nacy151m6.3v6.3x6.3tr13f 150 0.24 250 0.39 1,000 nacy221m6.3v6.3x6.3tr13f 220 0.24 250 0.39 1,000 nacy331m6.3v6.3x8tr13f 330 0.24 300 0 . 3 1,000 nacy471m6.3v8x10.5tr13f 470 0.28 600 0.15 2,000 nacy681m6.3v8x10.5tr13f 680 0.28 600 0.15 2,000 nacy102m6.3v8x10.5tr13f 1000 0.28 600 0.15 2,000 nacy152m6.3v10x10.5tr13f 1500 0.28 850 0.08 2,000 nacy332m6.3v12.5x14tr15f 3300 0.32 1150 0.058 2,000 nacy682m6.3v16x17tr15f 6800 0.36 1800 0.035 2,000 nacy220m10v4x6.3tr13f 22 10 0.20 90 1.45 1,000 nacy330m10v5x6.3tr13f 33 0.20 170 0 . 7 1,000 nacy680m10v6.3x6.3tr13f 68 0.20 250 0.39 1,000 nacy151m10v6.3x6.3tr13f 150 0.20 250 0.39 1,000 nacy221m10v6.3x8tr13f 220 0.20 300 0 . 3 1,000 nacy331m10v8x10.5tr13f 330 0.24 600 0.15 2,000 nacy471m10v8x10.5tr13f 470 0.24 600 0.15 2,000 nacy102m10v10x10.5tr13f 1000 0.24 850 0.08 2,000 nacy222m10v12.5x14tr15f 2200 0.26 1150 0.058 2,000 nacy472m10v16x17tr15f 4700 0.30 1800 0.035 2,000 nacy150m16v4x6.3tr13f 15 16 0.16 90 1.45 1,000 nacy220m16v5x6.3tr13f 22 0.16 170 0 . 7 1,000 nacy470m16v6.3x6.3tr13f 47 0.16 250 0.39 1,000 nacy680m16v6.3x6.3tr13f 68 0.16 250 0.39 1,000 nacy101m16v6.3x6.3tr13f 100 0.16 250 0.39 1,000 nacy151m16v6.3x8tr13f 150 0.16 300 0 . 3 1,000 nacy221m16v6.3x8tr13f 220 0.16 300 0 . 3 1,000 nacy331m16v8x10.5tr13f 330 0.20 600 0.15 2,000 nacy471m16v8x10.5tr13f 470 0.20 600 0.15 2,000 nacy681m16v10x10.5tr13f 680 0.20 850 0.08 2,000 nacy152m16v12.5x14tr15f 1500 0.20 1150 0.058 2,000 nacy332m16v16x17tr15f 3300 0.24 1800 0.035 2,000 nacy100m25v4x6.3tr13f 10 25 0.14 90 1.45 1,000 nacy150m25v5x6.3tr13f 15 0.14 170 0 . 7 1,000 nacy220m25v5x6.3tr13f 22 0.14 170 0 . 7 1,000 nacy330m25v6.3x6.3tr13f 33 0.14 250 0.39 1,000 nacy470m25v6.3x6.3tr13f 47 0.14 250 0.39 1,000 nacy560m25v6.3x6.3tr13f 56 0.14 250 0.39 1,000 nacy680m25v6.3x6.3tr13f 68 0.14 250 0.39 1,000 nacy101m25v6.3x8tr13f 100 0.14 300 0 . 3 1,000 nacy151m25v8x10.5tr13f 150 0.16 600 0.15 2,000 nacy221m25v8x10.5tr13f 220 0.16 600 0.15 2,000 nacy331m25v8x10.5tr13f 330 0.16 600 0.15 2,000 nacy471m25v10x10.5tr13f 470 0.16 850 0.08 2,000 nacy102m25v12.5x14tr15f 1000 0.16 1150 0.058 2,000 nacy222m25v16x17tr15f 2200 0.18 1800 0.035 2,000 nacy4r7m35v4x6.3tr13f 4.7 35 0.12 90 1.45 1,000 nacy100m35v5x6.3tr13f 10 0.12 170 0 . 7 1,000 nacy150m35v5x6.3tr13f 15 0.12 170 0 . 7 1,000 nacy220m35v5x6.3tr13f 22 0.12 170 0 . 7 1,000 nacy330m35v6.3x6.3tr13f 33 0.12 250 0.39 1,000 nacy470m35v6.3x6.3tr13f 47 0.12 250 0.39 1,000 nacy680m35v6.3x8tr13f 68 0.12 300 0.30 1,000 nacy101m35v8x10.5tr13f 100 0.14 600 0.15 2,000 nacy151m35v8x10.5tr13f 150 0.14 600 0.15 2,000 nacy221m35v8x10.5tr13f 220 0.14 600 0.15 2,000 surface mount aluminum electrolytic capacitors nacy series standard values, case sizes and specifications for automotive equipment, see part number system
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. ripple current (ma) +105c/100khz max. z ( ) +20c/100khz load life hours @ +105c nacy331m35v10x10.5tr13f 330 35 0.14 850 0.08 2,000 nacy471m35v12.5x14tr15f 470 0.14 1150 0.058 2,000 nacy681m35v12.5x14tr15f 680 0.14 1150 0.058 2,000 nacy102m35v16x17tr15f 1000 0.14 1800 0.035 2,000 NACY152M35V16X17TR15F 1500 0.14 1800 0.035 2,000 nacy4r7m50v4x6.3tr13f 4.7 50 0.12 64 2.55 1,000 nacy100m50v6.3x6.3tr13f 10 0.12 215 0.52 1,000 nacy220m50v6.3x6.3tr13f 22 0.12 215 0.52 1,000 nacy330m50v6.3x8tr13f 33 0.12 243 0.44 1,000 nacy470m50v6.3x8tr13f 47 0.12 243 0.44 1,000 nacy101m50v8x10.5tr13f 100 0.14 400 0.22 2,000 nacy221m50v10x10.5tr13f 220 0.14 585 0.13 2,000 nacy331m50v12.5x14tr15f 330 0.14 800 0.10 2,000 nacy102m50v16x17tr15f 1000 0.14 1610 0.065 2,000 nacy4r7m63v5x6.3tr13f 4.7 63 0.10 55 2.00 1,000 nacy100m63v6.3x6.3tr13f 10 0.10 90 1.00 1,000 nacy220m63v6.3x8tr13f 22 0.10 135 0.80 1,000 nacy330m63v8x10.5tr13f 33 0.12 280 0.35 2,000 nacy470m63v8x10.5tr13f 47 0.12 280 0.35 2,000 nacy101m63v10x10.5tr13f 100 0.12 480 0.20 2,000 nacy221m63v12.5x14tr15f 220 0.12 800 0.14 2,000 nacy471m63v16x17tr15f 470 0.12 1410 0.065 2,000 nacy4r7m80v6.3x6.3tr13f 4.7 80 0.08 45 2.40 1,000 nacy100m80v6.3x8tr13f 10 0.08 65 2.00 1,000 nacy220m80v8x10.5tr13f 22 0.10 140 0.90 2,000 nacy330m80v8x10.5tr13f 33 0.10 140 0.90 2,000 nacy470m80v10x10.5tr13f 47 0.10 220 0.50 2,000 nacy680m80v12.5x14tr15f 68 0.10 500 0.24 2,000 nacy101m80v12.5x14tr15f 100 0.10 500 0.24 2,000 nacy151m80v12.5x14tr15f 150 0.10 500 0.24 2,000 nacy331m80v16x17tr15f 330 0.10 800 0.14 2,000 nacy2r2m100v6.3x6.3tr13f 2.2 100 0.07 42 2.70 1,000 nacy3r3m100v6.3x6.3tr13f 3.3 0.07 45 2.40 1,000 nacy4r7m100v6.3x6.3tr13f 4.7 0.07 45 2.40 1,000 nacy100m100v6.3x8tr13f 10 0.07 65 2.00 1,000 nacy220m100v8x10.5tr13f 22 0.08 140 0.90 2,000 nacy330m100v10x10.5tr13f 33 0.08 220 0.50 2,000 nacy470m100v12.5x14tr15f 47 0.08 500 0.24 2,000 nacy680m100v12.5x14tr15f 68 0.08 500 0.24 2,000 nacy101m100v16x17tr15f 100 0.08 800 0.14 2,000 nacy151m100v16x17tr15f 150 0.08 800 0.14 2,000 surface mount aluminum electrolytic capacitors nacy series frequency < 120hz < 1khz < 10khz < 100khz correction factor 0.75 0.85 0.95 1.00 ripple current frequency correction factor standard values, case sizes and specifications for automotive equipment, see part number system nacy 100 m 25v 4x6.3 tr 13 y f rohs compliant 13 = 13? (330mm) reel, 15 = 15" (380mm) ree l tape & reel size in mm working voltage tolerance code m=20% capacitance code in mf, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system optional: suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change review & compare re ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl dimensions (mm) case size d 0.5 l max. a 0.2 b 0.2 i 0.2 w p 0.2 4 x 6.3 4.0 6.3 4.3 4.3 1.8 0.5 ~ 0.8 1.0 5 x 6.3 5.0 6.3 5.3 5.3 2.2 0.5 ~ 0.8 1.5 6.3 x 6.3 6.3 6.3 6.6 6.6 2.5 0.5 ~ 0.8 2.2 6.3 x 8 6.3 8.0 6.6 6.6 2.5 0.5 ~ 0.8 2.2 8 x 10.5 8.0 10.5 8.3 8.3 2.9 0.7 ~ 1.0 3.2 10 x 10.5 10.0 10.5 10.3 10.3 3.2 0.7 ~ 1.4 4.6 12.5 x 14 12.5 14.0 12.8 12.8 4.5 0.6 ~ 1.4 4.6 16x17 16.0 17 16.3 16.3 5.0 1.8 ~ 2.1 7.0 0.3mm max. d l + - i i w p a b case size a b c 4 1.0 2.6 1.8 5 1.4 3.0 1.8 6.3 1.8 3.6 1.8 8 2.8 4.1 2.1 10 4.3 4.4 2.5 a c b recommended land pattern dimensions (mm) surface mount aluminum electrolytic capacitors nacy series voltage diameter time above 200c time above 217c time above 230c peak temperature 6.3 ~ 63v 4 ~ 6.3mm 70 sec. max. 60 sec. max. 40 sec. max. 250c 8mm 60 sec. max. 50 sec. max. 30 sec. max. 245c 10mm ~ 12mm 50 sec. max. 40 sec. max. 20 sec. max. 240c 16mm 50 sec. max. 30 sec. max. 15 sec. max. 235c 80v ~ 100v 6.3mm 60 sec. max. 50 sec. max. 40 sec. max. 250c 8mm 60 sec. max. 40 sec. max. 30 sec. max. 240c 10mm 50 sec. max. 30 sec. max. 20 sec. max. 240c 12mm 50 sec. max. 30 sec. max. 20 sec. max. 235c 16mm 45 sec. max. 20 sec. max. 10 sec. max. 235c reflow temperatures and duration time above 200c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (see table) 230 time above 230c (see table)
5 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nacy series carrier tape dimensions & reel qty case size a 0.5 b 0.5 c 0.3 f 0.1 p 0.1 s 0.1 t 0.2 t 0.1 4x6.3 4.7 4.7 12.0 5.5 8.0 - 6.4 0.6 5x6.3 5.7 5.7 12.0 5.5 12.0 - 6.4 0.6 6.3x6.3 7.0 7.0 16.0 7.5 12.0 - 6.5 0.6 6.3x8 7.0 7.0 16.0 7.5 12.0 - 8.2 0.6 8x10.5 8.7 8.7 24.0 11.5 16.0 - 11.1 0.6 10x10.5 10.7 10.7 24.0 11.5 16.0 - 11.2 0.6 12.5x14 13.2 13.2 32.0 14.3 24.0 28.4 14.3 0.6 16x17 17.5 17.5 44.0 20.2 28 40.4 17.3 0.6 t a p feeding f b c 1.5 +0.1/-0 1.75 + 0.10 t 4 + 0.1 210.8 13 ? 0.5 3.0 0.5 330 or 380 mm 50 ? min. w 2.00.5 reel dimensions & reel qty case size w 1.0 quantity tr13 (330mm) tr15 (380mm) 4x6.3 14 1200 2000 5x6.3 14 800 1000 6.3x6.3 18 800 1000 6.3x8 18 500 900 8x10.5 26 300 500 10x10.5 26 300 500 12.5x14 34 - 250 16x17 46 - 200 precautions please review the notes on correct use, safety and precautions found at www.niccomp.com/precautions. i f in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com


▲Up To Search▲   

 
Price & Availability of NACY152M35V16X17TR15F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X