Part Number Hot Search : 
48S3V 215DH HFFXXX 6C110 TPQ6100 9M000 FSM152 TDA1556Q
Product Description
Full Text Search
 

To Download MUR1060F2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c472f2 issued date : 2009.11.12 revised date : page no. : 1/4 MUR1060F2 cystek product specification 10amp. ultrafast plastic rectifiers i f(av) 10a MUR1060F2 v rrm 600v i fsm 120a trr 60ns tj 175 c features ? 175 operating junction temperature v f(max) 1.5v ? glass passivated chip junction ? low leakage current ? low switching loss, high efficiency ? high forward surge capability ? insulating package, in sulating voltage=2500v ac ? high temperature soldering guaranteed : 260 /40s, 0.25?(6.35mm) from case ? pb-free lead plating package mechanical data ? case: ito-220ac molded plastic ? mounting position: any ? weight: 1.85 grams, 0.065 ounce approximately ? terminals: pure tin plated, sold erable per j-std-002 and jesd22-b102 ? epoxy: ul 94v-0 rate flame retardant ? mounting torque: 10 in.-lb. maximum equivalent circuit outline ito-220ac MUR1060F2 k a
cystech electronics corp. spec. no. : c472f2 issued date : 2009.11.12 revised date : page no. : 2/4 MUR1060F2 cystek product specification maximum ratings and electrical characteristics ( rating at 25 c ambient temperature unless otherwise sp ecified. single phase, half wave, 60hz, resistive or inductive loa d. for capacitive load, derate current by 20%.) parameter symbol min. typ. max. units maximum recurrent peak reverse voltage v rrm 600 v maximum rms voltage v rms 420 v maximum dc blocking voltage v dc 600 v maximum instantaneous forward voltage at i f =10a v f 1.25 1.5 v maximum average forward rectified current @ t c =100 i f(av) 10 a non-repetitive peak forward surge current @ 8.3ms single half sine wave superimposed on rated load (jedec method) i fsm 120 a v r =600 v, t c =25 10 maximum instantaneous reverse current at v r =600 v, t c =125 i r 100 a maximum reverse recovery time i f =1a, v r =30v, di f /dt=100a/ s trr 60 ns typical junction capacitance @ f=1mhz and applied 4v reverse voltage c j 80 pf isolation voltage from terminal to heatsink, t=1minute v ac 2500 v storage temperature range t stg -65 +175 operating junction temperature range t j -65 +175 thermal data parameter symbol value unit maximum thermal resistance, junction-to-case r th,j-c 4 c/w maximum thermal resistance, junction-to-ambient r th,j-a 60 c/w ordering information device package shipping MUR1060F2 ito-220ac (rohs compliant package) 50 pcs / tube, 40 tubes/box
cystech electronics corp. spec. no. : c472f2 issued date : 2009.11.12 revised date : page no. : 3/4 MUR1060F2 cystek product specification characteristic curves forward current derating curve 0 2 4 6 8 10 12 0 25 50 75 100 125 150 175 case temperature---t c () average forward current---io(a) resistive or inductive load forward current vs forward voltage 1 10 100 1000 10000 100000 0 0.2 0.4 0.6 0.8 1 1.2 1.4 forward voltage---v f (v) instantaneous forward current---i f (ma) pulse width=300s, 1% duty cycle tj=25 tj=150 reverse leakage current vs reverse voltage 0.001 0.01 0.1 1 10 0 100 200 300 400 500 600 reverse voltage---v r (v) reverse leakage current---i r (a) tj=75 tj=25 tj=125 junction capacitance vs reverse voltage 10 100 1000 0.1 1 10 100 reverse voltage---v r (v) junction capacitance---c j (pf) tj=25, f=1.0mhz per leg
cystech electronics corp. spec. no. : c472f2 issued date : 2009.11.12 revised date : page no. : 4/4 MUR1060F2 cystek product specification ito-220ac dimension marking: logo device name date code 1 2 k a 2-lead ito-220ac plastic package cystek package code: f2 style: pin 1.cathode 2.anode *: typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.178 0.194 4.53 4.93 h1 0.256 0.272 6.50 6.90 b 0.028 0.036 0.71 0.91 j1 0.101 0.117 2.56 2.96 c 0.014 0.021 0.36 0.53 l 0.487 0.503 12.37 12.77 d 0.617 0.633 15.67 16.07 1 0.117 0.133 2.98 3.38 e 0.274 0.408 6.96 10.36 b1 0.045 0.055 1.15 1.39 f 0.092 0.108 2.34 2.74 l1 0.088 0.104 2.23 2.63 e *0.200 *5.08 k 0.122 0.138 3.10 3.50 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MUR1060F2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X