Part Number Hot Search : 
UF204 OP770B GW40N PK25F120 B5117 PK25F120 800N06N HEF405
Product Description
Full Text Search
 

To Download MUR1020CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical characteristics for capacitive load, derate current by 20%. single phase, half wave, 60hz, resistive or inductive load. rating at 25 o c ambient temperature unless otherwise specified. notes : -55 to +150 symbol v rrm v rms v dc if (av) i fsm v f i r trr c j t j , t stg 200 140 200 400 280 400 600 420 600 10.0 10.0 100 1.3 1.7 0.98 35 250 65 2.2 unit v v v v a a ua ua o c pf o cw ns maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified peak forward surge current, 8.3ms single maximum instantaneous forward voltage maximum dc reverse current @t j =25 o c typical junction capacitance (note 2) operating junction and storage current t c =100 o c half sine-wave superimposed on rated load (jedec method) @ 5.0 a at rated dc blocking voltage @t j =125 o c maximum reverse recovery time (note 1) typical thermal resistance (note 3) features ? l o w forward voltage drop ? fast switching for high efficiency ? high current capability ? case:to-220ab heatsink ? high surge current capability ? weight: 2.2 gram approximately ? polarity:as marked on diode body method 208 ? mounting position: any ? terminals: solderable per mil-std-202 mechanical data ? low reverse leakage current r jc temperature range (1) reverse recovery test conditions i f = 0.5a, i r = 1.0a, irr = 0.25a. (2) measured at 1.0 mhz and applied reverse voltage of 4.0 volts dc. (3) thermal resistance junction to case. ? epoxy: ul 94v-0 rate flame retardant unit : inch (mm) ? mur1020ca thru mur1060ca ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 1/2 pb free plating product mur1020ca thru mur1060ca pb 10.0 ampere dual common anode ultra fast recovery rectifier diode positive negative doubler common cathode case case case common anode suffix "ca" suffix "gd" suffix "ct" MUR1020CT mur1020ca mur1020gd mur1040ct mur1040ca mur1040gd to-220ab mur1060ct mur1060ca mur1060gd .196(5.00) .054(1.39) .038(0.96) .419(10.66) .139(3.55) min .624(15.87) .269(6.85) .548(13.93) .50(12.7)min .177(4.5)max .226(5.75) .163(4.16) .045(1.15) .019(0.50) .025(0.65)max .1(2.54) .1(2.54) .387(9.85)
fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 10 6 4 2 8 iinstantaneous forward current, amperes 1 8 80 0.1 0.4 0.2 0.6 0.8 1.0 1.2 1.4 1.6 0 0 50 100 150 case temperature, o c instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 0 20 40 60 80 100 1 10 100 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, microamperes 0.1 0 1 10 1000 100 20 40 60 80 100 fig.5 - typical junction capacitance reverse voltage, volts 0.1 10 junction capacitance, pf 1000 1.0 4.0 10 100 100 60 hz resistive or inductive load pulse width 8.3ms single half-sire-wave (jedec method) t j =25 o c pulse width=300us 1% duty cycle t j =125 o c t j =25 o c t j = 25 o c f = 1.0 mhz vsig = 50mvp-p mur1020ca mur1040ca mur1060ca ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 2/2 ? mur1020ca thru mur1060ca


▲Up To Search▲   

 
Price & Availability of MUR1020CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X