Part Number Hot Search : 
T88SC UD4015 SL0250A RPM7138 APR6016 SC9641 TPS61 40N03
Product Description
Full Text Search
 

To Download MPP03-12D05A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 www.pduke.com 2014/07/05 mpp03 mpp03w series dc-dc converter 2:1 & 4:1 wide input range up to 3.3 watts features applications ? reinforced insulation for 250vac working voltage ? clearance and creepage distance :8.0mm/2mopp ? 5000vac input to output 2mopp isolation ? built-in emi class a filter ? 2 a patient leakage current ? ansi/aami es60601-1, en60601-1, iec60601-1, ul60950 -1, en60950-1, & iec60950-1 safety approvals ? ce marked ? compliant to rohs ii & reach medical equipment telecom/datacom industry control system measurement equipment semiconductor equipment pv power system igbt gate driver 5000vac isolation uvp ocp scp ovp low standby power technical specification all specifications are typical at nominal input, ful l load and 25 oc otherwise noted input range output voltage output current @ full load input current @ no load efficiency maximum capacitor load model number vdc vdc ma ma % f mpp03-05s3p3a/b 4.5 ~9 3.3 1000 10 81 1050 mpp03-05s05a/b 4.5 ~9 5 600 10 84.5 750 mpp03-05s12a/b 4.5 ~9 12 250 15 85.5 130 mpp03-05s15a/b 4.5 ~9 15 200 15 87.5 100 mpp03-05s24a/b 4.5 ~9 24 125 20 85.5 39 mpp03-05d05a/b 4.5 ~9 5 300 25 83 430 mpp03-05d12a/b 4.5 ~9 12 125 25 86 75 mpp03-05d15a/b 4.5 ~9 15 100 25 86 56 mpp03-12s3p3a/b 9 ~ 18 3.3 1000 10 82 1050 mpp03-12s05a/b 9 ~ 18 5 600 10 84.5 750 mpp03-12s12a/b 9 ~ 18 12 250 10 87 130 mpp03-12s15a/b 9 ~ 18 15 200 10 87 100 mpp03-12s24a/b 9 ~ 18 24 125 10 87 39 MPP03-12D05A/b 9 ~ 18 5 300 10 83.5 430 mpp03-12d12a/b 9 ~ 18 12 125 10 87.5 75 mpp03-12d15a/b 9 ~ 18 15 100 10 86.5 56 mpp03-24s3p3a/b 18 ~ 36 3.3 1000 6 82 1050 mpp03-24s05a/b 18 ~ 36 5 600 6 84.5 750 mpp03-24s12a/b 18 ~ 36 12 250 6 87 130 mpp03-24s15a/b 18 ~ 36 15 200 6 87 100 mpp03-24s24a/b 18 ~ 36 24 125 6 87 39 mpp03-24d05a/b 18 ~ 36 5 300 6 83 430 mpp03-24d12a/b 18 ~ 36 12 125 6 87 75 mpp03-24d15a/b 18 ~ 36 15 100 6 86 56 mpp03-48s3p3a/b 36 ~ 75 3.3 1000 4 81 1050 mpp03-48s05a/b 36 ~ 75 5 600 4 84 750 mpp03-48s12a/b 36 ~ 75 12 250 4 87 130 mpp03-48s15a/b 36 ~ 75 15 200 4 86.5 100 mpp03-48s24a/b 36 ~ 75 24 125 4 86.5 39 mpp03-48d05a/b 36 ~ 75 5 300 4 83 430 mpp03-48d12a/b 36 ~ 75 12 125 4 86 75 mpp03-48d15a/b 36 ~ 75 15 100 4 86 56
2 www.pduke.com 2014/07/05 input range output voltage output current @ full load input current @ no load efficiency maximum capacitor load model number vdc vdc ma ma % f mpp03-24s3p3wa/b 9 ~ 36 3.3 1000 6 82 1050 mpp03-24s05wa/b 9 ~ 36 5 600 6 84.5 750 mpp03-24s12wa/b 9 ~ 36 12 250 6 87 130 mpp03-24s15wa/b 9 ~ 36 15 200 6 87 100 mpp03-24s24wa/b 9 ~ 36 24 125 6 87 39 mpp03-24d05wa/b 9 ~ 36 5 300 6 83 430 mpp03-24d12wa/b 9 ~ 36 12 125 6 87 75 mpp03-24d15wa/b 9 ~ 36 15 100 6 86 56 mpp03-48s3p3wa/b 18 ~ 75 3.3 1000 4 81 1050 mpp03-48s05wa/b 18 ~ 75 5 600 4 84 750 mpp03-48s12wa/b 18 ~ 75 12 250 4 87 130 mpp03-48s15wa/b 18 ~ 75 15 200 4 86.5 100 mpp03-48s24wa/b 18 ~ 75 24 125 4 86.5 39 mpp03-48d05wa/b 18 ~ 75 5 300 4 83 430 mpp03-48d12wa/b 18 ~ 75 12 125 4 86 75 mpp03-48d15wa/b 18 ~ 75 15 100 4 86 56 mpp03 - 48 s 05 a - p t series name input voltage (vdc) output quantity output voltage (vdc) input range pin connection option remote on/off option trim option 05: 12: 24: 48: 4.5~9 9~18 18~36 36~75 s: single 3p3: 05: 12: 15: 24: 3.3 5 12 15 24 d: dual 05: 12: 15: 5 12 15    : w: 2:1 4:1 a: a type(standard) b: b type    : p: no on/off control remote on/off (only for b type pin connection)    : t: no trim trim (only for b type pin connection) mpp03 - 48 s 05 w a - p t series name input voltage (vdc) output quantity output voltage (vdc) input range pin connection option remote on/off option trim option 24: 48: 9~36 18~75 s: single 3p3: 05: 12: 15: 24: 3.3 5 12 15 24 d: dual 05: 12: 15: 5 12 15    : w: 2:1 4:1 a: a type(standard) b: b type    : p: no on/off control remote on/off (only for b type pin connection)    : t: no trim trim (only for b type pin connection) input specifications parameter conditions min. typ. max. unit part number structure
3 www.pduke.com 2014/07/05 2:1 5vin(nom) 12vin(nom) 24vin(nom) 48vin(nom) 4.5 9 18 36 5 12 24 48 9 18 36 75 vdc operating input voltage range (w) 4:1 24vin(nom) 48vin(nom) 9 18 24 48 36 75 vdc 2:1 5vin(nom) 12vin(nom) 24vin(nom) 48vin(nom) 4.5 9 18 36 vdc start-up voltage (w) 4:1 24vin(nom) 48 vin(nom) 9 18 vdc 2:1 5vin(nom) 12vin(nom) 24vin(nom) 48vin(nom) 4 8 16 33 vdc shutdown voltage (w) 4:1 24vin(nom) 48vin(nom) 8 16 vdc start up time constant resistive load power up remote on/off 30 30 ms 3 second, max. 2:1 5vin(nom) 12vin(nom) 24vin(nom) 48vin(nom) 16 25 50 100 vdc input surge voltage 3 second, max. (w) 4:1 24vin(nom) 48vin(nom) 50 100 vdc input filter pi type referenced to - vin pin dc-dc on dc-dc off open or 0 ~ 1.2vdc 2.2 ~ 12vdc remote on/off (only for b-type pin connection option) input current of ctrl pin -0.5 1 ma remote off input current 2.5 ma output specifications parameter conditions min. typ. max. unit voltage accuracy -1.0 +1.0 % line regulation low line to high line at full load single dual -0.2 -0.5 +0.2 +0.5 % load regulation no load to full load single dual -0.2 -1.0 +0.2 +1.0 % cross regulation asymmetrical load 25%/100% fl dual -5.0 +5.0 % single output 3.3vout, 5vout, 12vout 15vout, 24vout -10 -10 +10 +20 % voltage adjustability (only for b-type pin connection option) dual output 5vout, 12vout, 15vout -10 +10 % ripple and noise measured by 20mhz bandwidth with a 10 f/25v x7r mlcc with a 4.7 f/50v x7r mlcc 3.3vout, 5vout 12vout, 15vout 24vout 30 40 50 mvp-p temperature coefficient -0.02 +0.02 %/oc transient response recovery time 25% load step chan ge 250 s single 3.3vout 5vout 12vout 15vout 24vout 3.7 5.6 13.5 18.3 29.1 5 7.0 16 22.0 34.5 vdc over voltage protection dual 5vout 12vout 15vout 5.6 13.5 17.0 7.0 18.2 22.0 vdc over load protection % of iout rated; hiccup mode 150 % short circuit protection continuous, automatics recovery general specifications parameter conditions min. typ. max. unit isolation voltage 1 minute input to output 5000 vac isolation capacitance 12 17 pf leakage current 240vac,60hz 2 a switching frequency 135 150 165 khz
4 www.pduke.com 2014/07/05 clearance/creepage 8 mm safety approvals ansi/aami es60601-1 en60601-1 iec60601-1 ul60950-1 en60950-1 iec60950-1 case material non-conductive black plastic base material non-conductive black plastic potting material silicone (ul94 v-0) weight 14g (0.48oz) mtbf mil-hdbk-217f, full load 6.444 x 10 6 hrs environmental specifications parameter conditions min. typ. max. unit without derating -40 +94 oc operating ambient temperature with derating +94 +105 oc storage temperature range -55 +125 oc thermal impedance natural convection (20lfm) 18 oc/w thermal shock mil-std-810f vibration mil-std-810f relative humidity 5% to 95% rh emc specifications parameter conditions level emi (1) en55011,en55022 and fcc part 18 class a, class b esd en61000-4-2 air 8kv contact 6kv perf. criteria a radiated immunity en61000-4-3 10 v/m perf. criteria a fast transient (2) en61000-4-4 2kv perf. criteria a surge (2) en61000-4-5 2kv perf. criteria a conducted immunity en61000-4-6 10 vr.m.s perf. criteria a note: 1. the mpp03 (w) series can meet emi class a with no e xternal filter. and class b only with external components. for further information, please contact with p-duke . 2. an external input filter capacitor is required if t he module has to meet en61000-4-4, en61000-4-5. the mpp03-05  recommended an aluminum electrolytic capacitor (ni ppon chemi-con ky series, 1000 f/25v). and a reverse diode (vishay v10p45) to connect in p arallel. the mpp03-12&24  recommended an aluminum electrolytic capacitor (ni ppon chemi-con ky series, 470 f/50v). the mpp03-48  recommended an aluminum electrolytic capacitor (ni ppon chemi-con ky series, 330 f/100v) . caution: this power module is not internally fused. an input line fuse must always be used. characteristic curve mpp03-48s05wa derating curve mpp03-48s05wa efficien cy vs. input voltage mpp03-48s05wa efficiency vs. o utput load mechanical drawing a type
5 www.pduke.com 2014/07/05 1. all dimensions in inch (mm) 2. tolerance: x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) 3. pin pitch tolerance 0.01 (0.25) 4. pin dimension tolerance 0.004 (0.1) pin connection pin single dual 1 + vin + vin 11 no pin common 12 -vout no pin 13 +vout -vout 15 no pin +vout 23 - vin - vin 24 - vin - vin b type 1. all dimensions in inch (mm) 2. tolerance: x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) 3. pin pitch tolerance 0.01 (0.25) 4. pin dimension tolerance 0.004 (0.1) pin connection pin single dual 1 ctrll (option) / no pin* ctrl (option) / no pin* 2 - vin - vin 10 trim (option) / no pin* trim (option) / no pin* 11 no pin / nc ** -vout 14 +vout +vout 16 -vout common 22 +vin +vin 23 +vin +vin * if don?t choose ctrl or trim option, there is no pin on the corresponding pin number. ** pin 11 is ?no pin? for mpp03- s b - t mpp03- s b -p t pin 11 is ?nc? for mpp03- s b mpp03- s b -p external output trimming output can be externally trimmed by using the metho d shown below. ( ) for dual output trim. 16(11) 10(10) trim up r u 10(10) 14(14) trim down r d


▲Up To Search▲   

 
Price & Availability of MPP03-12D05A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X