Part Number Hot Search : 
AP1116Y 02211 BU921T 9S128 1400SJ 1990329 MC74F803 ON2728
Product Description
Full Text Search
 

To Download MFE211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ls , o ne. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 n-. hannel dual-gate silicon-nitride passivated mos field-effect transistors .. . high yfs depletion mode dual gate transistors designed for vhp amplifier and mixer applications. ? MFE211 ? vhf amplifier/if amplifier mfe212 ? vhf mixer a high forward transfer admittance ? !yfs| = 17-40 mmhos 0 low reverse transfer capacitance ? crsg = 0.03 pp (max) *> diode protected gates maximum ratings rating drain-source voltage drain-gate voltage gate current drain current ? continuous total power dissipation in ta = 25"c derate above 25'c total power dissipation MFE211 mfe212 case to-72 dual-gate mosfets n-channel ? depletion electrical characteristics (ta = 25c unless otherwise noted.l | symbol | mln | mm j unit characteristic off characteristics drain-source breakdown voltage (id - louadc. vqis - vg2s = -".ovdcl gate 1 ? source breakdown voltage(l) iig1 - - 10 madc, vg2s - vds ' l gate 2 ? source breakdown voltageo) ug2 = 10madc, vg1s = vds - l gate 1 to source cutoff voltage mfe21 1 (vds ? 15 vdc. vg2s = 1.0 vdc, id = 20 padc) mfe212 gate 2 to source cutoff voltage mfe21 1 ivrjs =? t5vdc,vgls - 0, id . 20(iadc) mfe212 gate 1 leakage cbrrent wgis - =5.0 vdc. vg2s - vds * 01 (vgis = -5-n vdc, vg2s =? vds " ". ta - isoci gate 2 leakage current ivg2s " * 5.0 vdc. vg1s = vds - ol ivg2s = -5.0 vdc, vgis = vds = . ta = 15o-ci on characteristics tero-gate voltage drain currerit{2) ivds . 15 vdc. vg1s - 0, vq2s * 4.0vdcl vibridsx v(brig1so v(br)g2so vqis(off| vg2s(offl igiss 'g2ss 20 6.0 6.0 -0.5 -0.5 -0.2 -0.2 - - ? ? ? -s.s -4.0 -2.5 -4.0 10 10 10 -10 vdc vdc vdc vdc vdc madc madc nadc padc idss 6.0 | 40 1 madc small-signal characteristics forward transfer admittance^) (vos =? '5 vdc. vg2s ? 4.0 vdc, vnis - 0, f -- l 0 khz) reverse transfer capacitanr.e (vds = ''5 vdc, vq2s " 4.0 vdc, ip - 10 madc, f - 1,0 mhjl ivfsl c,,s n 0.005 40 0.05 mrnhos pf nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. qualify semi-conductors
electrical characteristics iconlinuedl ita =. 25'c unleis mrmwii* notud.l chncurtetic | symbol | functional characteristics noise figure won - is v mfezh (vpp * 24 vdc. vgq - 6.0 vdc. f - 45 mhz) (figure 2) mfe212 common source power gam |vdd - 18 vdc. vgg - ? vdc, f - 20 mhl> (f'tgun 11 MFE211 (vdd - 18 vac, vgg " 6- vdc- < ? 45 mhzl (figure 31 MFE211 (vfjd = 18 vdc, fl0 = ms mhi. fhf = 200 mhz) (figure 3) mfe212 bandwidth (vdd = is vdc. vgg ? 7 o vdc, f = 200 mhz) ingu? n mfezii (vdd - 18 vdc, ilo ? z?s mhz, fnf ? zoo mhz) (figure 31 mfe212 (vdd = 18 vdc, vgg - 6.0 vdc, f - 45mhz) (figure 2) MFE211 gain control gete-supply voltage(4) (vdd - 18 vdc. agp, - -30 db. f - 200 mhz) (figure 1) MFE211 (vrjp = 18 vdc, agps " -30 db. ( - 45 mhz) (figure 21 MFE211 mf eps gcis) bw vgelec) - 24 29 21 e.o 4.0 3.5 3.5 4.0 35 37 28 12 7.0 6.0 -20 1.0 db db mhz vdc 1. all gain breakdown voltages are meaiured while the device is conducting rated gate currant. this ensures that the gate-voltage limiting network is functioning properly. ? 2. pulse test: pulse width - 300 us. duty cycle -~ 2.0%. 3. tnis parameter must be menourad with bias voltages applied for ibs* ttum 5 seconds to avoid overheating. the signal is applied id gate i with gate 2 a bc ground. 4 agps is defined as the change in gps from the vetle 3! vqg " 7'c vks (mfe217), 5, powqi gain conversion, amplitude at input from local oscillator is adjusted for maximum gc, 470 pf t- 1 470 pf 1 1 jz.zmh 0 001 j?f l-b^h^r-^f?f-lr -li^h^i k town load cl. c2 & c3: leadless disc ceramic, 0.001 c4: arco 462. 5-bo pf. or equivalent l1: 3 turns #1b, 3/16" diameter aluminum slug l2: 8 turns #20, 3'16" diameter aluminum slug 1. zoo mhz power gain, gain control voltage, and noise figure test circuit for MFE211 vgg cl: leadless disc ceramic, o.odl ^f c2: leadless disc ceramic, 0.01 /if l1: 8 turns i?28, 5/32" diameter form, type "j" slug l2. 9 turns #28, s/32" diameter form, type "j" slug


▲Up To Search▲   

 
Price & Availability of MFE211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X