Part Number Hot Search : 
S3101 63D18 20100CT DUG14C 2SK81 LPT110B PI6C180B 4016506
Product Description
Full Text Search
 

To Download MBR140F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratixgs and electrical characteristics features mechanical data 1.0a surf ace mount schottky barrier rectifier 1.0a surf ace mount schottky barrier rectifier schottky barrier chip guard ring die construction for transient protection low forward loss,high efficiency high surge capability high current capability and low forward voltage drop case sod-123f plastic lead solderable per mil-std-202, method 208 polarity cathode band marking : type code o ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60hz, resistive or inductive load for capacitive load, derate current by 20% repetitive peak reverse voltage dc blocking voltage rms reverse voltage average rectifier output at t l 0 =90 c mb r1 20f th ru sod-123f for use in low voltage,high frequency inverters,free wheeling,and polarity protection application plastic material:ul flammability classification rating 94v-0 weight 0.01 grams "approx." non-repetitive peak forward surge curren 8.3ms single half sine-wave superimposed on rated load (jedec method) typical thermal resistance junction to ambient air operating and storage temperature range forward voltage at 1.0a (note 1) reverse leakage current tj=25 0 j c 0 j c j j j j tj=100 marking code k k symbol vrrm vdc vr(rms) io ifsm ir vf mbr120f MBR140F mbr160f mbr1100f units 20 40 60 100 14 28 42 70 1.0 20 88 -55 to + 150 -55 to + 150 -55 to + 125 0.5 0.55 0.7 0.85 0.2 10 5 t2 t4 t6 ta ma v a a v v 0 c 0 c / w r ja t stg notes 1. pulse test with 300 s pulse width, 2% duty cycle 1 www.paceleader.tw 0.154(3.9 ) 0.13 8(3.5 ) 0.012(0.3) typ . 0.071(1.8 ) 0.055(1.4 ) 0.126(3.2 ) 0.110( 2.8 ) 0.06 7(1.7 ) 0.051(1.3 ) 0.035(0.9) typ . 0.035(0.9) typ . 20 mb r1 20f 100
2 rating and characteristics curves 1.0a surf ace mount schottky barrier rectifier 1.0a surf ace mount schottky barrier rectifier www.paceleader.tw mb r1 20f th ru 20 mb r1 20f 100 b mbr120f thru mbr1100f 20 20 20 20 20 00


▲Up To Search▲   

 
Price & Availability of MBR140F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X