Part Number Hot Search : 
PE7104 29GL512P 0B001 PCI50 SF2093E CA307 HA11225 LR13BDT
Product Description
Full Text Search
 

To Download LUR12W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part number: LUR12W t-1 3/4 (5mm) solid state lamp published date : mar 22, 2008 drawing no : sdsa 1579 v4 checked : b.l. liu p.1/4 www.sunled.com features z low power consumption. z popular t-1 3/4 diameter package. z general purpose leads. z reliable and rugged. z long life - solid state reliability. z available on tape and reel. z rohs compliant. notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3.specifications are subject to change without notice. part number emitting color emitting material lens-color luminous intensity ( if=10ma) mcd wavelength nm p viewing angle 2 1/2 min. typ. LUR12W red gaasp/gap water clear 28 79 627 20 absolute maximum ratings (t a =25c ) ur (gaasp/gap) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10duty cycle 0.1ms pulse width i fs 160 ma power dissipation p t 75 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3 seconds lead solder temperature [5mm below package base] 260c for 5 seconds ur (gaasp/gap) unit forward voltage (typ.) (if=10ma) vf 1.9 v forward voltage (max.) (if=10ma) vf 2.5 v reverse current (max.) (vr=5v) ir 10 ua wavelength of peak emission (typ.) (if=10ma) p 627 nm wavelength of dominant emission (typ.) (if=10ma) d 625 nm spectral line full width at half-maximum (typ.) (if=10ma) ? 45 nm capacitance (typ.) (vf=0v, f=1mhz) c 15 pf operating characteristics (ta=25c )
part number: LUR12W t-1 3/4 (5mm) solid state lamp published date : mar 22, 2008 drawing no : sdsa 1579 v4 checked : b.l. liu p.2/4 www.sunled.com ? ur
part number: LUR12W t-1 3/4 (5mm) solid state lamp published date : mar 22, 2008 drawing no : sdsa 1579 v4 checked : b.l. liu p.3/4 www.sunled.com remarks: if special sorting is required (e.g. binning based on forward vo ltage, luminous intensity / luminous flux or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
part number: LUR12W t-1 3/4 (5mm) solid state lamp published date : mar 22, 2008 drawing no : sdsa 1579 v4 checked : b.l. liu p.4/4 www.sunled.com packing & label specifications LUR12W


▲Up To Search▲   

 
Price & Availability of LUR12W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X