Part Number Hot Search : 
FR350 HD6417 HD6417 G4PSH71K BCM43 LM3842A HD6417 JANTX
Product Description
Full Text Search
 

To Download LUR11D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  published date : mar 20,2008 drawing no : sdsa4187 v3 checked : b.l.l iu p.1/4 part number: LUR11D t-1 (3mm) solid state lamp www.sunled.com part number emitting color emitting material lens-color luminous intensity (if=10ma) mcd wavelength nm p viewing angle 2 1/2 min. typ. LUR11D red gaasp/gap red diffused 8 19 627 40 features low power consumption. popular t-1 diameter package. general purpose leads. reliable and rugged. long life - solid state reliability. available on tape and reel. rohs compliant. notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. 3. specifications are subjec t to change without notice . absolute maximum ratings (t a =25c ) ur (gaasp/gap) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 160 ma power dissipation p t 75 mw operating temperature t a -40 ~ +85 storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3 seconds c lead solder temperature [5mm below package base] 260c for 5 seconds ur (gaasp/gap) unit forward voltage (typ.) (i f =10ma) v f 1.9 v forward voltage (max.) (i f =10ma) v f 2.5 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emission (typ.) (i f =10ma) p 627 nm wavelength of dominant emission (typ.) (i f =10ma) d 625 nm spectral line full width at half-maximum (typ.) (i f =10ma) ? 45 nm capacitance (v f =0v, f=1mhz) c 15 pf operating characteristics (t a =25c )
published date : mar 20,2008 drawing no : sdsa4187 v3 checked : b.l.l iu p.2/4 part number: LUR11D t-1 (3mm) solid state lamp www.sunled.com ur
published date : mar 20,2008 drawing no : sdsa4187 v3 checked : b.l.l iu p.3/4 part number: LUR11D t-1 (3mm) solid state lamp www.sunled.com remarks: if special sorting is required (e.g. binning based on forward vo ltage, luminous intensity / luminous flux or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
published date : mar 20,2008 drawing no : sdsa4187 v3 checked : b.l.l iu p.4/4 part number: LUR11D t-1 (3mm) solid state lamp www.sunled.com packing & label specifications LUR11D


▲Up To Search▲   

 
Price & Availability of LUR11D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X