Part Number Hot Search : 
F1003 CTQ080 IM6402 AD7819YN MC1437L 74AUP NTE6241 MC1437L
Product Description
Full Text Search
 

To Download LMR-400-UF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (800) tms-coax ? www.timesmicrowave.com 62 times microwave systems lmr- ? 400-uf ultraflex communications coax LMR-400-UF part description stock part number application jacket color code LMR-400-UF indoor/outdoor tpe black 54040 ? lmr ? - ultraflex has a stranded center conductor and rubber outer jacket designed for multiple bending/ fexing cycles. it is used for both indoor and outdoor applications. ? flexibility and bendability are hallmarks of the lmr- 400-uf cable design. the fexible outer conductor enables the tightest bend radius available for any cable of similar size and performance. ? low loss is another hallmark feature of lmr-400- uf. size for size lmr has the lowest loss of any fexible cable and comparable loss to semirigid hard-line cables. ? rf shielding is 50 db greater than typical single shielded coax (40 db). the multi-ply bonded foil outer conductor is rated conservatively at > 90 db (i.e. >180 db between two adjacent cables). ? weatherability : LMR-400-UF cables are designed for outdoor exposure and have a life expectancy in excess of 10 years. ? connectors : a wide variety of connectors are available for LMR-400-UF cable, including all common interface types, reverse polarity, and solder-on center pins . most lmr connectors employ crimp outer attachment using standard hex crimp sizes. ? cable assemblies : all LMR-400-UF cable types are available as pre-terminated cable assemblies. refer to the section on flextech for further details. ideal for ? drop-in replacement for rg-8/9913 air-dielectric type cable ? jumper assemblies in wireless communications systems ? short antenna feeder runs ? any application that requires periodic/repeated fexing construction specifcations description material in. (mm) inner conductor stranded bc 0.108 (2.74) dielectric foam polyethylene 0.285 (7.24) outer conductor aluminum tape 0.291 (7.39) overall braid tinned copper 0.320 (8.13) jacket black thermoplastic elastomer 0.405 (10.29) LMR-400-UF-fr indoor/outdoor frpe black 54270
(800) tms-coax ? www.timesmicrowave.com 63 times microwave systems LMR-400-UF environmental specifcations performance property 0 f o c installation temperature range -40/+185 -40/+85 storage temperature range -94/+185 -70/+85 operating temperature range -40/+185 -40/+85 electrical specifcations performance property units us (metric) velocity of propagation % 85 dielectric constant na 1.38 time delay ns/ft (ns/m) 1.20 (3.92) impedance ohms 50 capacitance pf/ft (pf/m) 23.9 (78.40) inductance uh/ft (uh/m) 0.060 (0.21) shielding effectiveness db >90 dc resistance inner conductor ohms/1000ft (/km) 1.07 (3.51) outer conductor ohms/1000ft (/km) 1.65 (5.4) voltage withstand volts dc 2500 jacket spark volts rms 8000 peak power kw 16 attenuation vs. frequency (typical) attenuation (db per 100 feet) 100.0 10.0 1.0 0.1 10 100 1,000 10,000 calculate attenuation = (0.146748) ? fmhz + (0.000312) ? fmhz (interactive calculator available at http://www.timesmicrowave.com/cable_calculators) attenuation: vswr=1.0; ambient = +25c (77f) power: vswr=1.0; ambient = +40c; inner conductor = 100c (212f); sea level; dry air; atmospheric pressure; no solar loading frequency (mhz) frequency (mhz) 30 50 150 220 450 900 1500 1800 2000 2500 5800 attenuation db/100 ft 0.8 1.1 1.8 2.2 3.3 4.7 6.2 6.8 7.2 8.1 13.0 attenuation db/100 m 2.7 3.5 6.1 7.4 10.7 15.4 20.2 22.3 23.6 26.6 42.6 avg. power kw 2.77 2.14 1.22 1.00 0.69 0.48 0.36 0.33 0.31 0.28 0.17 mechanical specifcations performance property units us (metric) bend radius: installation in. (mm) 1.0 (25.4) bend radius: repeated in. (mm) 4.0 (101.6) bending moment ft-lb (n-m) 0.375 (0.51) weight lb/ft (kg/m) .088 (0.131) tensile strength lb (kg) 160 (72.6) flat plate crush lb/in. (kg/mm) 20 (0.36)
(800) tms-coax ? www.timesmicrowave.com 64 times microwave systems tc-400-tm lmr ? -400-uf ultraflex communications coax tc-400-716-mc LMR-400-UF connectors inner outer finish* part stock vswr ** coupling contact contact body length width weight interface description number code freq. (ghz) nut attach attach /pin in (mm) in (mm) lb (g) 7-16 din female straight jack tc-400-716-fc 3190-376 <1.25:1 (2.5) na solder clamp s/s 1.6 (41) 1.13 (28.7) 0.281 (127.5) 7-16 din male straight plug tc-400-716-mc 3190-279 <1.25:1 (2.5) hex solder clamp s/s 1.4 (36) 1.40 (35.6) 0.268 (121.6) bnc male straight plug tc-400-bm 3190-318 <1.25:1 (2.5) knurl solder crimp n/s 1.7 (43) 0.56 (14.2) 0.063 (28.6) mini-uhf straight plug tc-400-muhf 3190-520 <1.25:1 (2.5) knurl solder crimp n/g 1.1 (28) 0.50 (12.7) 0.020 (9.1) n female straight jack tc-400-nfc 3190-299 <1.25:1 (2.5) na solder clamp n/s 1.6 (41) 0.75 (19.1) 0.119 (54.0) n male straight plug sc-400-nm 3190-1454 <1.25:1 (2.5) knurl solder crimp n/g 1.5 (38) 0.75 (19.1) 0.090 (40.8) straight plug tc-400-nm 3190-188 <1.25:1 (2.5) knurl solder crimp n/g 1.5 (38) 0.75 (19.1) 0.090 (40.8) straight plug tc-400-nmc 3190-277 <1.25:1 (2.5) knurl solder clamp n/g 1.5 (38) 0.75 (19.1) 0.121 (54.9) straight plug tc-400-nmh-d 3190-552 <1.25:1 (10) hex/knurl solder crimp a/g 1.5 (38) 0.89 (22.6) 0.113 (51.3) right angle tc-400-nmh-ra 3190-422 # <1.35:1 (6) hex solder crimp s/g 1.8 (46) 1.25 (31.8) 0.130 (59.0) right angle tc-400-nmh-ra-d 3190-2293 # <1.35:1 (6) hex/knurl solder crimp a/g 1.8 (46) 1.25 (31.8) 0.130 (59.0) sma male straight plug tc-400-sm 3190-439 <1.25:1 (8) hex solder crimp n/g 1.2 (29) 0.50 (12.7) 0.032 (14.5) tnc male straight plug tc-400-tm 3190-260 <1.25:1 (2.5) knurl solder crimp n/s 1.7 (43) 0.59 (15.0) 0.074 (33.6) right angle tc-400-tm-ra 3190-442 # <1.35:1 (2.5) knurl solder crimp n/g 1.7 (43) 0.59 (15.0) 0.085 (38.6) * finish metals: n=nickel, s=silver, g=gold, ss=stainless steel, a=alballoy **vswr spec based on 3 foot cable with a connector pair # available in bulk pack tc-400-bm tc-400-716-fc tc-400-nfc tc-400-tmh-ra tc-400-muhf sc-400nm tc-400nm tc-400-nmc tc-400-sm tc-400-nmh-ra tc-400-nmh-d tc-400-tm-ra tc-400-nmh-ra-d
(800) tms-coax ? www.timesmicrowave.com 65 times microwave systems LMR-400-UF gk-s400tt hg-400t part stock type number code description ground kit gk-s400tt gk-s400tt standard grounding kit (each) hoisting grip hg-400t hg-400t laced type (each) hardware accessories cr-400 hx-4 y1719 ct-400/300 cct-01 part stock type number code description crimp tool hx-4 3190-200 crimp handle crimp dies y1719 3190-202 .429" hex dies crimp tool ct-400/300 3190-666 crimp tool for lmr 400 connectors crimp rings cr-400 3190-830 crimp rings for tc/ez-400 connectors (package of 10) cutting tool cct-01 3190-1544 cable end fush cut tool replacement blade rb-01 3190-1609 replacement blade for cutting tool install tools


▲Up To Search▲   

 
Price & Availability of LMR-400-UF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X